Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4150 Arkusz danych(PDF) 1 Page - WILLAS ELECTRONIC CORP

Numer części 1N4150
Szczegółowy opis  1N4150 SIGNAL DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WILLAS [WILLAS ELECTRONIC CORP]
Strona internetowa  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

1N4150 Arkusz danych(HTML) 1 Page - WILLAS ELECTRONIC CORP

  1N4150 Datasheet HTML 1Page - WILLAS ELECTRONIC CORP 1N4150 Datasheet HTML 2Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1N 4150
1N4150 SIGNAL DIODE
Absolute Maximum Ratings (Ta=25
°C)
Items
Symbol
Ratings
Unit
Reverse Voltage
VR
50
V
Reverse Recovery
Time
trr
4
ns
Power Dissipation
3.33mW /
°C (25°C)
P
500
mW
Forward Current
IF
200
mA
Junction Temp.
Tj
-65 to 200
°C
Storage Temp.
Tstg
-65 to 200
°C
Mechanical Data
Items
Materials
Package
DO-35
Case
Hermetically sealed glass
Lead/Finish
Double stud/Solder Plating
Chip
Glass Passivated
Dimensions (DO-35)
Dim ensions in millim eters
Electrical Characteristics (Ta=25
°C)
Ratings
Symbol
Ratings
Unit
Breakdown Voltage
IR= 5.0uA
BV
50
V
Peak Forward Surge Current PW = 1sec.
IFsurge
1.0
A
Maximum Forward Voltage
IF= 200mA
VF
1.0
V
Maximum Reverse Current
VR= 50V
VR= 20V, Tj= 150
°C
IR
0.10
100
uA
Maximum Junction Capacitance
VR= 0, f= 1 MHz
Cj
2.5
pF
Max Reverse Recovery Time
IF= -IR= 10-200mA, to 0.1 IF
trr
4
ns
1.02( 26.0)
MIN.
.022(0.55)
.018(0.45)
1.02( 26.0)
MIN.
.087(2.2)
.067(1.7)
.153(3.6)
.132(3.0)
WILLAS
WILLAS ELECTRONIC CORP.
SCS501V
VOLTAGE 40V
0.1AMP Schottky Barrier Rectifiers
FEATURES
* Extremely Low VF
* Extremely thin package
* Low stored charge
* Majority carrier conduction
* Case:Molded plastic, JEDEC SOD-323(SC-76)
* Terminal : Solder plated, solderable per MIL-STD-750,
Method 2026
* Polarity : Indicated by cathode band
* Mounting Position : Any
* Weight : 0.000159 ounce, 0.0045 gram
MAXIMUM RATING AND ELECTRICAL CHARACTERISTICS
Rating 25
oC ambient temperature unless otherwise specified.
Single phase half wave, 60Hz, resistive of inductive load.
For capacitive load, derate current by 20%
Symbol
Min.
Typ.
Max.
Unit
VRM
45
V
VR
40
V
I F = 10mA DC
F1
V
V
VR = 10V DC
IR
0.55
0.34
µ A
IO
30
A
A
TJ
oC
TSTG
oC
1
Continuous Reverse Voltage
Parameter
Forward Voltage
IFSM
Operating Temperature
Mean Rectifying Current
Conditions
Repetitive Peak Reverse Voltage
Storage Temperature
Reverse Current
V
F2
V
I F = 100mA DC
0.1
125
Peak forward surge current
Capacitance between terminals
CT
6.0
pF
-40
SOD-323(SC-76)
Marking Code: JV or 4
.010 (0.25)
min.
.012 (0.3)
.059 (1.5)
Cathode Band
Top View
.043 (1.1)
Dimensions in inches
and (millimeters)
+125
MECHANICAL DATA
Pb Free Product
2004.12


Podobny numer części - 1N4150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
1N4150 PHILIPS-1N4150 Datasheet
53Kb / 8P
   High-speed diodes
1999 Jun 01
logo
SHENZHEN YONGERJIA INDU...
1N4150 WINNERJOIN-1N4150 Datasheet
128Kb / 3P
   High-speed switching diode
logo
GOOD-ARK Electronics
1N4150 GOOD-ARK-1N4150 Datasheet
23Kb / 1P
   SILICON EPITAXIAL PLANAR DIODES
logo
New Jersey Semi-Conduct...
1N4150 NJSEMI-1N4150 Datasheet
44Kb / 1P
   Small Signal Devices
logo
TRANSYS Electronics Lim...
1N4150 TEL-1N4150 Datasheet
128Kb / 2P
   HIGH SPEED SILICON SWITCHING DIODE
More results

Podobny opis - 1N4150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
WILLAS ELECTRONIC CORP
MM4150 WILLAS-MM4150 Datasheet
479Kb / 1P
   1N4150 mini-MELF SIGNAL DIODE
logo
Rectron Semiconductor
MM4150 RECTRON-MM4150 Datasheet
21Kb / 1P
   1N4150 mini-MELF SIGNAL DIODE
SD4150 RECTRON-SD4150 Datasheet
17Kb / 1P
   SURFACE MOUNT 1N4150 DIODE
1N4151 RECTRON-1N4151 Datasheet
11Kb / 1P
   SIGNAL DIODE
1N914B RECTRON-1N914B Datasheet
11Kb / 1P
   SIGNAL DIODE
1N4454 RECTRON-1N4454 Datasheet
11Kb / 1P
   SIGNAL DIODE
1N4148 RECTRON-1N4148 Datasheet
11Kb / 1P
   SIGNAL DIODE
1N4448 RECTRON-1N4448 Datasheet
11Kb / 1P
   SIGNAL DIODE
logo
WILLAS ELECTRONIC CORP
1N4148 WILLAS-1N4148 Datasheet
331Kb / 2P
   SIGNAL DIODE
logo
Rectron Semiconductor
1N4150 RECTRON-1N4150 Datasheet
16Kb / 1P
   SIGNAL DIODE
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com