Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MJ10009 Arkusz danych(PDF) 6 Page - Motorola, Inc

Numer części MJ10009
Szczegółowy opis  20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 450 and 500 VOLTS 175 WATTS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOTOROLA [Motorola, Inc]
Strona internetowa  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MJ10009 Arkusz danych(HTML) 6 Page - Motorola, Inc

  MJ10009 Datasheet HTML 1Page - Motorola, Inc MJ10009 Datasheet HTML 2Page - Motorola, Inc MJ10009 Datasheet HTML 3Page - Motorola, Inc MJ10009 Datasheet HTML 4Page - Motorola, Inc MJ10009 Datasheet HTML 5Page - Motorola, Inc MJ10009 Datasheet HTML 6Page - Motorola, Inc MJ10009 Datasheet HTML 7Page - Motorola, Inc MJ10009 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
MJ10009
6
Motorola Bipolar Power Transistor Device Data
The Safe Operating Area figures shown in Figures 11 and 12 are
specified ratings for these devices under the test conditions
shown.
50
Figure 11. Forward Bias Safe Operating Area
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
20
5
1
0.5
0.1
0.005
6
10
20
600
BONDING WIRE LIMIT
THERMAL LIMIT @ TC = 25°C
(SINGLE PULSE)
SECOND BREAKDOWN LIMIT
50
0.05
dc
0.2
100
200
450
100
µs
10
µs
20
0
Figure 12. Reverse Bias Switching
Safe Operating Area (MJ10009)
VCE, COLLECTOR–EMITTER VOLTAGE (VOLTS)
16
12
0
500
4
8
300
400
100
200
VBE(off) = 5 V
1 ms
MJ10009
VBE(off) = 2 V
VBE(off) = 0 V
TC = 100°C
IC/IB1 ≥ 20
10
2
0.02
0.01
500
18
14
10
6
2
SAFE OPERATING AREA INFORMATION
FORWARD BIAS
There are two limitations on the power handling ability of a
transistor: average junction temperature and second break-
down. Safe operating area curves indicate IC – VCE limits of
the transistor that must be observed for reliable operation,
i.e., the transistor must not be subjected to greater dissipa-
tion than the curves indicate.
The data of Figure 11 is based on TC = 25_C; TJ(pk) is
variable depending on power level. Second breakdown pulse
limits are valid for duty cycles to 10% but must be derated
when TC ≥ 25_C. Second breakdown limitations do not der-
ate the same as thermal limitations. Allowable current at the
voltages shown on Figure 11 may be found at any case tem-
perature by using the appropriate curve on Figure 13.
TJ(pk) may be calculated from the data in Figure 10. At
high case temperatures, thermal limitations will reduce the
power that can be handled to values less than the limitations
imposed by second breakdown.
REVERSE BIAS
For inductive loads, high voltage and high current must be
sustained simultaneously during turn–off, in most cases, with
the base to emitter junction reverse biased. Under these
conditions the collector voltage must be held to a safe level
at or below a specific value of collector current. This can be
accomplished by several means such as active clamping,
RC snubbing, load line shaping, etc. The safe level for these
devices is specified as VCEX(sus) at a given collector current
and represents a voltage–current condition that can be sus-
tained during reverse biased turn–off. This rating is verified
under clamped conditions so that the device is never sub-
jected to an avalanche mode. Figure 12 gives the complete
reverse bias safe operating area characteristics. See Table 1
for circuit conditions.
10
0
Figure 13. Power Derating
VBE(off), REVERSE BASE CURRENT (VOLTS)
7
5
0
2
5
8
7
2
IC = 10 A
1
SEE TABLE 1 FOR CONDITIONS,
FIGURE 7 FOR WAVESHAPE.
100
80
60
20
0
0
40
80
120
200
Figure 14. Reverse Base Current versus
VBE(off) with No External Base Resistance
TC, CASE TEMPERATURE (°C)
THERMAL DERATING
FORWARD BIAS
SECOND BREAKDOWN
DERATING
160
40


Podobny numer części - MJ10009

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Mospec Semiconductor
MJ10009 MOSPEC-MJ10009 Datasheet
189Kb / 4P
   POWER TRANSISTORS(20A,400-500V,175W)
logo
ON Semiconductor
MJ10009 ONSEMI-MJ10009 Datasheet
235Kb / 8P
   NPN SILICON POWER DARLINGTON TRANSISTORS
1995 REV 2
logo
Wing Shing Computer Com...
MJ10009 WINGS-MJ10009 Datasheet
21Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Boca Semiconductor Corp...
MJ10009 BOCA-MJ10009 Datasheet
196Kb / 4P
   SWITCHMODE SERIES NPN SILICON POWER DARLINGTON TRANSISTORS WITH BASE-EMITTER SPEEDUP DIODE
logo
New Jersey Semi-Conduct...
MJ10009 NJSEMI-MJ10009 Datasheet
101Kb / 2P
   NPN SILICON POWER DARLINGTON TRANSISTORS WITH BASE-EMITTER SPEEDUP DIODE
More results

Podobny opis - MJ10009

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Motorola, Inc
MJ10000 MOTOROLA-MJ10000 Datasheet
212Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 350 VOLTS 175 WATTS
MJ10005 MOTOROLA-MJ10005 Datasheet
229Kb / 8P
   20 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 VOLTS 175 WATTS
MJ13333 MOTOROLA-MJ13333 Datasheet
278Kb / 8P
   20 AMPERE NPN SILICON POWER TRANSISTORS 400-500 VOLTS 175 WATTS
MJ16010 MOTOROLA-MJ16010 Datasheet
548Kb / 10P
   15 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 135 AND 175 WATTS
MJ10012 MOTOROLA-MJ10012 Datasheet
191Kb / 6P
   10 AMPERE POWER TRANSISTORS DARLINGTON NPN SILICON 400 VOLTS 175 AND 118 WATTS
MJ10015 MOTOROLA-MJ10015 Datasheet
217Kb / 6P
   50 AMPERE NPN SILICON POWER DARLINGTON TRANSISTORS 400 AND 500 VOLTS 250 WATTS
MJE16002 MOTOROLA-MJE16002 Datasheet
425Kb / 10P
   5.0 AMPERE NPN SILICON POWER TRANSISTORS 450 VOLTS 80 WATTS
BU522B MOTOROLA-BU522B Datasheet
105Kb / 4P
   7 AMPERES DARLINGTON POWER TRANSISTORS NPN SILICON 450 VOLTS 75 WATTS
BU323A MOTOROLA-BU323A Datasheet
239Kb / 6P
   16 AMPERE PEAK POWER TRANSISTOR DARLINGTON NPN SILICON 400 VOLTS 175 WATTS
logo
ON Semiconductor
MJH6284 ONSEMI-MJH6284_06 Datasheet
82Kb / 5P
   DARLINGTON 20 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS 100 VOLTS, 160 WATTS
July, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com