Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA4537MC Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LA4537MC
Szczegółowy opis  Power Amplifier For 1.5V Headphone Stereos
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA4537MC Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LA4537MC Datasheet HTML 1Page - Sanyo Semicon Device LA4537MC Datasheet HTML 2Page - Sanyo Semicon Device LA4537MC Datasheet HTML 3Page - Sanyo Semicon Device LA4537MC Datasheet HTML 4Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
LA4537MC
No.A2033-2/4
Electrical Characteristics at Ta
= 25°C, RL = 16Ω, Rg = 600Ω, See specified Test Circuit.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Quiescent current
ICCO1
VCC = 1.2V, quiescent
3.5
6.0
mA
ICCO2
VCC = 2.5V, pin 10 → GND
1.4
2.5
mA
ICCO3
VCC = 2.5V, pin 1 → GND
1.0
μA
Voltage gain
VG
VCC = 1.2V, f = 1kHz, VO = −20dBm
28.5
30.0
31.5
dB
Voltage gain difference
ΔVG
VCC = 1.2V, f = 1kHz, VO = −20dBm
1.0
dB
Total harmonic distortion
THD
VCC = 1.2V, f = 1kHz, PO = 0.5mW
0.5
1.5
%
Output power
PO
VCC = 1.5V, f = 1kHz, THD = 10%
5
8
mW
Crosstalk
CT
VCC = 1.2V, f = 100Hz, Rg = 1kΩ,
VO = −20dB
40
45
dB
Ripple rejection
SVRR
VCC = 1.0V, f = 100Hz, Rg = 1kΩ,
VR = −30dBm, BPF = 100Hz
40
46
dB
Output noise voltage
VNO
VCC = 2.5V, Rg = 1kΩ, BPF = 20Hz to 20kHz
55
80
μV
Power on current sensitivity
I1 (on)
VCC = 0.85V, V5 ≥ 0.5V
0.1
1.0
μA
Power off voltage sensitivity
V1 (off)
VCC = 0.85V, V5 ≤ 0.1V
0.5
0.6
V
Muting off current sensitivity
I10 (off)
VCC = 0.85V, V5 ≥ 0.5V
0.1
1.0
μA
Muting on voltage sensitivity
V10 (on)
VCC = 0.85V, V5 ≤ 0.1V
0.5
0.6
V
Note) The quiescent current is respresented by the current flowing into pin 6. The respective maximum currents flowing into pin 1 and pin 10 are calculated by
(pin voltage -0.5) / 16 [V/k
Ω] and the total current increases by these current values.
Package Dimensions
unit : mm (typ)
3426
SANYO : SOIC10
5.0
6
10
5
1
0.15
0.35
1.0


Podobny numer części - LA4537MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LA4537MC ONSEMI-LA4537MC Datasheet
167Kb / 8P
   Power Amplifier for 1.5V Headphone Stereos
May, 2013
LA4537MC-BH ONSEMI-LA4537MC-BH Datasheet
167Kb / 8P
   Power Amplifier for 1.5V Headphone Stereos
May, 2013
More results

Podobny opis - LA4537MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LA4537MC-BH ONSEMI-LA4537MC-BH Datasheet
167Kb / 8P
   Power Amplifier for 1.5V Headphone Stereos
May, 2013
logo
Sanyo Semicon Device
LA4537M SANYO-LA4537M Datasheet
73Kb / 3P
   Power Amplifier for 1.5V Headphone Stereos?
LA4537M SANYO-LA4537M_08 Datasheet
204Kb / 4P
   Power Amplifier For 1.5V Headphone Stereos
logo
Rohm
BA3632K ROHM-BA3632K Datasheet
339Kb / 16P
   Pre / power amplifier for 1.5V headphone stereos
logo
Weida Semiconductor, In...
YD7000 WEIDA-YD7000 Datasheet
31Kb / 4P
   POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Wuxi Youda electronics ...
YD7000 YOUDA-YD7000 Datasheet
92Kb / 4P
   POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Unisonic Technologies
A4533 UTC-A4533_15 Datasheet
168Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
logo
Sanyo Semicon Device
LA4533M SANYO-LA4533M Datasheet
72Kb / 3P
   Power Amplifier for 3V Headphone Stereos
logo
Rohm
BA3612AKV ROHM-BA3612AKV Datasheet
304Kb / 14P
   Pre-power amplifier for headphone stereos
logo
Unisonic Technologies
A4533 UTC-A4533 Datasheet
112Kb / 4P
   LOW POWER AMPLIFIER FOR HEADPHONE STEREOS
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com