Zakładka z wyszukiwarką danych komponentów |
|
LC72722PM Arkusz danych(PDF) 10 Page - Sanyo Semicon Device |
|
LC72722PM Arkusz danych(HTML) 10 Page - Sanyo Semicon Device |
10 / 18 page LC72722PM No. 6123-10/18 (3) Synchronization and RAM address reset (1bit) : SYR SYR Synchronization detection circuit RAM 0 Normal operation (reset cleared) Normal write (See the description of the OWE bit) 1 Forced to the unsynchronized state (synchronization reset) After the reset is cleared, start writing from the data prior to the establishment of synchronization, i.e. the data in backward protection. Initial value : SYR = 0 Caution : 1. To apply a synchronization reset, set SYR to 1 temporarily using CCB, and then set it back to 0 again using CCB. The circuit will start synchronization capture operation at the point SYR is set to 0. 2. The SYR pin (pin24) also provides an identical reset control operation. Applications can use either method. However, the control method that is not used must be set to 0 at all times. Any pulse with a width of over 250 ns will suffice. 3. A reset must be applied immediately after the reception channel is changed. If a reset is not applied, reception data from the previous channel may remain in on-chip memory. 4. Data read out after a synchronization reset is read out starting with the backward protection block data preceding the establishment of synchronization. (4) RAM write control (1bit) : OWE OWE RAM write conditions 0 Only data for which synchronization had been established is written. 1 Data for which synchronization not has been established (unsynchronized data) is also written. (However, this applies when SYR = 0.) Initial value : OWE = 0 (5) Error correction method setting (5bits) : EC0 to EC4 Initial values : EC0 = 0, EC1 = 1, EC2 = 0, EC3 = 0, EC4 = 1 Caution : 1. If soft-decision A or soft-decision B is specified, soft-decision control will be performed even if the number of bits corrected is set to 0 (error detection only). With these settings, data will be output for blocks with no errors. 2. As opposed to soft-decision B, the soft-decision A setting suppresses soft decision error correction. (6) Intermittent DO output setting SP0 SP1 DO output state 0 0 DO goes low when one or more blocks of data are written to memory. 1 0 DO goes low when 4 or more blocks of data are written to memory. 0 1 DO goes low when 8 or more blocks of data are written to memory. 1 1 DO goes low when 12 or more blocks of data are written to memory. Initial values : SP0 = 0, SP1 = 0 E C 0 E C 1 E C 2 Number of bits corrected 0 0 0 0 (error detection only) 1 0 0 1 or fewer bits 0 1 0 2 or fewer bits 1 1 0 3 or fewer bits 0 0 1 4 or fewer bits 1 0 1 5 or fewer bits 0 1 1 Illegal value 1 1 1 Illegal value E C 3 E C 4 Soft-decision setting 00 MODE0 Hard decision 10 MODE1 Soft decision A 01 MODE2 Soft decision B 1 1 Illegal value |
Podobny numer części - LC72722PM_12 |
|
Podobny opis - LC72722PM_12 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |