Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7616A4A Arkusz danych(PDF) 3 Page - A-Data Technology

Numer części ADS7616A4A
Szczegółowy opis  Synchronous DRAM(2M X 16 Bit X 4 Banks)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  A-DATA [A-Data Technology]
Strona internetowa  https://www.adata.com
Logo A-DATA - A-Data Technology

ADS7616A4A Arkusz danych(HTML) 3 Page - A-Data Technology

  ADS7616A4A Datasheet HTML 1Page - A-Data Technology ADS7616A4A Datasheet HTML 2Page - A-Data Technology ADS7616A4A Datasheet HTML 3Page - A-Data Technology ADS7616A4A Datasheet HTML 4Page - A-Data Technology ADS7616A4A Datasheet HTML 5Page - A-Data Technology ADS7616A4A Datasheet HTML 6Page - A-Data Technology ADS7616A4A Datasheet HTML 7Page - A-Data Technology ADS7616A4A Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
A-Data
ADS7616A4A
Absolute Maximum Ratings
Parameter
Symbol
Value
Unit
Voltage on any pin relative to Vss
VIN, Vout
-3.0 ~ VCC+0.3
V
Voltage on VDD supply relative to Vss
VDD, VDDQ
-0.3 ~ 4.6
V
Storage temperature
TSTG
-55 ~ +150
Power dissipation
PD
1
W
Short circuit current
IOS
50
mA
Note : Permanent device damage may occur if ABSOLUTE MAXIMUM RATING are exceeded.
Functional operation should be restricted to recommended operating condition.
Exposure to higher than recommended voltage for extended periods of time could affect device reliability.
DC Operating Condition
Voltage referenced to Vss = 0V, TA = 0 to 70 ℃
Parameter
Symbol
Min
Typ
Max
Unit
Note
Supply voltage
VDD, VDDQ
3.0
3.3
3.6
V
Input logic high voltage
VIH
2.0
3.0
VDD+0.3
V
1
Input logic low voltage
VIL
-0.3
0
0.8
V
2
Output logic high voltage
VOH
2.4
-
-
V
IOH=-2mA
Output logic low voltage
VOL
-
-
0.4
V
IOL=2mA
Input leakage current
IIL
-5
-
5
uA
3
Output leakage current
IOL
-5
-
5
uA
4
Note : 1. VIH (max)=4.6V AC for pulse width ≦ 10ns acceptable.
2.VIL(min)=-1.5V AC for pulse width ≦ 10ns acceptable.
3.Any input 0V ≦ VIN ≦ VDD + 0.3V, all other pins are not under test = 0V.
4.Dout is disabled, 0V ≦ VOUT ≦ VDD.
AC Operating Condition
Voltage referenced to Vss = 0V, TA = 0 to 70 ℃
Parameter
Symbol
Value
Unit
Note
AC input high / low level voltage
VIH / VIL
2.4 / 0.4
V
Input timing measurement reference level voltage
Vtrip
1.4
V
Input rise / fall time
TR / tF
2
ns
Output timing measurement reference level
Voutfef
1.4
V
Output load capacitance for access time measurement
CL
50
pF
2
Note: 1. 3.15V ≦ VDD ≦ 3.6V is applied for ADS7616A4A55.
2. Output load to measure access times is equivalent to two TTL gates and one capacitor (30pF). For details,
refer to AC/DC output load circuit.
Rev 1.0 April, 2001
3


Podobny numer części - ADS7616A4A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
A-Data Technology
ADS7608A4A A-DATA-ADS7608A4A Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
ADS7608A4A-5 A-DATA-ADS7608A4A-5 Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
ADS7608A4A-55 A-DATA-ADS7608A4A-55 Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
ADS7608A4A-6 A-DATA-ADS7608A4A-6 Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
ADS7608A4A-7 A-DATA-ADS7608A4A-7 Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
More results

Podobny opis - ADS7616A4A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AMIC Technology
A43L3616 AMICC-A43L3616 Datasheet
865Kb / 41P
   2M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_06 Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A_09 Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52S128168A ESMT-M52S128168A_08 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A_1 Datasheet
366Kb / 22P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52D128168A ESMT-M52D128168A_1 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS7616A4A A-DATA-VDS7616A4A Datasheet
576Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
AMIC Technology
A43L3616A AMICC-A43L3616A Datasheet
635Kb / 41P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S128168A ESMT-M12S128168A Datasheet
960Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com