Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADS7616A4A-55 Arkusz danych(PDF) 4 Page - A-Data Technology

Numer części ADS7616A4A-55
Szczegółowy opis  Synchronous DRAM(2M X 16 Bit X 4 Banks)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  A-DATA [A-Data Technology]
Strona internetowa  https://www.adata.com
Logo A-DATA - A-Data Technology

ADS7616A4A-55 Arkusz danych(HTML) 4 Page - A-Data Technology

  ADS7616A4A-55 Datasheet HTML 1Page - A-Data Technology ADS7616A4A-55 Datasheet HTML 2Page - A-Data Technology ADS7616A4A-55 Datasheet HTML 3Page - A-Data Technology ADS7616A4A-55 Datasheet HTML 4Page - A-Data Technology ADS7616A4A-55 Datasheet HTML 5Page - A-Data Technology ADS7616A4A-55 Datasheet HTML 6Page - A-Data Technology ADS7616A4A-55 Datasheet HTML 7Page - A-Data Technology ADS7616A4A-55 Datasheet HTML 8Page - A-Data Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
A-Data
ADS7616A4A
Capacitance
TA=25℃, f-=1Mhz, VDD=3.3V
Parameter
Pin
Symbol
Min
Max
Unit
CLK
Cl1
-
3.5
pF
Input capacitance
A0~A11,BA0,BA1,CKE,/CS,/RAS,
/CAS,/WE,DQM
Cl2
-
3.8
pF
Data input / output capacitance DQM
CI/O
-
6.5
pF
Output load circuit
VOH(DC) = 2.4V,IOH= -2mA
VOL(DC) = 0.4V,IOL= 2mA
3.3 V
1200 ohms
870 ohms
50 pF
Output
DC Characteristics I
Parameter
Symbol
Min
Max
Unit
Note
Input leakage current
ILI
-5
5
uA
1
Output leakage current
ILO
-5
5
uA
2
Output high voltage
VOH
2.4
-
V
IOH = -4mA
Output low voltage
VOL
-
0.4
V
IOL = 4mA
Note : 1.VIN = 0 TO 3.6V, All other pins are not tested under VIN = 0V.
2.DOUT is disabled, VOUT = 0 to 3.6.
Rev 1.0 April, 2001
4


Podobny numer części - ADS7616A4A-55

ProducentNumer częściArkusz danychSzczegółowy opis
logo
A-Data Technology
ADS7608A4A A-DATA-ADS7608A4A Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
ADS7608A4A-5 A-DATA-ADS7608A4A-5 Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
ADS7608A4A-55 A-DATA-ADS7608A4A-55 Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
ADS7608A4A-6 A-DATA-ADS7608A4A-6 Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
ADS7608A4A-7 A-DATA-ADS7608A4A-7 Datasheet
696Kb / 8P
   Synchronous DRAM(4M X 8 Bit X 4 Banks)
Rev 1 April, 2001
More results

Podobny opis - ADS7616A4A-55

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AMIC Technology
A43L3616 AMICC-A43L3616 Datasheet
865Kb / 41P
   2M X 16 Bit X 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12L128168A ESMT-M12L128168A_06 Datasheet
786Kb / 43P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A_09 Datasheet
673Kb / 45P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52S128168A ESMT-M52S128168A_08 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A Datasheet
808Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M12L128168A ESMT-M12L128168A_1 Datasheet
366Kb / 22P
   2M x 16 Bit x 4 Banks Synchronous DRAM
M52D128168A ESMT-M52D128168A_1 Datasheet
1Mb / 47P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
A-Data Technology
VDS7616A4A A-DATA-VDS7616A4A Datasheet
576Kb / 8P
   Synchronous DRAM(2M X 16 Bit X 4 Banks)
Rev 1.0 April, 2001
logo
AMIC Technology
A43L3616A AMICC-A43L3616A Datasheet
635Kb / 41P
   2M x 16 Bit x 4 Banks Synchronous DRAM
logo
Elite Semiconductor Mem...
M12S128168A ESMT-M12S128168A Datasheet
960Kb / 44P
   2M x 16 Bit x 4 Banks Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com