Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD10242 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD10242
Szczegółowy opis  Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD10242 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD10242 Datasheet HTML 4Page - Analog Devices AD10242 Datasheet HTML 5Page - Analog Devices AD10242 Datasheet HTML 6Page - Analog Devices AD10242 Datasheet HTML 7Page - Analog Devices AD10242 Datasheet HTML 8Page - Analog Devices AD10242 Datasheet HTML 9Page - Analog Devices AD10242 Datasheet HTML 10Page - Analog Devices AD10242 Datasheet HTML 11Page - Analog Devices AD10242 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
–8–
REV. A
AD10242–Typical Performance Characteristics
FREQUENCY – MHz
0
–60
–100
020
2468
10
12
14
16
18
–10
–50
–70
–90
–30
–40
–80
–20
ENCODE = 40.0 MSPS
AIN = 4.85 MHz
AIN = –1 dBFs
SNR = 66.4 dB
SFDR = 72.8 dBc
Figure 6. Single Tone @ 4.85 MHz
FREQUENCY – MHz
0
–60
–100
0
20
2468
10
12
14
16
18
–10
–50
–70
–90
–30
–40
–80
–20
ENCODE = 40.0 MSPS
AIN = 9.9 MHz
AIN = –1 dBFs
SNR = 66.0 dB
SFDR = 65.7 dBc
Figure 7. Single Tone @ 9.9 MHz
FREQUENCY – MHz
0
–60
–100
0
20
2468
10
12
14
16
18
–10
–50
–70
–90
–30
–40
–80
–20
ENCODE = 40.0 MSPS
AIN = 19.5 MHz
AIN = –1 dBFs
SNR = 64.3 dB
SFDR = 63.3 dBc
Figure 8. Single Tone @ 19.5 MHz
FREQUENCY – MHz
0
–60
–100
020
2468
10
12
14
16
18
–10
–50
–70
–90
–30
–40
–80
–20
ENCODE = 40.0 MSPS
AIN1 = 9.8 MHz
AIN1 = –7 dBFs
AIN2 = 10.1 MHz
AIN2 = –7 dBFs
SFDR = 76.0 dBc
Figure 9. Two Tone FFT @ 9.8/10.1 MHz
FREQUENCY – MHz
0
–60
–100
020
2468
10
12
14
16
18
–10
–50
–70
–90
–30
–40
–80
–20
ENCODE = 40.0 MSPS
AIN1 = 19.5 MHz
AIN1 = –7 dBFs
AIN2 = 19.7 MHz
AIN2 = –7 dBFs
SFDR = 70.6 dBc
Figure 10. Two Tone FFT @ 19.5/19.7 MHz
ANALOG INPUT FREQUENCY – MHz
66
58
520
10
76
68
64
60
72
70
62
74
ENCODE = 40.0 MSPS
AIN = –1 dBFs
T = +125 C
T = +25 C
T = –55 C
Figure 11. Harmonics vs. AIN


Podobny numer części - AD10242

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD10242 AD-AD10242 Datasheet
448Kb / 16P
   MCM A/D Converter
logo
MicroPower Direct, LLC
AD102424F MPD-AD102424F Datasheet
292Kb / 2P
   AD1024F Series
logo
Analog Devices
AD10242BZ AD-AD10242BZ Datasheet
448Kb / 16P
   MCM A/D Converter
AD10242TZ AD-AD10242TZ Datasheet
448Kb / 16P
   MCM A/D Converter
AD10242TZ/883B AD-AD10242TZ/883B Datasheet
448Kb / 16P
   MCM A/D Converter
More results

Podobny opis - AD10242

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD13280 AD-AD13280 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10242 AD-AD10242_15 Datasheet
319Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter
REV. C
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
AD13465 AD-AD13465 Datasheet
1Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10465 AD-AD10465 Datasheet
2Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280BF AD-AD13280BF Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
AD15452 AD-AD15452 Datasheet
340Kb / 16P
   12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com