Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA6324N Arkusz danych(PDF) 1 Page - Sanyo Semicon Device

Numer części LA6324N
Szczegółowy opis  High-Performance Quad Operational Amplifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6324N Arkusz danych(HTML) 1 Page - Sanyo Semicon Device

  LA6324N_12 Datasheet HTML 1Page - Sanyo Semicon Device LA6324N_12 Datasheet HTML 2Page - Sanyo Semicon Device LA6324N_12 Datasheet HTML 3Page - Sanyo Semicon Device LA6324N_12 Datasheet HTML 4Page - Sanyo Semicon Device LA6324N_12 Datasheet HTML 5Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
92706 / O2504TN(PC)/63096HA(II)/4138TA(KOTO) No.2704-1/5
LA6324N
LA6324NM
Overview
The LA6324 consists of four independent, high-performance, internally phase compensated operational amplifiers that are
designed to operate from a single power supply over a wide range of voltages. These four operational amplifiers are
packaged in a single package. As in case of conventional general-purpose operational amplifiers, operation from dual
power supplies is also possible and the power dissipation is low. It can be applied to various uses in commercial and
industrial equipment including all types of transducer amplifiers and DC amplifiers.
Features
• No phase compensation required
• Wide operating voltage range:
3.0 V to 30.0 V (single supply)
±1.5 V to ±15.0 V (dual supplies)
• Highly resistant to dielectric breakdown
• Input voltag range includes the neighborhood of GND level and output voltage range VOUT is from 0 to VCC 1.5 V.
• Small current dissipation:
ICC = 0.6 mA typ/VCC = + 5 V, RL = ∞
Specitications
Absolute Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum Supply voltage
VCC max
32
V
Differential input voltage
VID
32
V
Maximum input voltage
VIN max
-0.3 to +32
V
Allowable power dissipation
Pd max
LA6324N
720
mW
LA6324NM
330
mW
Operating temperature
Topr
-30 to +85
°C
Storage temperature
Tstg
-55 to +125
°C
Ordering number : ENN2704C
Monolithic Linear IC
High-Performance
Quad Operational Amplifier
Any and all SANYO Semiconductor products described or contained herein do not have specifications
that can handle applications that require extremely high levels of reliability, such as life-support systems,
aircraft's control systems, or other applications whose failure can be reasonably expected to result in
serious physical and/or material damage. Consult with your SANYO Semiconductor representative
nearest you before using any SANYO Semiconductor products described or contained herein in such
applications.
SANYO Semiconductor assumes no responsibility for equipment failures that result from using products
at values that exceed, even momentarily, rated values (such as maximum ratings, operating condition
ranges, or other parameters) listed in products specifications of any and all SANYO Semiconductor
products described or contained herein.


Podobny numer części - LA6324N_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA6324NJM SANYO-LA6324NJM Datasheet
187Kb / 5P
   High-Performance Quad Operational Amplifier
LA6324NM SANYO-LA6324NM Datasheet
113Kb / 5P
   High-Performance Quad Operational Amplifier
LA6324NM SANYO-LA6324NM Datasheet
141Kb / 5P
   High-Performance Quad Operational Amplifier
LA6324N SANYO-LA6324N_06 Datasheet
141Kb / 5P
   High-Performance Quad Operational Amplifier
More results

Podobny opis - LA6324N_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA6324N SANYO-LA6324N_06 Datasheet
141Kb / 5P
   High-Performance Quad Operational Amplifier
logo
NXP Semiconductors
NE5514 PHILIPS-NE5514 Datasheet
54Kb / 3P
   Quad high-performance operational amplifier
August 31, 1994
logo
NEC
UPC3403 NEC-UPC3403 Datasheet
270Kb / 8P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
UPC4741 NEC-UPC4741 Datasheet
274Kb / 10P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER????
logo
Renesas Technology Corp
PC3403 RENESAS-PC3403_15 Datasheet
310Kb / 10P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
logo
Sanyo Semicon Device
LA6324N SANYO-LA6324N Datasheet
113Kb / 5P
   High-Performance Quad Operational Amplifier
LA6324NJM SANYO-LA6324NJM Datasheet
187Kb / 5P
   High-Performance Quad Operational Amplifier
logo
STMicroelectronics
LS404CN STMICROELECTRONICS-LS404CN Datasheet
265Kb / 11P
   HIGH PERFORMANCE QUAD OPERATIONAL AMPLIFIER
logo
ON Semiconductor
LA6324N ONSEMI-LA6324N Datasheet
128Kb / 5P
   High-Performance Quad Operational Amplifier
August, 2013
logo
STMicroelectronics
TS274 STMICROELECTRONICS-TS274_08 Datasheet
158Kb / 14P
   High performance CMOS quad operational amplifier
More results


Html Pages

1 2 3 4 5


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com