Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LC717A10AJ Arkusz danych(PDF) 8 Page - Sanyo Semicon Device

Numer części LC717A10AJ
Szczegółowy opis  Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC717A10AJ Arkusz danych(HTML) 8 Page - Sanyo Semicon Device

Back Button LC717A10AJ Datasheet HTML 3Page - Sanyo Semicon Device LC717A10AJ Datasheet HTML 4Page - Sanyo Semicon Device LC717A10AJ Datasheet HTML 5Page - Sanyo Semicon Device LC717A10AJ Datasheet HTML 6Page - Sanyo Semicon Device LC717A10AJ Datasheet HTML 7Page - Sanyo Semicon Device LC717A10AJ Datasheet HTML 8Page - Sanyo Semicon Device LC717A10AJ Datasheet HTML 9Page - Sanyo Semicon Device LC717A10AJ Datasheet HTML 10Page - Sanyo Semicon Device LC717A10AJ Datasheet HTML 11Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
LC717A10AJ
No.A2162-8/11
Block Diagram
Cin0
VDD
VSS
INTOUT
Cin1
Cin2
Cin3
Cin4
Cin5
Cin6
Cin7
Cin8
Cin9
Cin10
Cin11
Cin12
Cin13
Cin14
Cin15
Cref
CrefAdd
Cdrv
nRST
nCS
SCL/SCK
SDA/SI
SA0/SO
SA1
MUX
MUX
1st
AMP
A/D
CONVERTER
2nd
AMP
CONTROL
LOGIC
I2C/SPI
POR
OSCILLATOR
LC717A10AJ is capacitance-digital-converter LSI capable of detecting changes in capacitance in the order of femto
Farads. It consists of an oscillation circuit that generates the system clock, a power-on reset circuit that resets the system
when the power is turned on, a multiplexer that selects the input channels, a two-stage amplifier that detects the changes
in the capacitance and outputs analog-amplitude values, a A/D converter that converts the analog-amplitude values into
digital data, an I2C compatible bus or a SPI that enables serial communication with external devices and a control logic
that controls the entire chip.


Podobny numer części - LC717A10AJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LC717A10AJ ONSEMI-LC717A10AJ Datasheet
146Kb / 11P
   Capacitance-Digital-Converter LSI
August, 2013 Ver1.0.1
LC717A10AJ ONSEMI-LC717A10AJ Datasheet
145Kb / 13P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 2
LC717A10AJ-NH ONSEMI-LC717A10AJ-NH Datasheet
145Kb / 13P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 2
LC717A10AJ ONSEMI-LC717A10AJ_17 Datasheet
145Kb / 13P
   Capacitance-Digital-Converter
November, 2017 ??Rev. 2
More results

Podobny opis - LC717A10AJ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ENA2089A ONSEMI-ENA2089A Datasheet
146Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
logo
Sanyo Semicon Device
LC717A00AR SANYO-LC717A00AR Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
LC717A10AR SANYO-LC717A10AR Datasheet
149Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
ENA2162 ONSEMI-ENA2162 Datasheet
144Kb / 12P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
August, 2013 Ver1.0.1
LC717A00AJ ONSEMI-LC717A00AJ_17 Datasheet
146Kb / 13P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
October, 2017 ??Rev. 1
logo
Sanyo Semicon Device
LC717A00AJ SANYO-LC717A00AJ Datasheet
150Kb / 11P
   Capacitance-Digital-Converter LSI for Electrostatic Capacitive Touch Sensors
logo
ON Semiconductor
LC717A30UR ONSEMI-LC717A30UR Datasheet
241Kb / 14P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2018 ??Rev. 0
LC71F7001PVBS0 ONSEMI-LC71F7001PVBS0 Datasheet
227Kb / 36P
   Capacitance?륞igital?륝onverter LSI for Electrostatic Capacitive Touch Sensors
November, 2017 ??Rev. 1
LC717A00AR ONSEMI-LC717A00AR Datasheet
139Kb / 13P
   Capacitance-Digital-Converter LSI
October, 2017 ??Rev. 3
LC717A30UJ ONSEMI-LC717A30UJ Datasheet
335Kb / 14P
   Capacitance-Digital-Converter LSI
2016 December - Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com