Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD13280 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD13280
Szczegółowy opis  Dual Channel, 12-Bit, 80 MSPS A/D Converter with Analog Input Signal Conditioning
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD13280 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD13280 Datasheet HTML 3Page - Analog Devices AD13280 Datasheet HTML 4Page - Analog Devices AD13280 Datasheet HTML 5Page - Analog Devices AD13280 Datasheet HTML 6Page - Analog Devices AD13280 Datasheet HTML 7Page - Analog Devices AD13280 Datasheet HTML 8Page - Analog Devices AD13280 Datasheet HTML 9Page - Analog Devices AD13280 Datasheet HTML 10Page - Analog Devices AD13280 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. 0
AD13280
–7–
–1.0
0
512
ENCODE = 80MSPS
DNL MAX = 0.688 CODES
DNL MIN = 0.385 CODES
–0.5
0
0.5
1.0
1.5
2.0
2.5
3.0
1024
1536
2048
2560
3072
3584
4096
TPC 7. Differential Nonlinearity
FREQUENCY – MHz
1.0
3.5
–10
–9
–8
–7
–6
–5
–4
–3
–2
–1
0
6.0
8.5
11.0
13.5
16.0
18.5
21.0
23.5
26.0
ENCODE = 80MSPS
ROLL-OFF = 0.0459dB
TPC 8. Passband Ripple to 25 MHz
–3
ENCODE = 80MSPS
INL MAX = 0.562 CODES
INL MIN = 0.703 CODES
–2
0
2
3
1
–1
0
512
1024
1536
2048
2560
3072
3584
4096
TPC 9. Integral Nonlinearity


Podobny numer części - AD13280

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD13280/PCB AD-AD13280/PCB Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280AF AD-AD13280AF Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280AZ AD-AD13280AZ Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280BF AD-AD13280BF Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
More results

Podobny opis - AD13280

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD10265 AD-AD10265 Datasheet
267Kb / 18P
   Dual Channel, 12-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD13280 AD-AD13280_15 Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD13280BF AD-AD13280BF Datasheet
1Mb / 28P
   Dual-Channel, 12-Bit, 80 MSPS ADC with Analog Input Signal Conditioning
REV. C
AD10242 AD-AD10242 Datasheet
251Kb / 16P
   Dual, 12-Bit, 40 MSPS MCM A/D Converter with Analog Input Signal Conditioning
REV. A
AD10200 AD-AD10200 Datasheet
1Mb / 20P
   Dual Channel, 12-Bit 105 MSPS IF Sampling A/D Converter with Analog Input Signal Conditioning
REV. A
AD13465 AD-AD13465 Datasheet
1Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10465 AD-AD10465 Datasheet
2Mb / 20P
   Dual Channel, 14-Bit, 65 MSPS A/D Converter with Analog Input Signal Conditioning
REV. 0
AD10200 AD-AD10200_17 Datasheet
1Mb / 20P
   A/D Converter with Analog Input Signal Conditioning
AD15452 AD-AD15452 Datasheet
340Kb / 16P
   12-Bit 65 MSPS Quad A/D Converter with Integrated Signal Conditioning
REV. 0
logo
Texas Instruments
ADC12DC080 TI1-ADC12DC080_14 Datasheet
1Mb / 27P
[Old version datasheet]   Dual 12-Bit, 80 MSPS A/D Converter with CMOS Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com