Zakładka z wyszukiwarką danych komponentów |
|
AD1377KD Arkusz danych(PDF) 7 Page - Analog Devices |
|
AD1377KD Arkusz danych(HTML) 7 Page - Analog Devices |
7 / 8 page AD1376/AD1377 –7– REV. B Figure 12. Analog and Power Connections for Bipolar +10 V to +10 V Input Range Other Ranges Representative digital coding for 0 V to +10 V and –10 V to +10 V ranges is given above. Coding relationships and calibra- tion points for 0 V to +5 V, –2.5 V to +2.5 V and –5 V to +5 V ranges can be found by halving proportionally the corresponding code equivalents listed for the 0 V to +10 V and –10 V to +10 V ranges, respectively, as indicated in Table III. Zero and full-scale calibration can be accomplished to a preci- sion of approximately ±1/2 LSB using the static adjustment procedure described above. By summing a small sine or triangu- lar wave voltage with the signal applied to the analog input, the output can be cycled through each of the calibration codes of interest to more accurately determine the center (or end points) of each discrete quantization level. A detailed description of this dynamic calibration technique is presented in Analog-Digital Conversion Handbook, edited by D. H. Sheingold, Prentice Hall, Inc., 1986. GROUNDING, DECOUPLING AND LAYOUT CONSIDERATIONS Many data-acquisition components have two or more ground pins which are not connected together within the device. These “grounds” are usually referred to as the Logic Power Return, Analog Common (Analog Power Return) and Analog Signal Ground. These grounds (Pins 19 and 22) must be tied together at one point for the ADC as close as possible to the converter. Ideally, a single solid analog ground plane under the converter would be desirable. Current flows through the wires and etch stripes of the circuit cards, and since these paths have resistance and inductance, hundreds of millivolts can be generated be- tween the system analog ground point and the ground pins of the ADC. Separate wide conductor stripe ground returns should be provided for high resolution converters to minimize noise and IR losses from the current flow in the path from the con- verter to the system ground point. In this way ADC supply currents and other digital logic-gate return currents are not summed into the same return path as analog signals where they would cause measurement errors. Each of the ADC supply terminals should be capacitively de- coupled as close to the ADC as possible. A large value capacitor such as 1 µF in parallel with a 0.1 µF capacitor is usually suffi- cient. Analog supplies are to be bypassed to the Analog Power Return pin and the logic supply is bypassed to the Logic Power Return pin. The metal cover is internally grounded with respect to the power supplies, grounds and electrical signals. Do not externally ground the cover. CLOCK RATE CONTROL The AD1376/AD1377 may be operated at faster conversion times by connecting the Clock Rate Control (Pin 23) to an external multiturn trim potentiometer (TCR <100 ppm/ °C) as shown in Figure 13. Figure 13. Clock Rate Control Circuit HIGH RESOLUTION DATA ACQUISITION SYSTEM The essential details of a high resolution data acquisition system using the AD386 and AD1376 or AD1377 are shown in Figure 14. Conversion is initiated by the falling edge of the CONVERT START pulse. This edge drives the AD1376’s or AD1377’s STATUS line high. The inverter then drives the AD386 into hold mode. STATUS remains high throughout the conversion and returns low once the conversion is completed. This allows the AD386 to reenter track mode. This circuit can exhibit nonlinearities arising from transients produced at the A/D’s input by the falling edge of CONVERT START. This edge resets the A/D’s internal DAC; the resulting transient depends on the SHA’s present output voltage and the A/D’s prior conversion result. In the circuit of Figure 14 the falling edge of CONVERT START also places the SHA into hold mode (via the A/D’s STATUS output), causing the reset transient to occur at the same moment as the SHA’s track-and- hold transition. Timing skews and capacitive coupling can cause some of the transient signal to add to the signal being acquired by the SHA, introducing nonlinearity. Figure 14. Basic Data Acquisition System Interconnections A much safer approach is to add a flip flop as shown in Figure 15. The rising edge of CONVERT START places the T/H into hold mode before the A/D reset transients begin. The falling |
Podobny numer części - AD1377KD |
|
Podobny opis - AD1377KD |