Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP2441 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADP2441
Szczegółowy opis  36 V,1 A, Synchronous, Step-Down DC-to-DC Regulator
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADP2441 Arkusz danych(HTML) 4 Page - Analog Devices

  ADP2441 Datasheet HTML 1Page - Analog Devices ADP2441 Datasheet HTML 2Page - Analog Devices ADP2441 Datasheet HTML 3Page - Analog Devices ADP2441 Datasheet HTML 4Page - Analog Devices ADP2441 Datasheet HTML 5Page - Analog Devices ADP2441 Datasheet HTML 6Page - Analog Devices ADP2441 Datasheet HTML 7Page - Analog Devices ADP2441 Datasheet HTML 8Page - Analog Devices ADP2441 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
ADP2441
Data Sheet
Rev. A | Page 4 of 32
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
POWER GOOD
PGOOD High, FB Rising Threshold5
89
92
95
%
PGOOD Low, FB Rising Threshold5
111
115
118
%
PGOOD High, FB Falling Threshold5
106
109
112
%
PGOOD Low, FB Falling Threshold5
83
86
89
%
PGOOD
Delay
tPGOOD
50
μs
High Leakage Current
IPGOOD(SRC)
VPGOOD = VCC
1
10
μA
Pull-Down Resistor
IPGOOD(SNK)
FB = 0 V
0.5
0.7
TRK
TRK Input Voltage Range
0
600
mV
TRK to FB Offset Voltage
TRK = 0 mV to 500 mV
10
mV
1 Guaranteed by design.
2 Measured between VIN and SW pins—includes bond wires and pin resistance.
3 Based on bench characterization. Measured with VIN = 12 V, VOUT = 1.2 V, load = 1 A, fSW = 1 MHz, and the output in regulation. Measurement does not include dead time.
4 Based on bench characterization. Measured with VIN = 15 V, VOUT = 12 V, load = 1 A, fSW = 600 kHz, and the output in regulation. Measurement does not include dead time.
5 This threshold is expressed as a percentage of the nominal output voltage.


Podobny numer części - ADP2441

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP2441-EVALZ AD-ADP2441-EVALZ Datasheet
1Mb / 12P
   The ADP2441 evaluation board is a complete, dc-to-dc switch-ing regulator design based on the ADP2441, a configurable, 1 A, synchronous step-down, dc-to-dc regulator.
REV. 0
More results

Podobny opis - ADP2441

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADP2442 AD-ADP2442 Datasheet
1Mb / 36P
   36 V,1 A, Synchronous, Step-Down, DC-to-DC Regulator with External Clock Synchronization
Rev. B
ADP2386 AD-ADP2386 Datasheet
711Kb / 24P
   20 V, 6 A, Synchronous Step-Down DC-to-DC Regulator
REV. A
ADP2387 AD-ADP2387 Datasheet
571Kb / 25P
   20 V, 6 A, Synchronous, Step-Down DC-to-DC Regulator
Rev. C
ADP2384 AD-ADP2384 Datasheet
650Kb / 24P
   20 V, 4 A, Synchronous, Step-Down DC-to-DC Regulator
REV. 0
logo
Texas Instruments
LMZM23601 TI1-LMZM23601 Datasheet
837Kb / 32P
[Old version datasheet]   36-V, 1-A Step-Down DC-DC Nano Module
logo
ON Semiconductor
FAN8060 ONSEMI-FAN8060 Datasheet
488Kb / 14P
   1.2 MHz, 1 A Synchronous Step-Down DC/DC Regulator
Rev. 1.0.1
logo
Panasonic Semiconductor
NN30320A PANASONIC-NN30320A Datasheet
1Mb / 33P
   3 A Synchronous DC-DC Step down Regulator
NN30332A PANASONIC-NN30332A Datasheet
1Mb / 43P
   10 A Synchronous DC-DC Step down Regulator
NN31001A PANASONIC-NN31001A Datasheet
1Mb / 36P
   7 A Synchronous DC-DC Step down Regulator,
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
   Synchronous DC/DC Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com