Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA1787NM Arkusz danych(PDF) 2 Page - Sanyo Semicon Device

Numer części LA1787NM
Szczegółowy opis  Single-Chip Car Radio System IC
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA1787NM Arkusz danych(HTML) 2 Page - Sanyo Semicon Device

  LA1787NM_09 Datasheet HTML 1Page - Sanyo Semicon Device LA1787NM_09 Datasheet HTML 2Page - Sanyo Semicon Device LA1787NM_09 Datasheet HTML 3Page - Sanyo Semicon Device LA1787NM_09 Datasheet HTML 4Page - Sanyo Semicon Device LA1787NM_09 Datasheet HTML 5Page - Sanyo Semicon Device LA1787NM_09 Datasheet HTML 6Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
LA1787NM
No.A0229-2/6
Specifications
Maximum Ratings at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC1 max
Pins 6, 40, and 61
9.0
V
Maximum supply voltage
VCC2 max
Pins 7, 45, 54, 59, and 60
12
V
Allowable power dissipation
Pd max
Ta ≤ 55
°C
950
mW
Operating temperature
Topr
-40 to +85
°C
Storage temperature
Tstg
-40 to +150
°C
Recommended Operating Conditions at Ta = 25°C
Parameter
Symbol
Conditions
Ratings
Unit
VCC
Pins 6, 7, 40, 45, 54, 59, 60, and 61
8.0
V
Recommended supply voltage
VCCST IND
Pins 26
5
V
Operating supply voltage range
VCC op
7.5 to 9.0
V
Operating Characteristics at Ta = 25°C, VCC = 8.0V, in the specified test circuit, FM IF input
* : Note that these tests are made using an IC socket, models IC-51-0644-824 and KS8277 (Yamaichi Electronics Co., Ltd.).
Switch settings
Ratings
Parameter
Symbol
Conditions
123456789
10
min
typ
max
Unit
FM Characteristics - FM IF Input
Quiescent
current
ICCO-FM
No input, I40+I45+I54+I59+I60+I61
ON
B OFF B
ON OFF OFF ON
60
94
110
mA
Demodulated
output
VO-FM
10.7MHz, 100dB
µ, 1kHz,
100% modulation, the pin 15 output
ON
B OFF B
ON OFF OFF ON
205
310
415 mVrms
Pin 31
demodulated
output
VO-FM31
10.7MHz, 100dB
µ, 1kHz,
100% modulation, the pin 31 output
ON
B OFF B
ON OFF OFF ON
190
295
380 mVrms
Channel
balance
CB
10.7MHz, 100dB
µ, 1kHz,
Pins 15, 16 ratio
ON
B OFF B
ON OFF OFF ON
-1
0
+1
dB
Total harmonic
distortion
THD-FMmono 10.7MHz, 100dB
µ, 1kHz,
100% modulation, pin 15
ON
B OFF B
ON OFF OFF ON
0.3
1
%
Signal-to-noise
ratio (IF)
S/N-FM IF
10.7MHz, 100dB
µ, 1kHz,
100% modulation, pin 15
ON
B OFF B
ON OFF OFF ON
75
82
dB
AM rejection
ratio (IF)
AMR IF
10.7MHz, 100dB
µ, 1kHz, fm = 1kHz,
pin 15 when 30% AM
ON
B OFF B
ON OFF OFF ON
55
68
dB
Muting
attenuation (1)
Att-1
10.7MHz, 100dB
µ, 1kHz,
The pin 15 attenuation when V33 is
changed from 0 to 2V
ON
B OFF B
ON OFF OFF ON
5
10
15
dB
Muting
attenuation (2)
Att-2
10.7MHz, 100dB
µ, 1kHz,
The pin 15 attenuation when V33 is
changed from 0 to 2V *
1
ON
B OFF B
ON ON OFF ON
15
20
25
dB
Muting
attenuation (3)
Att-3
10.7MHz, 100dB
µ, 1kHz,
The pin 15 attenuation when V33 is
changed from 0 to 2V *
2
ON
B OFF B
ON ON OFF ON
28
33
38
dB
Separation
Separation
10.7MHz, 100dB
µ, L+R = 90%,
pilot = 10%, the pin 15 output ratio
ON
B OFF B
ON OFF OFF ON
30
40
dB
Stereo on level
ST-ON
The pilot modulation such that V26 is
less than 0.5V
ON
B OFF B
ON OFF OFF ON
2.1
4.1
6.1
%
Stereo off level
ST-OFF
The pilot modulation such that V26 is
less than 3.5V
ON
B OFF B
ON OFF OFF ON
1.3
3.2
%
Main distortion
THD-Main L
10.7MHz, 100dB
µ, L+R = 90%,
pilot = 10%, pin 15
ON
B OFF B
ON OFF OFF ON
0.3
1.2
%
Pilot
cancellation
PCAN
10.7MHz, 100dB
µ, pilot = 10%,
Pin 15 signal
The pilot level leakage, DIN audio
ON
B OFF B
ON OFF OFF OFF
/ON
20
30
dB
SNC output
attenuation
AttSNC
10.7MHz, 100dB
µ, L-R = 90%,
pilot = 10%, V28 = 3V
→0.6V, pin 15
ON
B OFF B
ON OFF OFF ON
1
5
9
dB
Continued on next page.


Podobny numer części - LA1787NM_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1787NM SANYO-LA1787NM Datasheet
326Kb / 6P
   Single-Chip Car Radio System IC
More results

Podobny opis - LA1787NM_09

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA1787NM SANYO-LA1787NM Datasheet
326Kb / 6P
   Single-Chip Car Radio System IC
LA1867NM SANYO-LA1867NM Datasheet
941Kb / 32P
   Car Radio Single-Chip Tuner System
LV25200M SANYO-LV25200M_10 Datasheet
523Kb / 45P
   Single chip Tuner IC for Car Radio
LV25700PM SANYO-LV25700PM Datasheet
751Kb / 68P
   For Car Radio Single chip Tuner IC
LV25200M SANYO-LV25200M Datasheet
522Kb / 45P
   Bi-CMOS IC Single chip Tuner IC for Car Radio
logo
Toshiba Semiconductor
TA7616P TOSHIBA-TA7616P Datasheet
297Kb / 7P
   CAR RADIO AM TUNER ONE CHIP AM SYSTEM
logo
STMicroelectronics
TDA7512F STMICROELECTRONICS-TDA7512F Datasheet
633Kb / 45P
   FM car-radio tuner IC with intelligent selectivity system (ISS)
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140_09 Datasheet
519Kb / 15P
   FM IF SYSTEM FOR CAR RADIO
logo
Hangzhou Youwang Electr...
UTC1018 YOUWANG-UTC1018 Datasheet
250Kb / 8P
   FM IF SYSTEM FOR CAR RADIO
2004.12.15
logo
Sanyo Semicon Device
LA1140 SANYO-LA1140 Datasheet
518Kb / 15P
   FM IF System for Car Radio
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com