Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1865N Arkusz danych(PDF) 6 Page - Analog Devices

Numer części AD1865N
Szczegółowy opis  Complete Dual 18-Bit 16 x Fs Audio DAC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1865N Arkusz danych(HTML) 6 Page - Analog Devices

Back Button AD1865N Datasheet HTML 2Page - Analog Devices AD1865N Datasheet HTML 3Page - Analog Devices AD1865N Datasheet HTML 4Page - Analog Devices AD1865N Datasheet HTML 5Page - Analog Devices AD1865N Datasheet HTML 6Page - Analog Devices AD1865N Datasheet HTML 7Page - Analog Devices AD1865N Datasheet HTML 8Page - Analog Devices AD1865N Datasheet HTML 9Page - Analog Devices AD1865N Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
GROUNDING RECOMMENDATIONS
The AD1865 has three ground pins, two labeled AGND and
one labeled DGND. AGND, the analog ground pins, are the
“high quality” ground references for the device. To minimize
distortion and reduce crosstalk between channels, the analog
ground pins should be connected together only at the analog
common point in the system. As shown in Figure 6, the AGND
pins should not be connected at the chip.
13
16
15
14
24
23
22
21
20
19
18
17
12
11
10
9
8
1
2
3
4
7
6
5
AD1865
NC = NO CONNECT
–VS
TRIM
MSB
IOUT
AGND
SJ
RF
VOUT
+VL
DR
LR
CLK
+VS
TRIM
MSB
IOUT
AGND
SJ
RF
VOUT
NC
DL
LL
DGND
–ANALOG
SUPPLY
DIGITAL
SUPPLY
VOUT
ANALOG
SUPPLY
VOUT
DIGITAL
COMMON
Figure 6. Recommended Circuit Schematic
The digital ground pin returns ground current from the digital
logic portions of the AD1865 circuitry. This pin should be con-
nected to the digital common pin in the system. Other digital
logic chips should also be referred to that point. The analog and
digital grounds should be connected together at one point in the
system, preferably at the power supply.
POWER SUPPLIES AND DECOUPLING
The AD1865 has three power supply input pins.
±V
S provides
the supply voltages which operate the analog portions of the
DAC including the voltage references, output amplifiers and
control amplifiers. The
±V
S supplies are designed to operate
from
±5 V supplies. Each supply should be decoupled to analog
common using a 0.1
µF capacitor in parallel with a 10 µF
capacitor. Good engineering practice suggests that the bypass
capacitors be placed as close as possible to the package pins.
This minimizes the parasitic inductive effects of printed circuit
board traces.
The +VL supply operates the digital portions of the chip includ-
ing the input shift registers and the input latching circuitry.
This supply should be bypassed to digital common using a
0.1
µF capacitor in parallel with a 10 µF capacitor. +V
L oper-
ates with a +5 V supply. In order to assure proper operation of
the AD1865, –VS must be the most negative power supply volt-
age at all times.
Though separate positive power supply pins are provided for
the analog and digital portions of the AD1865, it is also possible
to use the AD1865 in systems featuring a single +5 V power
supply. In this case, both the +VS and +VL input pins should be
connected to the single +5 V power supply. This feature allows
reduction of the cost and complexity of the system power
supply.
AD1865–Analog Circuit Consideration
REV. 0
–6–
As with most linear circuits, changes in the power supplies will
affect the output of the DAC. Analog Devices recommends that
well regulated power supplies with less than 1% ripple be incor-
porated into the design of an audio system.
DISTORTION PERFORMANCE AND TESTING
The THD+N figure of an audio DAC represents the amount of
undesirable signal produced during reconstruction and playback
of an audio waveform. The THD+N specification, therefore,
provides a direct method to classify and choose an audio DAC
for a desired level of performance. Figure 1 illustrates the typ-
ical THD+N performance of the AD1865 versus frequency. A
load impedance of at least 1.5 k
Ω is recommended for best
THD+N performance.
Analog Devices tests and grades all AD1865s on the basis of
THD+N performance. During the distortion test, a high-speed
digital pattern generator transmits digital data to each channel
of the device under test. Eighteen-bit data is transmitted at
705.6 kHz (16
× F
S). The test waveform is a 990.5 Hz sine wave
with 0 dB, –20 dB and –60 dB amplitudes. A 4096 point FFT
calculates total harmonic distortion + noise, signal-to-noise ratio,
D-Range and channel separation. No deglitchers or MSB trims
are used in the testing of the AD1865.
OPTIONAL MSB ADJUSTMENT
Use of optional adjust circuitry allows residual distortion error
to be eliminated. This distortion is especially important when
low amplitude signals are being reproduced. The MSB adjust
circuitry is shown in Figure 7. The trim potentiometer should
be adjusted to produce the lowest distortion using an input sig-
nal with a –60 dB amplitude.
13
16
15
14
24
23
22
21
20
19
18
17
12
11
10
9
8
1
2
3
4
7
6
5
AD1865
NC = NO CONNECT
–VS
TRIM
MSB
IOUT
AGND
SJ
RF
VOUT
+VL
DR
LR
CLK
+VS
TRIM
MSB
IOUT
AGND
SJ
RF
VOUT
NC
DL
LL
DGND
200k
100k
470k
470k
100k
200k
Figure 7. Optional THD+N Adjust Circuitry


Podobny numer części - AD1865N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1865N AD-AD1865N Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
AD1865N-J AD-AD1865N-J Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
More results

Podobny opis - AD1865N

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
AD1864 AD-AD1864 Datasheet
302Kb / 12P
   Complete Dual 18-Bit Audio DAC
REV. A
AD1864 AD-AD1864_15 Datasheet
564Kb / 12P
   COMPLETE DUAL 18 BIT AUDIO DAC
REV. A
AD1865 AD-AD1865_15 Datasheet
693Kb / 12P
   Complete Dual 18-Bit 16FS Audio DAC
REV. 0
AD1851 AD-AD1851 Datasheet
197Kb / 12P
   16-Bit/18-Bit, 16 X Fs PCM Audio DACs
REV. A
AD1851 AD-AD1851_15 Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 FS PCM Audio DACs
REV. A
AD1851RZ-J AD-AD1851RZ-J Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1851RZ AD-AD1851RZ Datasheet
200Kb / 12P
   16-Bit/18-Bit, 16 3 FS PCM Audio DACs
REV. A
AD1851RZ-REEL7 AD-AD1851RZ-REEL7 Datasheet
127Kb / 12P
   16-Bit/18-Bit, 16x3 FS PCM Audio DACs
REV. A
logo
API Technologies Corp
DAC9377 APITECH-DAC9377 Datasheet
2Mb / 3P
   Complete Buffered 16-Bit DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com