Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA72715V Arkusz danych(PDF) 8 Page - Sanyo Semicon Device

Numer części LA72715V
Szczegółowy opis  JPN MTS (Multi Channel Television Sound) Decoder IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA72715V Arkusz danych(HTML) 8 Page - Sanyo Semicon Device

Back Button LA72715V_12 Datasheet HTML 4Page - Sanyo Semicon Device LA72715V_12 Datasheet HTML 5Page - Sanyo Semicon Device LA72715V_12 Datasheet HTML 6Page - Sanyo Semicon Device LA72715V_12 Datasheet HTML 7Page - Sanyo Semicon Device LA72715V_12 Datasheet HTML 8Page - Sanyo Semicon Device LA72715V_12 Datasheet HTML 9Page - Sanyo Semicon Device LA72715V_12 Datasheet HTML 10Page - Sanyo Semicon Device LA72715V_12 Datasheet HTML 11Page - Sanyo Semicon Device LA72715V_12 Datasheet HTML 12Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
LA72715V, 72715VA
No.A0982-8/12
Continued from preceding page.
Pin
No.
Pin Name
DC voltage
AC level
Function
Equivalent Circuit
16
SLAVE ADD
SELECT
17
18
Line Out (R)
terminal
Line Out (L)
terminal
DC : 2.4V
AC : -4.5dBV
Line output pin.
250
Ω 300Ω
50k
Ω
50k
Ω
2.5pF
2.5pF
PAD
19
VCC5V
20
MTS MODE
OUT
No signal
DC : 2.0V
Detection output for M.T.S. signal.
BILINGUAL
:3.0V
MONO
:2.0V
STEREO
:1.0V
10k
Ω
10k
Ω
PAD
21
REG FILT
DC : 2.4V
Filter terminal of reference voltage source
10k
Ω
10k
Ω
10k
Ω
500
Ω
50k
Ω
500
Ω
PAD
22
23
24
NC
I
2C BUS Serial Interface Specification
(1) Data Transfer Manual
This IC adopts control method (I2C-BUS) with serial data, and controlled by two terminals which called SCL (serial
clock) and SDA (serial data). At first, set up*1the condition of starting data transfer, and after that, input 8 bit data to
SDA terminal with synchronized SCL terminal clock. The order of transferring is first, MSB (the Most Scale of Bit),
and save the order. The 9th bit takes ACK (Acknowledge) period, during SCL terminal takes ‘H’, this IC pull down
the SDA terminal. After transferred the necessary data, two terminals lead to set up and of *2data transfer stop
condition, thus the transfer comes to close.
*1 Defined by SCL rise down SDA during ‘H’ period.
*2 Defined by SCL rise up SDA during ‘H’ period.
(2) Transfer Data Format
After transfer start condition, transfers slave address (1000 000*) to SDA terminal, control data, then, stop condition
(See figure 1).
Slave address is made up of 7bits, *38th bit shows the direction of transferring data, if it is ‘L’ takes write mode (As
this IC side, this is input operation mode), and in case of ‘H’ reading mode (As this IC side, this is output operation
mode).
Data works with all of bit, transfer the stop condition before stop 8bit transfer, and to stop transfer, it will be
canceled the transfer dates.
*3 It is called R/W bit.


Podobny numer części - LA72715V_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA72715VA SANYO-LA72715VA Datasheet
201Kb / 12P
   Monolithic Linear IC JPN MTS (Multi Channel Television Sound) Decoder IC
LA72715VA SANYO-LA72715VA Datasheet
121Kb / 8P
   Monolithic Linear IC For TV Audio/Video Switch
More results

Podobny opis - LA72715V_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LA72715NV-TLM-E ONSEMI-LA72715NV-TLM-E Datasheet
235Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
July, 2013
logo
Sanyo Semicon Device
LA72715NV SANYO-LA72715NV_12 Datasheet
386Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
LA72715NV SANYO-LA72715NV Datasheet
373Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
LA72715V SANYO-LA72715V Datasheet
201Kb / 12P
   Monolithic Linear IC JPN MTS (Multi Channel Television Sound) Decoder IC
LA72700V SANYO-LA72700V Datasheet
522Kb / 16P
   US MTS (Multi Channel Television Sound) Decoder
LA72714VA SANYO-LA72714VA Datasheet
155Kb / 14P
   Monolithic Linear IC For JPN TV Multi Channel Television Sound Decoder IC
LA72710V SANYO-LA72710V Datasheet
285Kb / 10P
   Multi Channel Television Sound Decoder
logo
NEC
UPC1872CU NEC-UPC1872CU Datasheet
2Mb / 40P
   US MTS DECODER
UPC1876 NEC-UPC1876 Datasheet
309Kb / 40P
   US MTS DECODER
logo
Toshiba Semiconductor
TDA2791 TOSHIBA-TDA2791 Datasheet
379Kb / 11P
   Television sound combination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com