Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA72715V Arkusz danych(PDF) 6 Page - Sanyo Semicon Device

Numer części LA72715V
Szczegółowy opis  JPN MTS (Multi Channel Television Sound) Decoder IC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA72715V Arkusz danych(HTML) 6 Page - Sanyo Semicon Device

Back Button LA72715V_12 Datasheet HTML 2Page - Sanyo Semicon Device LA72715V_12 Datasheet HTML 3Page - Sanyo Semicon Device LA72715V_12 Datasheet HTML 4Page - Sanyo Semicon Device LA72715V_12 Datasheet HTML 5Page - Sanyo Semicon Device LA72715V_12 Datasheet HTML 6Page - Sanyo Semicon Device LA72715V_12 Datasheet HTML 7Page - Sanyo Semicon Device LA72715V_12 Datasheet HTML 8Page - Sanyo Semicon Device LA72715V_12 Datasheet HTML 9Page - Sanyo Semicon Device LA72715V_12 Datasheet HTML 10Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LA72715V, 72715VA
No.A0982-6/12
Pin Functions
Pin
No.
Pin Name
DC voltage
AC level
Function
Equivalent Circuit
1
AM DETECTOR
DC : 2.3V
Reference terminal of AM detection.
10k
Ω
10k
Ω
VCC
1k
Ω
1k
Ω
PAD
2
14
DC FILTER
OUT
2pin
DC : 2.6V
14pin
DC : 2.1V
Absorbing the DC offset of signal line by
external capacity.
PAD
3
15
DC FILTER IN
DC : 2.4V
Absorbing the DC offset of signal line by
external capacity.
2.4V
1k
Ω
2k
Ω
2k
Ω
100k
Ω
PAD
4
FM FILTER
DC : 2.9V
Filter terminal for making stable DC voltage of
FM detection output in SIF part.
Normally, use a condenser of 4.7
μF. Increase
the capacity value with concerning frequency
characteristics of low level.
1k
Ω
1k
Ω
PAD
5
SIF INPUT
DC : 2.4V
Input terminal for SIF.
The input impedance is about 5k
Ω. Be care for
about pattern layout of the input circuit,
because of causing buzz-beat and buzz by
leaking noise signal into the input terminal.
(The noise signal depending on sound is
particularly video signal and chroma signal and
so on. VIF carrier becomes noise signal.)
10k
Ω
10k
Ω
500
Ω
500
Ω
PAD
6
GND
Continued on next page.


Podobny numer części - LA72715V_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA72715VA SANYO-LA72715VA Datasheet
201Kb / 12P
   Monolithic Linear IC JPN MTS (Multi Channel Television Sound) Decoder IC
LA72715VA SANYO-LA72715VA Datasheet
121Kb / 8P
   Monolithic Linear IC For TV Audio/Video Switch
More results

Podobny opis - LA72715V_12

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
LA72715NV-TLM-E ONSEMI-LA72715NV-TLM-E Datasheet
235Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
July, 2013
logo
Sanyo Semicon Device
LA72715NV SANYO-LA72715NV_12 Datasheet
386Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
LA72715NV SANYO-LA72715NV Datasheet
373Kb / 13P
   JPN MTS (Multi Channel Television Sound) Decoder IC
LA72715V SANYO-LA72715V Datasheet
201Kb / 12P
   Monolithic Linear IC JPN MTS (Multi Channel Television Sound) Decoder IC
LA72700V SANYO-LA72700V Datasheet
522Kb / 16P
   US MTS (Multi Channel Television Sound) Decoder
LA72714VA SANYO-LA72714VA Datasheet
155Kb / 14P
   Monolithic Linear IC For JPN TV Multi Channel Television Sound Decoder IC
LA72710V SANYO-LA72710V Datasheet
285Kb / 10P
   Multi Channel Television Sound Decoder
logo
NEC
UPC1872CU NEC-UPC1872CU Datasheet
2Mb / 40P
   US MTS DECODER
UPC1876 NEC-UPC1876 Datasheet
309Kb / 40P
   US MTS DECODER
logo
Toshiba Semiconductor
TDA2791 TOSHIBA-TDA2791 Datasheet
379Kb / 11P
   Television sound combination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com