Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LA79200V Arkusz danych(PDF) 4 Page - Sanyo Semicon Device

Numer części LA79200V
Szczegółowy opis  For extention of I2C-BUS compatible microcomputer I/O port
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA79200V Arkusz danych(HTML) 4 Page - Sanyo Semicon Device

  LA79200V Datasheet HTML 1Page - Sanyo Semicon Device LA79200V Datasheet HTML 2Page - Sanyo Semicon Device LA79200V Datasheet HTML 3Page - Sanyo Semicon Device LA79200V Datasheet HTML 4Page - Sanyo Semicon Device LA79200V Datasheet HTML 5Page - Sanyo Semicon Device LA79200V Datasheet HTML 6Page - Sanyo Semicon Device LA79200V Datasheet HTML 7Page - Sanyo Semicon Device LA79200V Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
LA79200V
No.A0258-4/8
Continued from preceding page.
Parameter
Symbol
Test point
Input signal
Test method
Bus conditions
LOW level saturation voltage
VIOsat
5
to
8
10
to
13
IC Add:
0111 1100
Sub Add:
0000 0000
Data Add:
0000 0000
Measure the DC voltage when 3.3mA is
allowed to flow through pin 13.
Initial
[D/A output]
D/A output voltage H
VDAH
2
3
IC Add:
0111 1100
Sub Add:
0000 0001
Data Add:
0000 0000
Measure the DC voltage of pins 5 to 8
and 10 to 13.
Initial
D/A output voltage MID2
VDAM2
2
3
IC Add:
0111 1100
Sub Add:
0000 0001
Data Add:
0100 0100
Measure the DC voltage of pins 5 to 8
and 10 to 13.
DA.OUTPUT_1:1
DA.OUTPUT_2:1
D/A output voltage MID1
VDAM1
2
3
IC Add:
0111 1100
Sub Add:
0000 0001
Data Add:
1000 1000
Measure the DC voltage of pins 5 to 8
and 10 to 13.
DA.OUTPUT_1:2
DA.OUTPUT_2:2
D/A output voltage L
VDAL
2
3
IC Add:
0111 1100
Sub Add:
0000 0001
Data Add:
1100 1100
Measure the DC voltage of pins 5 to 8
and 10 to 13.
DA.OUTPUT_1:3
DA.OUTPUT_2:3


Podobny numer części - LA79200V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA79200V SANYO-LA79200V Datasheet
156Kb / 8P
   Monolithic Linear IC For extention of I2C-BUS compatible microcomputer I/O port
More results

Podobny opis - LA79200V

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
LA79200V SANYO-LA79200V Datasheet
156Kb / 8P
   Monolithic Linear IC For extention of I2C-BUS compatible microcomputer I/O port
logo
ON Semiconductor
JLC1562BE ONSEMI-JLC1562BE Datasheet
90Kb / 9P
   I2C Bus I/O Expander
November, 2005 ??Rev. 5
JLC1562B ONSEMI-JLC1562B Datasheet
79Kb / 10P
   I2C Bus I/O Expander
July, 2004 ??Rev. 4
CAT9557 ONSEMI-CAT9557 Datasheet
171Kb / 17P
   8-Bit I2C-Bus and SMBus I/O Port
March, 2011 ??Rev. 0
logo
NXP Semiconductors
PCA9536 NXP-PCA9536 Datasheet
208Kb / 22P
   4-bit I2C-bus and SMBus I/O port
Rev. 05-25 January 2010
logo
Renesas Technology Corp
M62320GP RENESAS-M62320GP Datasheet
135Kb / 11P
   8-bit I/O Expander for I2C BUS
logo
Mitsubishi Electric Sem...
M62320P MITSUBISHI-M62320P Datasheet
66Kb / 9P
   8-BIT I/O EXPANDER for I2C BUS
logo
Renesas Technology Corp
M62320P RENESAS-M62320P Datasheet
148Kb / 11P
   8-bit I/O Expander for I2C BUS
logo
Texas Instruments
PCF8574A TI-PCF8574A Datasheet
392Kb / 16P
[Old version datasheet]   REMOTE 8BIT I/O EXPANDER FOR I2C BUS
logo
ON Semiconductor
PCA9654E ONSEMI-PCA9654E Datasheet
335Kb / 22P
   8-bit I/O Expander for I2C Bus
February, 2015 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com