Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1879JD Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD1879JD
Szczegółowy opis  High Performance 16-/18-Bit Stereo ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD1879JD Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD1879JD Datasheet HTML 4Page - Analog Devices AD1879JD Datasheet HTML 5Page - Analog Devices AD1879JD Datasheet HTML 6Page - Analog Devices AD1879JD Datasheet HTML 7Page - Analog Devices AD1879JD Datasheet HTML 8Page - Analog Devices AD1879JD Datasheet HTML 9Page - Analog Devices AD1879JD Datasheet HTML 10Page - Analog Devices AD1879JD Datasheet HTML 11Page - Analog Devices AD1879JD Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
AD1878/AD1879
REV. 0
–8–
RIGHT INPUT
NE5532 OR OP-275
100pF
.1µF
5.76k
100pF
V
CC
V
SS
249k
100k
249k
V
SS
.1µF
.0047 µF
NPO
.01µF
NPO
.01µF
NPO
NE5532 OR
OP-275
VINR–
VINR+
VINL+
VINL–
12
13
16
17
REFR
REFL
10µF
14
.1µF
AD1878/79
LEFT
INPUT
100pF
100pF
V
CC
.1µF
.0047 µF
NPO
.01µF
NPO
NE5532 OR
OP-275
.1µF
V
CC
V
SS
.1µF
.01µF
NPO
10µF
15
5.62k
5.62k
5.62k
5.62k
5.49k
51
51
200
249k
5.62k
100k
5.36k
200
51
51
5.62k
5.62k
5.62k
249k
5.90k
Figure 2. AD1878/AD1879 Recommended Input Structure
V
CC
AGND
V
SS
V
DD
DGND
0.1µF
22µF
7805
IN
OUT
GND
+5V ANALOG
–5V
ANALOG
+5V DIGITAL
+12V < V
CC
< +18V
–12V > V
SS
> – 18V
0.1µF
22µF
0.1µF
22µF
7905
IN
OUT
GND
0.1µF
10µF
0.1µF
10µF
Figure 3. AD1878/AD1879 Recommended Power Condi-
tioning Circuit (If
±5 V Supplies Are Not Already Available)
The trim potentiometers shown in Figure 2 connecting the
minus (–) inputs of the driving op amps permit trimming out dc
offset, if desired.
Note that the driving op amp feedback resistors are all slightly
different values. These values produce a slight differential gain
imbalance and were derived empirically to minimize second
harmonic distortion on average and produce the best overall
THD without part-by-part trimming. Replacing one of these
feedback resistors in each channel with a trim potentiometer
allows trimming the differential gain imbalance for part-by-part
optimal performance. We have done this in the lab by parallel-
ing 100 k
Ω trim potentiometers around the 5.49 kΩ and
5.36 k
Ω input feedback resistors for the V
IN plus (+) signals
that can be found in Figure 2. By trimming gain imbalance, sec-
ond harmonic distortion can always be eliminated. In “Specifi-
cations,” a distinction is drawn between trimmed and untrimmed
signal-to (noise + distortion) and trimmed and untrimmed total
harmonic distortion. The untrimmed specifications are tested to
the input structure shown in Figure 2. The trimmed specifica-
tions are based on a part-by-part trim of this differential gain to
eliminate the second harmonic.
The input circuit of Figure 2 could be implemented with a
single pair of operational amplifiers per channel, one inverting
and one noninverting. The recommended architecture shown in
Figure 2 using three inverting op amps per channel provides iso-
lation of the op amp inputs from charge dumped back from the
AD1878/AD1879’s input capacitors when these large capacitors
switch. The performance from a two op amp per channel input
structure is not quite as good as the structure recommended,
but it is close and may be adequate in many applications.
Layout and Decoupling Considerations
Obtaining the best possible performance from a state-of-the-art
data converter like the AD1878/AD1879 requires close atten-
tion to board layout. From extensive experimentation, we have
discovered principles that produce typical values of 103 dB dy-
namic range and 98 dB S/(THD+N) in your system. Schematics
of our AD1878/AD1879 Evaluation Board, which implements
these recommendations, are available from Analog Devices.
The principles and their rationales are listed below in descend-
ing order of importance. The first two pertain to bypassing and
are illustrated in Figure 4.
AD1878/ 79
AV
SS
1 AV
SS
1 AV
DD
1 AGND
AGND
10µF
–5V
ANALOG
+5V
ANALOG
10µF
0.1µF
+5V
DIGITAL
10µF
0.1µF
+5V
DIGITAL
AV
SS
2 AV
DD
2
DV
DD
DGND
DGND DV
DD
–5V
ANALOG
+5V
ANALOG
+5V DIGITAL
OSCILLATOR
0.1µF
26
CLKIN
10µF
10µF
821
19
10
18
920
5
6
23
22
Figure 4. AD1878/AD1879 Recommended Bypassing and
Oscillator Circuits
The digital bypassing of the AD1878/AD1879 is the most
critical item on the board layout. There are two pairs of digi-
tal supply pins of the part, each pair on opposite sides (Pins 5
and 6 and Pins 22 and 23). The user should tie a bypass ca-
pacitor set (0.1
µF ceramic and 10 µF tantalum) on EACH
pair of supply pins as close to the pins as possible. The traces
between these package pins and the capacitors should be as
short and as wide as possible. This will prevent digital supply
current transients from being inductively transmitted to the
inputs of the part.
The analog input bypassing is the second most critical item.
Use 0.01
µF NPO ceramic capacitors from each input pin to
the analog ground plane, with a clear ground path from the
bypass capacitor to the AGND pin on the same side of the
package (Pins 10 and 18). The trace between this package
pin and the capacitor should be as short and as wide as pos-
sible. A 0.0047
µF NPO ceramic capacitor should be placed


Podobny numer części - AD1879JD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1870 AD-AD1870 Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
AD1870 AD-AD1870 Datasheet
272Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870AR AD-AD1870AR Datasheet
272Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870AR-REEL AD-AD1870AR-REEL Datasheet
272Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. A
AD1870JR AD-AD1870JR Datasheet
276Kb / 20P
   Single-Supply 16-Bit Stereo ADC
REV. 0
More results

Podobny opis - AD1879JD

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
TDA1541A PHILIPS-TDA1541A Datasheet
138Kb / 12P
   Stereo high performance 16-bit DAC
February 1991
logo
Linear Technology
LTC2348 LINER-LTC2348 Datasheet
1Mb / 10P
   16-/18-Bit, Octal 200ksps SAR ADCs
LTC2387 LINER-LTC2387 Datasheet
665Kb / 8P
   18-/16-Bit, 15Msps/10Msps/5Msps, High Speed SAR ADCs
LTC2374 LINER-LTC2374 Datasheet
1Mb / 12P
   16-Bit/18-Bit, 1.6Msps/1Msps/500ksps 8-Channel, SAR ADCs
logo
Wolfson Microelectronic...
WM8788 WOLFSON-WM8788 Datasheet
312Kb / 22P
   High Performance 24-bit Stereo ADC
logo
Analog Devices
AD7884 AD-AD7884 Datasheet
319Kb / 16P
   LC2MOS 16-Bit, High Speed Sampling ADCs
REV. C
logo
Wolfson Microelectronic...
WM8716 WOLFSON-WM8716_08 Datasheet
507Kb / 26P
   High Performance 24-bit, 192kHz Stereo DAC
WM8740 WOLFSON-WM8740_10 Datasheet
495Kb / 27P
   24-bit, High Performance 192kHz Stereo DAC
WM8740 WOLFSON-WM8740 Datasheet
344Kb / 20P
   24-bit, High Performance 192kHz Stereo DAC
WM8740 WOLFSON-WM8740_04 Datasheet
455Kb / 24P
   24-bit, High Performance 192kHz Stereo DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com