Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5122BRUZ10 Arkusz danych(PDF) 10 Page - Analog Devices

Numer części AD5122BRUZ10
Szczegółowy opis  The AD5122/AD5142 potentiometers provides a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5122BRUZ10 Arkusz danych(HTML) 10 Page - Analog Devices

Back Button AD5122BRUZ10 Datasheet HTML 6Page - Analog Devices AD5122BRUZ10 Datasheet HTML 7Page - Analog Devices AD5122BRUZ10 Datasheet HTML 8Page - Analog Devices AD5122BRUZ10 Datasheet HTML 9Page - Analog Devices AD5122BRUZ10 Datasheet HTML 10Page - Analog Devices AD5122BRUZ10 Datasheet HTML 11Page - Analog Devices AD5122BRUZ10 Datasheet HTML 12Page - Analog Devices AD5122BRUZ10 Datasheet HTML 13Page - Analog Devices AD5122BRUZ10 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
AD5122/AD5142
Data Sheet
Rev. 0 | Page 10 of 32
SHIFT REGISTER AND TIMING DIAGRAMS
DATA BITS
DB8
DB15 (MSB)
DB0 (LSB)
D7
D6
D5
D4
D3
D2
D1
D0
ADDRESS BITS
A0
A1
A2
C2
C1
C0
A3
C3
CONTROL BITS
DB7
Figure 2. Input Shift Register Contents
C3
t4
t2
t3
t5
t6
C2
C1
C0
D7
D6
D5
D2
D1
D0
SDI
*PREVIOUS COMMAND RECEIVED.
SCLK
SYNC
C3*
SDO
C2*
C1*
C0*
D7*
D6*
D5*
D2*
D1*
D0*
t8
t9
t10
t7
t1
Figure 3. SPI Serial Interface Timing Diagram, CPOL = 0, CPHA = 1
C3
t4
t2
t3
t5
t6
C2
C1
C0
D7
D6
D5
D2
D1
D0
SDI
*PREVIOUS COMMAND RECEIVED.
SCLK
SYNC
C3*
SDO
C2*
C1*
C0*
D7*
D6*
D5*
D2*
D1*
D0*
t8
t9
t10
t7
t1
Figure 4. SPI Serial Interface Timing Diagram, CPOL = 1, CPHA = 0
SCLK
SYNC
RESET
t1
Figure 5. Control Pins Timing Diagram


Podobny numer części - AD5122BRUZ10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5122BRUZ10 AD-AD5122BRUZ10 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5122BRUZ10-RL7 AD-AD5122BRUZ10-RL7 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5122BRUZ100 AD-AD5122BRUZ100 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
AD5122BRUZ100-RL7 AD-AD5122BRUZ100-RL7 Datasheet
751Kb / 32P
   Dual Channel, 128-/256-Position, SPI, Nonvolatile Digital Potentiometer
More results

Podobny opis - AD5122BRUZ10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5124 AD-AD5124 Datasheet
784Kb / 36P
   The AD5124/AD5144/AD5144A potentiometers provide a nonvolatile solution for 128-/256-position adjustment applications, offering guaranteed low resistor tolerance errors of 짹8% and up to 짹6 mA current density in the Ax, Bx, and Wx pins.
REV. A
AD5111 AD-AD5111 Datasheet
458Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5111BCPZ10-RL7 AD-AD5111BCPZ10-RL7 Datasheet
515Kb / 24P
   Single-Channel, 128-/64-/32-Position, Up/Down, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. A
AD5110 AD-AD5110 Datasheet
524Kb / 28P
   Single-Channel, 128-/64-/32-Position, I2C, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5252 AD-AD5252 Datasheet
859Kb / 28P
   Dual 64-and 256-Position I2C Nonvolatile Memory Digital Potentiometers
REV. 0
AD5116 AD-AD5116 Datasheet
455Kb / 16P
   Single-Channel, 64-Position, Push Button, 짹8% Resistor Tolerance, Nonvolatile Digital Potentiometer
REV. 0
AD5200BRM50 AD-AD5200BRM50 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5200BRM10 AD-AD5200BRM10 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
AD5201 AD-AD5201 Datasheet
749Kb / 16P
   256-Position and 33-Position Digital Potentiometers
REV. B
AD5200 AD-AD5200_15 Datasheet
1Mb / 15P
   256-Position and 33-Position Digital Potentiometers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com