Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDEIR6D31FNP-1MC Arkusz danych(PDF) 3 Page - Sumida Corporation

Numer części CDEIR6D31FNP-1MC
Szczegółowy opis  Ferrite core construction.
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUMIDA [Sumida Corporation]
Strona internetowa  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEIR6D31FNP-1MC Arkusz danych(HTML) 3 Page - Sumida Corporation

  CDEIR6D31FNP-1MC Datasheet HTML 1Page - Sumida Corporation CDEIR6D31FNP-1MC Datasheet HTML 2Page - Sumida Corporation CDEIR6D31FNP-1MC Datasheet HTML 3Page - Sumida Corporation CDEIR6D31FNP-1MC Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 3
Revised: 15-Sep-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEIR6D31F
Solder Reflow Condition
170
±10 ℃,60~120s
40s
230
245℃ PEAK
Heat Endurance
Temperature Chart
300
60
120
180
240
0
0
100
150
200
250
300
50
10
T (℃)
T (s)
60
260℃
230℃
0
100
150
200
250
300
50
T (℃)
300
120
180
240
0
T (s)
60
Neumarkt
Obernzell
Chicago
Tel.+49-9181-4509-110
FAX. +49-9181-4509-310
infocomp@eu.sumida.com
Tel.+49-8591-937-0
FAX. +49-8591-937-103
contact@sumida-eu.com
Tel.+1-847-545-6700
FAX. +1-847-545-6720
sales@us.sumida.com
Taipei
Shenzhen
Shanghai
Hong Kong
Tel.+1-408-321-9660
FAX.+1-408-321-9308
sales@us.sumida.com
Tel.+65-6296-3388
FAX.+65-6296-3390
sales@sg.sumida.com
Tel.+82-2-6237-0777
FAX.+82-2-6237-0778
sales@kr.sumida.com
Tel.+81-3-5202-7112
FAX.+81-3-5202-7105
sales@jp.sumida.com
San Jose
Singapore
Seoul
Tokyo
Please refer to the sales offices on our website - http://www.sumida.com
Tel.+886-2-8751-2737
FAX.+886-2-8751-2738
sales@tw.sumida.com
Tel.+86-755-8291-0228
FAX.+86-755-8291-0338
shenzhen.sales@cn.sumida.com
Tel.+86-021-5836-3299
FAX.+86-021-5836-3266
shanghai.sales@cn.sumida.com
Tel.+852-2880-6688
FAX.+852-2565-9600
sales@hk.sumida.com


Podobny numer części - CDEIR6D31FNP-1MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
CDEIR6D31FNP-100MC SUMIDA-CDEIR6D31FNP-100MC Datasheet
336Kb / 2P
   SMD Power Inductor
CDEIR6D31FNP-100MC SUMIDA-CDEIR6D31FNP-100MC Datasheet
134Kb / 3P
   SMD Power Inductor
CDEIR6D31FNP-120MC SUMIDA-CDEIR6D31FNP-120MC Datasheet
336Kb / 2P
   SMD Power Inductor
CDEIR6D31FNP-120MC SUMIDA-CDEIR6D31FNP-120MC Datasheet
134Kb / 3P
   SMD Power Inductor
CDEIR6D31FNP-1R0NC SUMIDA-CDEIR6D31FNP-1R0NC Datasheet
336Kb / 2P
   SMD Power Inductor
More results

Podobny opis - CDEIR6D31FNP-1MC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
CDEP104 SUMIDA-CDEP104_11 Datasheet
182Kb / 5P
   Ferrite core construction.
CDEP85 SUMIDA-CDEP85_11 Datasheet
185Kb / 6P
   Ferrite core construction.
CDPH28D11F SUMIDA-CDPH28D11F_12 Datasheet
179Kb / 4P
   Ferrite core construction.
CDEIR8D38F SUMIDA-CDEIR8D38F Datasheet
154Kb / 4P
   Ferrite core construction.
logo
Abracon Corporation
ALFB-02 ABRACON-ALFB-02 Datasheet
734Kb / 1P
   Ferrite core construction
07.14.14
logo
Sumida Corporation
CDRCH12D78B SUMIDA-CDRCH12D78B Datasheet
210Kb / 4P
   Ferrite drum core construction.
CDRH127CA SUMIDA-CDRH127CA Datasheet
190Kb / 5P
   Ferrite drum core construction.
CDRH2D14 SUMIDA-CDRH2D14_12 Datasheet
232Kb / 5P
   Ferrite drum core construction.
CDRH6D38T125 SUMIDA-CDRH6D38T125 Datasheet
202Kb / 4P
   Ferrite drum core construction.
CDRH12D43T125 SUMIDA-CDRH12D43T125 Datasheet
280Kb / 4P
   Ferrite drum core construction
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com