Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CDRH105RNP-151NC Arkusz danych(PDF) 4 Page - Sumida Corporation

Numer części CDRH105RNP-151NC
Szczegółowy opis  Ferrite drum core construction.
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SUMIDA [Sumida Corporation]
Strona internetowa  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDRH105RNP-151NC Arkusz danych(HTML) 4 Page - Sumida Corporation

  CDRH105RNP-151NC Datasheet HTML 1Page - Sumida Corporation CDRH105RNP-151NC Datasheet HTML 2Page - Sumida Corporation CDRH105RNP-151NC Datasheet HTML 3Page - Sumida Corporation CDRH105RNP-151NC Datasheet HTML 4Page - Sumida Corporation CDRH105RNP-151NC Datasheet HTML 5Page - Sumida Corporation CDRH105RNP-151NC Datasheet HTML 6Page - Sumida Corporation CDRH105RNP-151NC Datasheet HTML 7Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Page 4 of 6
Revised: 5-Jun-12
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDRH105R
0
50
100
150
200
250
300
0.0 0.2 0.4 0.6 0.8 1.0 1.2
0
10
20
30
40
50
60
0
40
80
120
160
200
240
0.0 0.3 0.6 0.9 1.2 1.5
0
10
20
30
40
50
60
0
30
60
90
120
150
180
0.0 0.3 0.6 0.9 1.2 1.5
0
10
20
30
40
50
60
0
30
60
90
120
150
180
0.0
0.4
0.8
1.2
1.6
0
10
20
30
40
50
60
0
20
40
60
80
100
120
0.0
0.4
0.8
1.2
1.6
0
10
20
30
40
50
60
0
20
40
60
80
100
120
0.0 0.3 0.6 0.9 1.2 1.5 1.8
0
10
20
30
40
50
60
0
15
30
45
60
75
90
0.0
0.4 0.8
1.2 1.6
2.0
0
10
20
30
40
50
60
0
15
30
45
60
75
90
0.0
0.5 1.0
1.5 2.0
2.5
0
10
20
30
40
50
60
0
10
20
30
40
50
60
0.0
0.5 1.0
1.5 2.0
2.5
0
10
20
30
40
50
60
0
8
16
24
32
40
48
0.0
0.6 1.2
1.8 2.4
3.0
0
10
20
30
40
50
60
0
8
16
24
32
40
48
0.0
0.8
1.6
2.4
3.2
0
10
20
30
40
50
60
0
6
12
18
24
30
36
0.0 0.6 1.2 1.8 2.4 3.0 3.6
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
L (20
℃)
△T
L (100
℃)
13. CDRH105RNP-270NC
△T (℃)
L (
μH)
DC (A)
DC (A)
14. CDRH105RNP-330NC
△T (℃)
L (
μH)
△T (℃)
15. CDRH105RNP-390NC
L (
μH)
DC (A)
△T (℃)
16. CDRH105RNP-470NC
L (
μH)
DC (A)
△T (℃)
17. CDRH105RNP-560NC
L (
μH)
DC (A)
△T (℃)
18. CDRH105RNP-680NC
L (
μH)
DC (A)
△T (℃)
19. CDRH105RNP-820NC
L (
μH)
DC (A)
△T (℃)
20. CDRH105RNP-101NC
L (
μH)
DC (A)
DC (A)
△T (℃)
21. CDRH105RNP-121NC
L (
μH)
△T (℃)
22. CDRH105RNP-151NC
L (
μH )
DC (A)
△T (℃)
23. CDRH105RNP-181NC
L (
μH )
DC (A)
DC (A)
△T (℃)
24. CDRH105RNP-221NC
L (
μH )


Podobny numer części - CDRH105RNP-151NC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
CDRH105RNP-151NC SUMIDA-CDRH105RNP-151NC Datasheet
212Kb / 6P
   SMD Power Inductor
More results

Podobny opis - CDRH105RNP-151NC

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sumida Corporation
CDRH3D23 SUMIDA-CDRH3D23_12 Datasheet
173Kb / 5P
   Ferrite drum core construction.
CDRH4D22 SUMIDA-CDRH4D22_12 Datasheet
181Kb / 6P
   Ferrite drum core construction.
CDRH8D58 SUMIDA-CDRH8D58_12 Datasheet
153Kb / 5P
   Ferrite drum core construction.
CDC90D48 SUMIDA-CDC90D48 Datasheet
159Kb / 2P
   Ferrite drum core construction
CDRH5D28RH125 SUMIDA-CDRH5D28RH125 Datasheet
183Kb / 4P
   Ferrite drum core construction
CDRH7D58RA SUMIDA-CDRH7D58RA Datasheet
142Kb / 3P
   Ferrite drum core construction
CDRH10D38D SUMIDA-CDRH10D38D Datasheet
170Kb / 4P
   Ferrite drum core construction
CDRH10D38DHP SUMIDA-CDRH10D38DHP Datasheet
163Kb / 4P
   Ferrite drum core construction
CDRH10D68RT125 SUMIDA-CDRH10D68RT125 Datasheet
232Kb / 5P
   Ferrite drum core construction
CDRH12D58A SUMIDA-CDRH12D58A Datasheet
182Kb / 5P
   Ferrite drum core construction
CDRCH12D78B SUMIDA-CDRCH12D78B Datasheet
210Kb / 4P
   Ferrite drum core construction.
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com