Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TC1301 Arkusz danych(PDF) 5 Page - Transcom, Inc.

Numer części TC1301
Szczegółowy opis  Low Noise and Medium Power GaAs FETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TRANSCOM [Transcom, Inc.]
Strona internetowa  http://www.transcominc.com.tw
Logo TRANSCOM - Transcom, Inc.

TC1301 Arkusz danych(HTML) 5 Page - Transcom, Inc.

  TC1301 Datasheet HTML 1Page - Transcom, Inc. TC1301 Datasheet HTML 2Page - Transcom, Inc. TC1301 Datasheet HTML 3Page - Transcom, Inc. TC1301 Datasheet HTML 4Page - Transcom, Inc. TC1301 Datasheet HTML 5Page - Transcom, Inc. TC1301 Datasheet HTML 6Page - Transcom, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
TC1301
REV5_20070502
TRANSCOM, INC., 90 Dasoong 7th Road, Tainan Science-Based Industrial Park, Hsin-She Shiang, Tainan County, Taiwan, R.O.C.
Web-Site: www.transcominc.com.tw
Phone: 886-6-5050086
Fax: 886-6-5051602
5 / 6
SCHEMATI
Cgs
Cgd
Cds
Rg
Rd
Rds
Ri
Rs
Gm
T
Lg
Ld
Ls
PARAMETERS
Lg
0.057 nH
Rs
1.66 Ohm
Rg
2.08 Ohm
Ls
0.019 nH
Cgs
0.959 pF
Cds
0.167 pF
Ri
5.78 Ohm
Rds
93.2 Ohm
Cgd
0.074 pF
Rd
1.358 Ohm
Gm
284.0 mS
Ld
0.038 nH
T
5.54 psec
SMALL SIGNAL MODEL, VDS = 6 V, IDS = 80 mA
SCHEMATI
Cgs
Cgd
Cds
Rg
Rd
Rds
Ri
Rs
Gm
T
Lg
Ld
Ls
PARAMETERS
Lg
0.056
nH
Rs
1.808
Ohm
Rg
1.954
Ohm
Ls
0.016
nH
Cgs
1.33
pF
Cds
0.185
pF
Ri
5.58
Ohm
Rds
90.1
Ohm
Cgd
0.052
pF
Rd
1.422
Ohm
Gm
315
mS
Ld
0.036
nH
T
5.63
psec
LARGE SIGNAL MODEL, VDS = 6 V, IDS = 80 mA


Podobny numer części - TC1301

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
TC1301 ETC-TC1301 Datasheet
206Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Microchip Technology
TC1301A MICROCHIP-TC1301A Datasheet
1Mb / 28P
   Dual LDO with Microcontroller RESET Function
2005
TC1301A MICROCHIP-TC1301A Datasheet
778Kb / 28P
   Dual LDO with Microcontroller RESET Function
2008
TC1301A MICROCHIP-TC1301A Datasheet
665Kb / 28P
   Dual LDO with Microcontroller RESET Function
01/02/08
TC1301A-ADAVMF MICROCHIP-TC1301A-ADAVMF Datasheet
1Mb / 28P
   Dual LDO with Microcontroller RESET Function
2005
More results

Podobny opis - TC1301

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Transcom, Inc.
TC1201 TRANSCOM-TC1201 Datasheet
251Kb / 6P
   Low Noise and Medium Power GaAs FETs
TC1201V TRANSCOM-TC1201V Datasheet
122Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1101V TRANSCOM-TC1101V Datasheet
90Kb / 2P
   Low Noise and Medium Power GaAs FETs
logo
List of Unclassifed Man...
TC1301 ETC-TC1301 Datasheet
206Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1304 TRANSCOM-TC1304 Datasheet
261Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
List of Unclassifed Man...
TC1101 ETC2-TC1101 Datasheet
154Kb / 6P
   Low Noise and Medium Power GaAs FETs
logo
Transcom, Inc.
TC1101 TRANSCOM-TC1101 Datasheet
250Kb / 5P
   Low Noise and Medium Power GaAs FETs
TC1304V TRANSCOM-TC1304V Datasheet
71Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC1301V TRANSCOM-TC1301V Datasheet
73Kb / 2P
   Low Noise and Medium Power GaAs FETs
TC2384 TRANSCOM-TC2384 Datasheet
192Kb / 4P
   Low Noise and Medium Power Packaged GaAs FETs
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com