Zakładka z wyszukiwarką danych komponentów |
|
ACE24C04TMUH Arkusz danych(PDF) 3 Page - ACE Technology Co., LTD. |
|
ACE24C04TMUH Arkusz danych(HTML) 3 Page - ACE Technology Co., LTD. |
3 / 15 page ACE24C04/08A Two-wire Serial EEPROM VER 1.5 3 Ordering Information ACE24C04/08A XX + X H Pin Description Serial Clock (SCL): The SCL input is used to positive edge clock data into each EEPROM device and negative edge clock data out of each device. Serial Data (SDA): The SDA pin is bi-directional for serial data transfer. This pin is open-drain driven and may be wire-ORed with any number of other open-drain or open-collector devices. Device/Page Addresses (A2,A1) The ACE24C04A uses the A2 and A1 inputs for hard wire addressing and a total of four 4K devices may be addressed on a single bus system. The A0 pin is a no connect and can be connected to ground (device addressing is discussed in detail under the Device Addressing section). The ACE24C08A only uses the A2 input for hardware addressing and total of two 8K devices may be addressed on a single bus system. The A0 and A1 pins are no connects and can be connected to ground (device addressing is discussed in detail under the Device Addressing section). Write Protect (WP): The ACE24C04/08A has a Write Protect pin that provides hardware data protection. The Write Protect pin allows normal read/write operations when connected to ground (GND). When the Write Protect pin is conceded to Vcc the write protection feature is enabled. Write Protect Description WP Pin Status Part of the Array Protected ACE24C04A ACE24C08A WP=VCC Full (4K) Array Full (8K) Array WP=GND Normal Read / Write Operations Pb - free U : Tube T : Tape and Reel DP : DIP-8 FM : SOP-8 TM : TSSOP-8 Halogen - free |
Podobny numer części - ACE24C04TMUH |
|
Podobny opis - ACE24C04TMUH |