Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ACE24LC16DM+UH Arkusz danych(PDF) 6 Page - ACE Technology Co., LTD.

Numer części ACE24LC16DM+UH
Szczegółowy opis  Two-wire Serial EEPROM
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ACE [ACE Technology Co., LTD.]
Strona internetowa  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24LC16DM+UH Arkusz danych(HTML) 6 Page - ACE Technology Co., LTD.

Back Button ACE24LC16DM+UH Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24LC16DM+UH Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24LC16DM+UH Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24LC16DM+UH Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24LC16DM+UH Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24LC16DM+UH Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24LC16DM+UH Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24LC16DM+UH Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24LC16DM+UH Datasheet HTML 10Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
ACE24LC02/04/08/16
Two-wire Serial EEPROM
VER 1.6
6
AC Characteristics
Applicable over recommended operating range from: TA = -40℃ to +85℃, VCC = +1.7V to +3.6V, CL = 100 pF (unless
otherwise noted). Test conditions are listed in Note 2.
Symbol
Parameter
1.7-volt
2.5-volt
3.6-volt
Units
Min Max Min Max Min Max
fSCL
Clock Frequency, SCL
400
1000
1000
kHz
TLOW
Clock Pulse Width Low
1.3
0.4
0.4
µs
THIGH
Clock Pulse Width High
0.6
0.4
0.4
µs
TAA
Clock Low to Data Out Valid
0.05 0.9 0.05 0.55 0.05 0.55
µs
TBUF
1
Time the bus must be free before a new
transmission can Start
1.2
0.5
0.5
µs
THD.STA
Start Hold Time
0.6
0.25
0.25
µs
TSU.STA
Start Setup Time
0.6
0.25
0.25
µs
THD.DAT
Data In Hold Time
0
0
0
µs
TSU.DAT
Data In Setup Time
100
100
100
ns
TR
Inputs Rise Time
0.3
0.3
0.3
µs
TF
Inputs Fall Time
300
100
100
ns
TSU.STO
Stop Setup Time
0.6
0.25
0.25
µs
TDH
Data Out Hold Time
50
50
50
ns
TWR
Write Cycle Time
5
5
5
ms
Endurance
1
3.3V, 25℃, Page Mode
1,000,000
Write
Cycles
Notes:1. This parameter is characterized and not 100% tested.
2.AC measurement conditions:
RL (connects to Vcc): 1.3k
Ω
Input pulse voltages: 0.3 Vcc to 0.7 Vcc
Input rise and fall times: ≦50 ns
Input and output timing reference voltages: 0.5Vcc
Device Operation
Clock and Data Transitions:
The SDA pin is normally pulled high with an external device. Data on the SDA pin may change only
during SCL low time periods (refer to Figure 4). Data changes during SCL high periods will indicate a
start or stop condition as defined below.
Start Condition:
A high-to-low transition of SDA with SCL high is a start condition which must precede any other
command (refer to Figure 5).


Podobny numer części - ACE24LC16DM+UH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ACE Technology Co., LTD...
ACE24LC16DP+TH ACE-ACE24LC16DP+TH Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
ACE24LC16DP+UH ACE-ACE24LC16DP+UH Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
More results

Podobny opis - ACE24LC16DM+UH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com