Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMA1EZ6.2 Arkusz danych(PDF) 1 Page - Dc Components

Numer części SMA1EZ6.2
Szczegółowy opis  TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES VOLTAGE RANGE - 6.2 to 300 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DCCOM [Dc Components]
Strona internetowa  http://www.dccomponents.com
Logo DCCOM - Dc Components

SMA1EZ6.2 Arkusz danych(HTML) 1 Page - Dc Components

  SMA1EZ6.2 Datasheet HTML 1Page - Dc Components SMA1EZ6.2 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES
SMA1EZ6.2
THRU
SMA1EZ300
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
FEATURES
* Voltage Range: 6.2V to 300V
* Low leakage
* Low inductance
* High peak reverse power disspation
* Glass passivated junction
* Build-in strain relief
NOTES : 1. TL=Lead temperature at 3/8” (9.5mm) from body.
2. Valid provided that leads are kept at ambient temperature at a distance of 10 mm form case.
VOLTAGE RANGE - 6.2 to 300 Volts
POWER - 1.0 Watts
Fig. 1 - POWER TEMPERATURE
DERATING CURVE
1.2
1
0.8
0.6
0.4
0.2
0
50
100
150
AMBIENT TEMPERATURE, Ta(oC)
Fig. 2 - TYPICAL THERMAL RESISTANCE
VERSUS LEAD LENGTH
LEAD LENGTH TO HEAT SINK, (Inches)
150
125
100
75
50
25
0
0.1 0.2 0.3 0.4 0.5 0.6 0.7 0.8 0.9 1.0
175
Fig. 3 - TEMPERATURE COEFFICIENTS
v.s. ZENER VOLTAGE
20
10
1
10
100
ZENER VOLTAGE, Vz, (V)
Range
Dimensions in inches and (millimeters)
SMA ( DO-214AC )
.114(2.90)
.098(2.50)
.181(4.60)
.157(4.00)
.062(1.60)
.055(1.40)
.012(0.305)
.006(0.152)
.008(0.203)
.002(0.051)
.208(5.28)
.188(4.80)
.060(1.52)
.030(0.76)
.096(2.44)
.078(2.00)
MECHANICAL DATA
* Case: Molded Plastic
* Mounting position: Any
* Weight: 0.064 gram Approx.
* Terminals:Solder plated, solderable per
MIL-STD-705, Method 2026
* Polarity: As marked
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SYMBOL
VALUE
UNITS
Maximum Power Dissipation @TL=50oC (Note 1)
Ptot
1.0
W
Peak pulse current with a 10/1000
µs waveform
VF
1.2
Volts
Maximum Thermal Resistance Junction to Ambient Air
R
θJA
170
o
C/W
Junction Temperature Range
TJ
-55 to +175
o
C
Storage Temperature Range
TSTG
-55 to +175
o
C


Podobny numer części - SMA1EZ6.2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Micro Commercial Compon...
SMA1EZ110D5 MCC-SMA1EZ110D5 Datasheet
370Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
SMA1EZ110D5HE3 MCC-SMA1EZ110D5HE3 Datasheet
389Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
SMA1EZ120D5 MCC-SMA1EZ120D5 Datasheet
370Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
SMA1EZ120D5HE3 MCC-SMA1EZ120D5HE3 Datasheet
389Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
SMA1EZ130D5 MCC-SMA1EZ130D5 Datasheet
370Kb / 4P
   1 W Glass Passivated Junction Silicon Zener Diode 110-330 Volts
More results

Podobny opis - SMA1EZ6.2

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dc Components
MMSZ4735A DCCOM-MMSZ4735A Datasheet
63Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES VOLTAGE RANGE - 6.2 to 200 Volts
SMA5920 DCCOM-SMA5920 Datasheet
51Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES VOLTAGE RANGE - 6.2 to 200 Volts
DLM4148 DCCOM-DLM4148 Datasheet
248Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SWITCHING DIODES VOLTAGE RANGE - 100 Volts
BZT52C2V4 DCCOM-BZT52C2V4 Datasheet
233Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES
BZX84C2V4W DCCOM-BZX84C2V4W Datasheet
238Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES
BZT52C2V4S DCCOM-BZT52C2V4S Datasheet
246Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES
BZX84C2V4 DCCOM-BZX84C2V4 Datasheet
243Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ZENER DIODES
DLQ103A DCCOM-DLQ103A Datasheet
246Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
DLM103A DCCOM-DLM103A Datasheet
107Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SCHOTTKY BARRIER DIODES VOLTAGE RANGE - 20 to 40 Volts
MMSZ5221BS DCCOM-MMSZ5221BS Datasheet
245Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com