Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UF05MFL Arkusz danych(PDF) 1 Page - Dc Components

Numer części UF05MFL
Szczegółowy opis  TECHNICAL SPECIFICATIONS OF ULTRA FAST SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DCCOM [Dc Components]
Strona internetowa  http://www.dccomponents.com
Logo DCCOM - Dc Components

UF05MFL Arkusz danych(HTML) 1 Page - Dc Components

  UF05MFL Datasheet HTML 1Page - Dc Components UF05MFL Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
RECTIFIER SPECIALISTS
R
DC COMPONENTS CO., LTD.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
oC ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
SOD-123FL
TECHNICAL SPECIFICATIONS OF ULTRAFAST SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Dimensions in inches and (millimeters)
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified Current
Peak Forward Surge Current IFM(surge): 8.3 ms single half sine-wave
superimposed on rated load (JEDEC method)
Operating and Storage Temperature Range
SYMBOL
VRRM
VDC
IO
IFSM
VRMS
Amps
0.5
15
-55 to + 150
UNITS
Volts
Volts
Volts
Amps
VF
IR
1.0
100
uAmps
Maximum Forward Voltage at 0.5A DC
Volts
Maximum DC Reverse Current at
Rated DC Blocking Voltage
@TA = 25
oC
@TA = 125
oC
5.0
UF05AFL
THRU
UF05MFL
FEATURES
* ldeal for surface mounted applications
* Low leakage current
* Low profile space
* Low forward voltage drop
* High forward surge capability
* Glass passivated junction
MECHANICAL DATA
* Case: Molded plastic
* Epoxy: UL 94V-0 rate flame retardant
* Mounting position: Any
* Weight: 0.017 gram
*Terminals: Solder plated, solderable per
MIL-STD-750, Method 2026
* Polarity: As marked
UF05AFL UF05BFL UF05DFL UF05GFL UF05JFL UF05KFL UF05MFL
50
100
200
400
600
800
1000
35
70
140
280
420
560
700
50
100
200
400
600
800
1000
.115(2.9)
.098(2.5)
.154(3.9)
.138(3.5)
.043(1.1)
.020(0.5)
.039(1.0)
.024(0.6)
.047(1.2)
.031(0.8)
TJ, TSTG
0 C
.075(1.9)
.063(1.6)
.010(0.25)
.002(0.05)
VOLTAGE RANGE - 50 to 1000 Volts
CURRENT - 0.5 Ampere
Maximum reverse recovery time
at IF = 0.5A , IR = 1.0A , Irr = 0.25A
trr
50
75
nS
1.3
1.7
NOTES :1. Mounted on FR-4 P.C.B. with 0.9X1.5 mm copper pads areas.


Podobny numer części - UF05MFL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dc Components
UF03AFL DCCOM-UF03AFL Datasheet
68Kb / 2P
   TECHNICAL SPECIFICATIONS OF ULTRA FAST SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
UF03MFL DCCOM-UF03MFL Datasheet
68Kb / 2P
   TECHNICAL SPECIFICATIONS OF ULTRA FAST SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
logo
Shenzhen Taychipst Elec...
UF07A TAYCHIPST-UF07A Datasheet
3Mb / 2P
   HIGH EFFICIENCY RECTIFIERS
logo
Shenzhen Luguang Electr...
UF07A LUGUANG-UF07A Datasheet
218Kb / 2P
   High Efficiency Rectifiers
logo
Microdiode Electronics ...
UF07A CHENDA-UF07A Datasheet
87Kb / 2P
   SURFACE MOUNT HIGH EFFICIENCY RECTIFIER
More results

Podobny opis - UF05MFL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Dc Components
UF1AFL DCCOM-UF1AFL Datasheet
68Kb / 2P
   TECHNICAL SPECIFICATIONS OF ULTRA FAST SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
UF03AFL DCCOM-UF03AFL Datasheet
68Kb / 2P
   TECHNICAL SPECIFICATIONS OF ULTRA FAST SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
HS05JFL DCCOM-HS05JFL Datasheet
67Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
S1AFL DCCOM-S1AFL Datasheet
67Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE 50 to 1000 Volts
S05AFL DCCOM-S05AFL Datasheet
67Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
S03AFL DCCOM-S03AFL Datasheet
67Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
S07AFL DCCOM-S07AFL Datasheet
67Kb / 2P
   TECHNICAL SPECIFICATIONS OF SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
FR1AFL DCCOM-FR1AFL Datasheet
67Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
FR03AFL DCCOM-FR03AFL Datasheet
67Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
FR05AFL DCCOM-FR05AFL Datasheet
67Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY SURFACE MOUNT GLASS PASSIVATED RECTIFIER VOLTAGE RANGE - 50 to 1000 Volts
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com