Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADLQM67HDS-2330E Arkusz danych(PDF) 2 Page - ADL Embedded Solutions

Numer części ADLQM67HDS-2330E
Szczegółowy opis  Intel Gen2 Core, Celeron 1.6 GHz - 2.5 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ADL [ADL Embedded Solutions]
Strona internetowa  http://www.adl-usa.com
Logo ADL - ADL Embedded Solutions

ADLQM67HDS-2330E Arkusz danych(HTML) 2 Page - ADL Embedded Solutions

  ADLQM67HDS-2330E Datasheet HTML 1Page - ADL Embedded Solutions ADLQM67HDS-2330E Datasheet HTML 2Page - ADL Embedded Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCI Express 3.5-inch SBC
Data subject to change without notice
.
ADL Embedded Solutions GmbH, Eiserfelder Straße 316 D-57080 Siegen,
ADL Embedded Solutions Inc., 4411 Morena Blvd., Suite 101
Germany P. +49 (0) 271 250 810 0 F. +49 (0) 271 250 810 20
San Diego, CA 92117-4345 P. +1 858 490-0597 F. +1 858 490-0599
e-mail: sales@adl-europe.com; web: www.adl-europe.com
e-mail: sales@adl-usa.com; web: www.adl-usa.com
Embedded Solutions
Technical Specifications - ADLQM67HDS
FEATURE
FUNCTION
REMARKS
OPTIONS
CPU
CPU Class
Intel Core i3/i5/i7, Celeron
Celeron B810, i3-2310E, i5-2510E, i7-2710QE
CPU Option / Performance (GHz) / L3 Cache
B810/1.6/3, 2330E/2.2/3, 2510E/2.5/3, 2710/2.1/6
See ordering guide on page 1
Max. No. of Cores
4
B810-2C2T, 2330E-2C4T, 2510E-2C4T, 2710QE-4C8T
See ordering guide on page 1
Soldered (or Socket Name)
rPGA988B
Chipset
North Bridge (GMCH)
Intel QM67 PCH
South Bridge (ICH)
Intel QM67 PCH
Super IO1
SMSC SCH3114
Hardware monitoring
Memory
Type
SODIMM204-1,5V / DDR3
DDR3 1066/1333 MHz
Size max (MB)
16GB
8GB x 2 (Dual Channel)
Graphic
Controller
CPU integrated
Memory max. up to 512MB DVMT
CRT
Yes
2048 x 1536 max. res.
CRT or DVI-I is cabling option
DVI / HDMI / DisplayPort
DVI x2 /HDMI
Max res all digital video - 1920 x 1200
HDMI or DVI-D is cabling option
LCD LVDS 18/24/36/48
--
--
--
BIOS
Power Management APM/ACPI
APM/ACPI
Power States : S0/S1/S4/S5
Hardware Monitoring
ADL-SST API
BIOS Setup
Audio
Controller and Codec
Intel QM67 / Realtek ALC889 (HDA)
2/6/8 channel support
LAN
LAN1 Controller
Intel QM67 / 579 Phy
10/100/1000 Mbit, RPL/PXE/WOL support
Jumbo Framing supported
LAN2 Controller
Intel 82574L
10/100/1000 Mbit, RPL/PXE/WOL support
Jumbo Framing supported
Buses
PCIe x1 / x4
Configurable one x4 or four x1
Custom 2 x 40-pin header
Specials/Options
mini-PCI socket (mPCI)
SATA Interfaces
SATA Channels
4
2x SATA 3G, 2x SATA 6G
RAID 0/1/5/10
USB Interfaces
USB-Channels
10
USB 1.1/2.0/Host - x4 onboard connectors, x6 cable
headers
Boot options: HD/FDD/CDROM/FD/ZIP
Interfaces
COM1/2/3/4: TTL/RS232/RS485/RS422
RS232
1x onboard D-sub, 3x cable header
PS/2 Keyboard/Mouse
Yes
Watchdog
Yes
Specials/Options
8-Bit GPIO
Discrete port
Power Supply
Supply Voltage
5V, 12V, 5VSUS
Power Consumption (typical*)
TBD
Contact your Sales Engineer for more information on
“typical” configuration
Cooling
passive / active
Operating Temperature (ambient)
-25 to 70 °C
ADL Embedded Solutions thermal solution recommended
Extended Temperature
TBD -40 to 85º C
Requires ADL-ET and Approved Thermal solution
Storage Temp.
-40 to 85 °C
Dimensions
102mm x 147mm (4” x 5.8”)


Podobny numer części - ADLQM67HDS-2330E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ADL Embedded Solutions
ADLQM67HDS-2510E ADL-ADLQM67HDS-2510E Datasheet
567Kb / 2P
   PCI Express 3.5-inch SBC
ADLQM67HDS-2710QE ADL-ADLQM67HDS-2710QE Datasheet
567Kb / 2P
   PCI Express 3.5-inch SBC
More results

Podobny opis - ADLQM67HDS-2330E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Axiomtek Co., Ltd.
EBOX560-880-FL AXIOMTEK-EBOX560-880-FL Datasheet
133Kb / 1P
   4th Generation Intel Celeron 2980U 1.6 GHz / Core i5 4300U 1.9 GHz Haswell ULT SoC
logo
AAEON Technology
PFM-CVSREV.B AAEON-PFM-CVSREV.B Datasheet
266Kb / 2P
   Intel Atom N2600 Dual Core 1.6 GHz Processor
logo
Intel Corporation
315876-002 INTEL-315876-002 Datasheet
832Kb / 68P
   Intel Celeron Processor 1.66 GHz/1.83 GHz
logo
Axiomtek Co., Ltd.
EBOX530-830-FL AXIOMTEK-EBOX530-830-FL_17 Datasheet
380Kb / 1P
   Intel Atom Cedarview processor N2600 1.6 GHz dual core
EBOX560-512-FL AXIOMTEK-EBOX560-512-FL Datasheet
342Kb / 1P
   Fanless Embedded System with Intel Core i5-7300U 3.5 GHz/Celeron 3965U 2.2 GHz
logo
AAEON Technology
BOXER-6614 AAEON-BOXER-6614 Datasheet
520Kb / 2P
   Fanless Embedded Box PC with Intel® Celeron® N2930 Quad Core 1.83 GHz/ Celeron® N2807 Dual Core 1.58 GHz
2022/09/14
logo
ADL Embedded Solutions
ADLQM67PC-2655LE ADL-ADLQM67PC-2655LE Datasheet
242Kb / 3P
   Intel Core i7, 2.2 GHz
ADLQM67PC-2715QE ADL-ADLQM67PC-2715QE Datasheet
234Kb / 3P
   Intel Core i7 Quad, 2.1 GHz- 3 GHz
logo
Intel Corporation
243658-020 INTEL-243658-020 Datasheet
2Mb / 128P
   Intel Celeron Processor up to 1.10 GHz
logo
Keysight Technologies
M9036A KEYSIGHT-M9036A Datasheet
640Kb / 9P
   Intel Core i5-520E 2.4 GHz
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com