Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD5262BRU200 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD5262BRU200
Szczegółowy opis  1-/2-Channel 15 V Digital Potentiometers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD5262BRU200 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD5262BRU200 Datasheet HTML 4Page - Analog Devices AD5262BRU200 Datasheet HTML 5Page - Analog Devices AD5262BRU200 Datasheet HTML 6Page - Analog Devices AD5262BRU200 Datasheet HTML 7Page - Analog Devices AD5262BRU200 Datasheet HTML 8Page - Analog Devices AD5262BRU200 Datasheet HTML 9Page - Analog Devices AD5262BRU200 Datasheet HTML 10Page - Analog Devices AD5262BRU200 Datasheet HTML 11Page - Analog Devices AD5262BRU200 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
REV. 0
AD5260/AD5262
–8–
All digital inputs are protected with a series input resistor and
parallel Zener ESD structure as shown in Figure 6. This applies
to digital input pins
CS, SDI, SDO, PR, SHDN, and CLK.
340
LOGIC
Figure 6. ESD Protection of Digital Pins
A, B, W
VSS
Figure 7. ESD Protection of Resistor Terminals
LAYOUT AND POWER SUPPLY BYPASSING
It is a good practice to employ compact, minimum-lead length
layout design. The leads to the input should be as direct as pos-
sible with a minimum conductor length. Ground paths should
have low resistance and low inductance.
Similarly, it is also a good practice to bypass the power supplies
with quality capacitors for optimum stability. Supply leads to the
device should be bypassed with 0.01
mF–0.1 mF disc or chip ceram-
ics capacitors. Low-ESR 1
mF to 10 mF tantalum or electrolytic
capacitors should also be applied at the supplies to minimize any
transient disturbance (see Figure 8). Notice the digital ground
should also be joined remotely to the analog ground to minimize
the ground bounce.
VSS
C3
C4
C1
C2
10 F
VSS
VDD
0.1 F
GND
VDD
0.1 F
10 F
Figure 8. Power Supply Bypassing
TERMINAL VOLTAGE OPERATING RANGE
The AD5260/AD5262 positive VDD and negative VSS power
supply defines the boundary conditions for proper 3-terminal
digital potentiometer operation. Supply signals present on termi-
nals A, B, and W that exceed VDD or VSS will be clamped by the
internal forward biased diodes (see Figure 9).
VDD
A
W
B
VSS
Figure 9. Maximum Terminal Voltages Set by VDD and VSS
The ground pin of the AD5260/AD5262 device is primarily used
as a digital ground reference, which needs to be tied to the PCB’s
common ground. The digital input control signals to the AD5260/
AD5262 must be referenced to the device ground pin (GND),
and must satisfy the logic level defined in the specification table
of this data sheet. An internal level shift circuit ensures that the
common-mode voltage range of the three terminals extends
from VSS to VDD regardless of the digital input level.
POWER-UP SEQUENCE
Since there are diodes to limit the voltage compliance at termi-
nals A, B, and W (see Figure 9), it is important to power VDD/VSS
first before applying any voltage to terminals A, B, and W. Other-
wise, the diode will be forward biased such that VDD/VSS will be
powered unintentionally and may affect the rest of the user’s circuit.
The ideal power-up sequence is in the following order: GND,
VDD, VSS, VL, Digital Inputs, and VA/B/W. The order of powering
VA, VB, VW, and Digital Inputs is not important as long as they
are powered after VDD/VSS.
Daisy-Chain Operation
The serial-data output (SDO) pin contains an open drain
n-channel FET. This output requires a pull-up resistor to trans-
fer data to the next package’s SDI pin. This allows for daisy
chaining several RDACs from a single processor serial data line.
The pull-up resistor termination voltage can be larger than the VDD
supply voltage. It is recommended to increase the Clock period
when using a pull-up resistor to the SDI pin of the following device
in series because capacitive loading at the daisy-chain node
SDO-SDI between devices may induce time delay to subsequent
devices. Users should be aware of this potential problem to achieve
data transfer successfully (see Figure 10). If two AD5260s are daisy-
chained, this requires a total of 16 bits of data. The first 8 bits,
complying with the format shown in Table I, go to U2, and the
second 8 bits with the same format go to U1. The
CS should be
kept low until all 16 bits are clocked into their respective serial
registers, and the
CS is then pulled high to complete the operation.
CS CLK
SDO
SDI
VDD
CS CLK
SDO
SDI
MOSI
C
SCLK SS
RP
2.2k
AD5260
AD5260
U1
U2
Figure 10. Daisy-Chain Configuration
RDAC STRUCTURE
The RDAC contains a string of equal resistor segments, with an
array of analog switches, that act as the wiper connection. The
number of positions is the resolution of the device. The AD5260/
AD5262 have 256 connection points allowing it to provide better
than 0.4% set-ability resolution. Figure 11 shows an equivalent
structure of the connections between the three terminals that
make up one channel of the RDAC. The SWA and SWB will
always be ON, while one of the switches SW(0) to SW(2
N – 1)
will be ON one at a time depending on the resistance position
decoded from the data bits. Since the switch is not ideal, there is
a 60
W wiper resistance, RW. Wiper resistance is a function of
supply voltage and temperature. The lower the supply voltage, the
higher the wiper resistance. Similarly, the higher the temperature,
the higher the wiper resistance. Users should be aware of the
contribution of the wiper resistance when accurate prediction of
the output resistance is needed.


Podobny numer części - AD5262BRU200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD5262BRU200 AD-AD5262BRU200 Datasheet
610Kb / 24P
   1-/2-Channel 15 V Digital Potentiometer
REV. A
AD5262BRU200-REEL7 AD-AD5262BRU200-REEL7 Datasheet
610Kb / 24P
   1-/2-Channel 15 V Digital Potentiometer
REV. A
More results

Podobny opis - AD5262BRU200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8400 AD-AD8400 Datasheet
496Kb / 20P
   1-/2-/4-Channel Digital Potentiometers
REV. B
AD8402ARZ1 AD-AD8402ARZ1 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10 AD-AD8403ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8403ARZ10-REEL AD-AD8403ARZ10-REEL Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8402ARZ10 AD-AD8402ARZ10 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD8400ARZ100 AD-AD8400ARZ100 Datasheet
610Kb / 32P
   1-/2-/4-Channel Digital Potentiometers
Rev. E
AD5260 AD-AD5260_10 Datasheet
610Kb / 24P
   1-/2-Channel 15 V Digital Potentiometer
REV. A
AD5206 AD-AD5206_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5204 AD-AD5204_15 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
AD5206BRUZ100 AD-AD5206BRUZ100 Datasheet
371Kb / 20P
   4-/6-Channel Digital Potentiometers
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com