Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CSD16408Q5C Arkusz danych(PDF) 2 Page - Texas Instruments

Numer części CSD16408Q5C
Szczegółowy opis  The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI1 [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI1 - Texas Instruments

CSD16408Q5C Arkusz danych(HTML) 2 Page - Texas Instruments

  CSD16408Q5C_10 Datasheet HTML 1Page - Texas Instruments CSD16408Q5C_10 Datasheet HTML 2Page - Texas Instruments CSD16408Q5C_10 Datasheet HTML 3Page - Texas Instruments CSD16408Q5C_10 Datasheet HTML 4Page - Texas Instruments CSD16408Q5C_10 Datasheet HTML 5Page - Texas Instruments CSD16408Q5C_10 Datasheet HTML 6Page - Texas Instruments CSD16408Q5C_10 Datasheet HTML 7Page - Texas Instruments CSD16408Q5C_10 Datasheet HTML 8Page - Texas Instruments CSD16408Q5C_10 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
CSD16408Q5C
SLPS263B – DECEMBER 2009 – REVISED SEPTEMBER 2010
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ELECTRICAL CHARACTERISTICS
TA = 25°C unless otherwise stated
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Static Characteristics
BVDSS
Drain to Source Voltage
VGS = 0V, ID = 250mA
25
V
IDSS
Drain to Source Leakage
VGS = 0V, VDS = 20V
1
mA
IGSS
Gate to Source Leakage
VDS = 0V, VGS = +16/-12V
100
nA
VGS(th)
Gate to Source Threshold Voltage
VDS = VGS, ID = 250mA
1.4
1.8
2.1
V
VGS = 4.5V, ID = 25A
5.4
6.8
m
RDS(on)
Drain to Source On Resistance
VGS = 10V, ID = 25A
3.6
4.5
m
gfs
Transconductance
VDS = 15V, ID = 25A
60
S
Dynamic Characteristics
CISS
Input Capacitance
990
1300
pF
COSS
Output Capacitance
VGS = 0V, VDS = 12.5V , f = 1MHz
760
1000
pF
CRSS
Reverse Transfer Capacitance
75
100
pF
Rg
Series Gate Resistance
0.8
1.6
Qg
Gate Charge Total (4.5V)
6.7
8.9
nC
Qgd
Gate Charge – Gate to Drain
1.9
nC
VDS = 12.5V, ID = 25A
Qgs
Gate Charge – Gate to Source
3.1
nC
Qg(th)
Gate Charge at Vth
1.8
nC
QOSS
Output Charge
VDS = 13V, VGS = 0V
15.7
nC
td(on)
Turn On Delay Time
11.3
ns
tr
Rise Time
25
ns
VDS = 12.5V, VGS = 4.5V,
ID = 25A, RG = 2Ω
td(off)
Turn Off Delay Time
11
ns
tf
Fall Time
10.8
ns
Diode Characteristics
VSD
Diode Forward Voltage
IS = 25A, VGS = 0V
0.8
1
V
Qrr
Reverse Recovery Charge
VDD = 13V, IF = 25A, di/dt = 300A/ms
17
nC
trr
Reverse Recovery Time
VDD = 13V, IF = 25A, di/dt = 300A/ms
21
ns
THERMAL CHARACTERISTICS
TA = 25°C unless otherwise stated
PARAMETER
MIN
TYP
MAX
UNIT
RqJC
Thermal Resistance Junction to Case (Top Source)(1)
3.1
°C/W
RqJC
Thermal Resistance Junction to Case (Bottom Drain)(1)
1.9
°C/W
RqJA
Thermal Resistance Junction to Ambient(1) (2)
51
°C/W
(1)
RqJC is determined with the device mounted on a 1-inch
2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu pad on a 1.5-inch × 1.5-inch (3.81-cm ×
3.81-cm), 0.06-inch (1.52-mm) thick FR4 PCB. RqJC is specified by design, whereas RqJA is determined by the user’s board design.
(2)
Device mounted on FR4 material with 1-inch2 (6.45-cm2), 2-oz. (0.071-mm thick) Cu.
2
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated


Podobny numer części - CSD16408Q5C_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD16408Q5C TI-CSD16408Q5C Datasheet
177Kb / 10P
[Old version datasheet]   DualCool??N-Ch NexFET??Power MOSFET
More results

Podobny opis - CSD16408Q5C_10

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
CSD16408Q5 TI1-CSD16408Q5_11 Datasheet
323Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18504Q5A TI1-CSD18504Q5A_12 Datasheet
745Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18503Q5A TI1-CSD18503Q5A_12 Datasheet
730Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD18531Q5A TI1-CSD18531Q5A_12 Datasheet
1Mb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications.
CSD16407Q5C TI1-CSD16407Q5C_10 Datasheet
345Kb / 11P
[Old version datasheet]   ID The NexFET??power MOSFET has been designed to minimize losses in power conversion applications.
CSD17302Q5A TI1-CSD17302Q5A_10 Datasheet
521Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD16340Q3 TI1-CSD16340Q3_11 Datasheet
392Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion and optimized for 5V gate drive applications.
CSD17304Q3 TI1-CSD17304Q3_10 Datasheet
532Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications and optimized for 5V gate drive applications.
CSD17305Q5A TI1-CSD17305Q5A_10 Datasheet
510Kb / 11P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
CSD17522Q5A TI1-CSD17522Q5A_11 Datasheet
635Kb / 12P
[Old version datasheet]   The NexFET power MOSFET has been designed to minimize losses in power conversion applications, and optimized for 5V gate drive applications.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com