Zakładka z wyszukiwarką danych komponentów |
|
AM2GH-1212DZ Arkusz danych(PDF) 2 Page - AIMTEC |
|
AM2GH-1212DZ Arkusz danych(HTML) 2 Page - AIMTEC |
2 / 4 page Series AM2GH-Z 2 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.B 2 of 4 North America only Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 3 sec 1600 VDC Resistance >1000 MOhm Capacitance 200 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±1 % Cross Regulation (Dual Output Models) 25% load on one output - 100% load on second load ±5 % Short Circuit protection Continuous Short circuit restart Auto-Recovery Line voltage regulation ±0.2 % Load voltage regulation From 0% to 100% load ±1 % Temperature coefficient ±0.02 %/ oC Ripple & Noise 20MHz Bandwidth 30 mV p-p General Specifications Parameters Conditions Typical Maximum Units Switching frequency 100% load 100 KHz Operating temperature -40 to 85 oC Storage temperature -40 to +125 oC Maximum case temperature 100 oC Derating Above 71°C 5 %/ oC Cooling Free Air Convection Humidity 95 % RH Case material Non conductive black plastic Potting Material Silicon (UL94V-0 rated) Weight 4.8 g Dimensions (L x W x H) 0.86 x 0.36 x 0.44 inches 21.85 x 9.20 x 11.10 mm MTBF >1,700,000 hrs (MIL-HDBK -217F, Ground Benign, t=+25ºC)hours Maximum soldering temperature 1.5mm from case for 10 second 260 oC Transient recovery time 250 uS Transient recovery deviation ±3 % Safety Specifications Parameter Agency Approvals CE Standards EN55022: 2006 + A1:2007, Class A EN55024:1998 + A1:2001 + A2:2003 IEC61000-4-2:1995 + A1:1998 + A2:2000, Perf. Criteria B IEC61000-4-3:2006, Perf. Criteria A IEC61000-4-4:2004, Perf. Criteria B (external 220uF/100V cap required) IEC61000-4-5:2005, Perf. Criteria B (external 220uF/100V cap required) IEC61000-4-6:2007, Perf. Criteria A IEC61000-4-8, Perf:1993 + A1:2000, Criteria A NOTE: Also designed to meet IEC 60950-1:2001 Pin Out Specifications Pin Single Dual 1 - V Input - V Input 2 + V Input + V Input 3 On/Off Control On/Off Control 5 N.C. N.C. 6 + V Output + V Output 7 - V Output Common |
Podobny numer części - AM2GH-1212DZ |
|
Podobny opis - AM2GH-1212DZ |