Zakładka z wyszukiwarką danych komponentów |
|
AM5TW-4805DH35Z Arkusz danych(PDF) 2 Page - AIMTEC |
|
AM5TW-4805DH35Z Arkusz danych(HTML) 2 Page - AIMTEC |
2 / 6 page Series AM5TW-Z 5 Watt | DC-DC Converter www.aimtec.com Tel: +1 514 620 2722 Toll free: + 1 888 9 AIMTEC (924 6832) F 051e R12.F 2 of 6 North America only Models : Dual output (continued) Model Input Voltage (V) Output Voltage (V) Output Current max (mA) Isolation (VDC) Max Capacitive Load (uF) Efficiency (%) AM5TW-4803DZ 18-72 ±3.3 ±600 1500 ±100 80 AM5TW-4805DZ 18-72 ±5 ±500 1500 ±100 81 AM5TW-4807DZ 18-72 ±7.2 ±347 1500 ±100 80 AM5TW-4809DZ 18-72 ±9 ±278 1500 ±100 82 AM5TW-4812DZ 18-72 ±12 ±209 1500 ±68 82 AM5TW-4815DZ 18-72 ±15 ±167 1500 ±22 83 AM5TW-4818DZ 18-72 ±18 ±139 1500 ±22 82 AM5TW-4824DZ 18-72 ±24 ±104 1500 ±22 82 AM5TW-2403DH35Z 9-36 ±3.3 ±600 3500 ±100 79 AM5TW-2405DH35Z 9-36 ±5 ±500 3500 ±100 81 AM5TW-2407DH35Z 9-36 ±7.2 ±347 3500 ±100 80 AM5TW-2409DH35Z 9-36 ±9 ±278 3500 ±100 82 AM5TW-2412DH35Z 9-36 ±12 ±209 3500 ±68 83 AM5TW-2415DH35Z 9-36 ±15 ±167 3500 ±22 83 AM5TW-2418DH35Z 9-36 ±18 ±139 3500 ±22 83 AM5TW-2424DH35Z 9-36 ±24 ±104 3500 ±22 83 AM5TW-4803DH35Z 18-72 ±3.3 ±600 3500 ±100 80 AM5TW-4805DH35Z 18-72 ±5 ±500 3500 ±100 81 AM5TW-4807DH35Z 18-72 ±7.2 ±347 3500 ±100 80 AM5TW-4809DH35Z 18-72 ±9 ±278 3500 ±100 82 AM5TW-4812DH35Z 18-72 ±12 ±209 3500 ±68 82 AM5TW-4815DH35Z 18-72 ±15 ±167 3500 ±22 83 AM5TW-4818DH35Z 18-72 ±18 ±139 3500 ±22 82 AM5TW-4824DH35Z 18-72 ±24 ±104 3500 ±22 82 Input Specifications Parameters Nominal Typical Maximum Units Voltage range 24 48 9-36 18-72 VDC Filter (Pi) Network Turn on Transient process time 350 ms Start up time 500 ms Absolute Maximum Rating 24 Vin 48 Vin -0.7-40 -0.7-80 VDC Peak Input Voltage time 100 ms Isolation Specifications Parameters Conditions Typical Rated Units Tested I/O voltage 3 sec 1500 or 3500 VDC Resistance > 1000 MOhm Capacitance 470 pF Output Specifications Parameters Conditions Typical Maximum Units Voltage accuracy ±1 % Voltage balance Dual Output ±1 % Short Circuit protection Continuous Short circuit restart Auto recovery Over current protection 120% Iout Line voltage regulation (Single) ±0.5 % Line voltage regulation (Dual) ±0.5 % Load voltage regulation (Single) 0 – 100% load ±0.5 % Load voltage regulation (Single) 3.3V output model 0 – 100% load ±1.5 % Load voltage regulation (Dual) 0 – 100% load ±0.5 % |
Podobny numer części - AM5TW-4805DH35Z |
|
Podobny opis - AM5TW-4805DH35Z |