Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD590JH Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD590JH
Szczegółowy opis  Two-Terminal IC Temperature Transducer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD590JH Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD590JH Datasheet HTML 5Page - Analog Devices AD590JH Datasheet HTML 6Page - Analog Devices AD590JH Datasheet HTML 7Page - Analog Devices AD590JH Datasheet HTML 8Page - Analog Devices AD590JH Datasheet HTML 9Page - Analog Devices AD590JH Datasheet HTML 10Page - Analog Devices AD590JH Datasheet HTML 11Page - Analog Devices AD590JH Datasheet HTML 12Page - Analog Devices AD590JH Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AD590
Rev. C | Page 9 of 16
Table 4. Thermal Resistance
θJC + θCA (°C/Watt)
τ (sec)1
Medium
H
F
H
F
Aluminum Block
30
10
0.6
0.1
Stirred Oil2
42
60
1.4
0.6
Moving Air3
With Heat Sink
45
5.0
Without Heat Sink
115
190
13.5
10.0
Still Air
With Heat Sink
191
108
Without Heat Sink
480
650
60
30
1τ is dependent upon velocity of oil; average of several velocities listed above.
2Air velocity @ 9 ft/sec.
3The time constant is defined as the time required to reach 63.2% of an
instantaneous temperature change.
The time response of the AD590 to a step change in
temperature is determined by the thermal resistances and the
thermal capacities of the chip, CCH, and the case, CC. CCH is
about 0.04 Ws/°C for the AD590. CC varies with the measured
medium, because it includes anything that is in direct thermal
contact with the case. The single time constant exponential
curve of Figure 13 is usually sufficient to describe the time
response, T (t). Table 4 shows the effective time constant, τ, for
several media.
TFINAL
TINITIAL
τ
4
τ
TIME
T(t) = TINITIAL + (TFINAL – TINITIAL) × (1 – e–t/τ)
Figure 13. Time Response Curve


Podobny numer części - AD590JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
AD590JH INTERSIL-AD590JH Datasheet
95Kb / 10P
   2-Wire, Current Output Temperature Transducer
August 1997
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
logo
Intersil Corporation
AD590JH INTERSIL-AD590JH Datasheet
334Kb / 10P
   2-Wire, Current Output Temperature Transducer
logo
Analog Devices
AD590JH AD-AD590JH Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD590JH AD-AD590JH Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
More results

Podobny opis - AD590JH

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sensitron
AD590 SENSITRON-AD590 Datasheet
32Kb / 2P
   TWO-TERMINAL TEMPERATURE TRANSDUCER
logo
Analog Devices
AD590JCHIPS AD-AD590JCHIPS Datasheet
3Mb / 16P
   Two-Twrminal IC Temperature Transducer
REV. C
AD590JH AD-AD590JH Datasheet
417Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JH883B AD-AD590JH883B Datasheet
411Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590KF AD-AD590KF Datasheet
423Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. G
AD590JRZ AD-AD590JRZ Datasheet
346Kb / 16P
   2-Terminal IC Temperature Transducer
Rev. E
AD592 AD-AD592 Datasheet
302Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592ANZ AD-AD592ANZ Datasheet
778Kb / 8P
   Low Cost, Precision IC Temperature Transducer
REV. A
AD592BNZ AD-AD592BNZ Datasheet
778Kb / 8P
   LOW COST, PRECISION IC TEMPERATURE TRANSDUCER
REV. A
AD592 AD-AD592_15 Datasheet
778Kb / 8P
   LOW COST PRECISION IC TEMPERATURE TRANSDUCER
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com