Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7450 Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7450
Szczegółowy opis  Differential Input, 1MSPS, 12-Bit ADC in 關SO-8 and S0-8
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7450 Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7450 Datasheet HTML 7Page - Analog Devices AD7450 Datasheet HTML 8Page - Analog Devices AD7450 Datasheet HTML 9Page - Analog Devices AD7450 Datasheet HTML 10Page - Analog Devices AD7450 Datasheet HTML 11Page - Analog Devices AD7450 Datasheet HTML 12Page - Analog Devices AD7450 Datasheet HTML 13Page - Analog Devices AD7450 Datasheet HTML 14Page - Analog Devices AD7450 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
REV. PrJ
PRELIMINARY TECHNICAL DATA
–11–
AD7450
TPC 17 shows the Common Mode Rejection Ratio versus
supply ripple frequency for the AD7450 for both VDD =
5V and 3 V.
Here a 200mV p-p sine wave is coupled onto
the Common Mode Voltage of VIN+ and VIN-.
0
10
20
30
40
50
60
70
80
90
10
100
1000
10000
Frequency (kHz)
VDD = 5 V
VDD = 3 V
TPC 17. CMRR versus Frequency for VDD = 5V and 3 V
CIRCUIT INFORMATION
The AD7450 is a fast, low power, single supply, 12-bit
successive approximation analog-to-digital converter
(ADC).
It can operate with a 5 V and 3V power supply
and is capable of throughput rates up to 1MSPS and
833kSPS when supplied with a 18MHz or 15MHz clock
respectively. This part requires an external reference to be
applied to the VREF pin, with the value of the reference
chosen depending on the power supply and to suit the
application.
When operated with a 5 V supply, the maximum reference
that can be applied to the part is 2.5 V and when operated
with a 3 V supply, the maximum reference that can be
applied to the part is 2.2 V. (See ‘Reference Section’).
The AD7450 has an on-chip differential track and hold
amplifier, a successive approximation (SAR) ADC and a
serial interface, housed in either an 8-lead SOIC or
µSOIC package.
The serial clock input accesses data
from the part and also provides the clock source for the
successive-approximation ADC.
The AD7450 features a
power-down option for reduced power consumption be-
tween conversions.
The power-down feature is
implemented across the standard serial interface as de-
scribed in the ‘Modes of Operation’ section.
CONVERTER OPERATION
The AD7450 is a successive approximation ADC based
around two capacitive DACs.
Figures 3 and 4 show sim-
plified schematics of the ADC in Acquisition and
Conversion phase respectively.
The ADC comprises of
Control Logic, a SAR and two capacitive DACs.
In
figure 3 (acquisition phase), SW3 is closed and SW1 and
SW2 are in position A, the comparator is held in a bal-
anced condition and the sampling capacitor arrays acquire
the differential signal on the input.
SW3
VIN+
VIN-
SW1
Cs
Cs
A
A
B
VREF
SW2
CONTROL
LOGIC
CAPACITIVE
DAC
CAPACITIVE
DAC
COMPARATOR
B
Figure 3. ADC Acquisition Phase
When the ADC starts a conversion (figure 4), SW3 will
open and SW1 and SW2 will move to position B, causing
the comparator to become unbalanced.
Both inputs are
disconnected once the conversion begins.
The Control
Logic and the charge redistribution DACs are used to add
and subtract fixed amounts of charge from the sampling
capacitor arrays to bring the comparator back into a bal-
anced condition. When the comparator is rebalanced, the
conversion is complete.
The Control Logic generates the
ADC’s output code.
The output impedances of the
sources driving the VIN+ and the VIN- pins must be
matched otherwise the two inputs will have different set-
tling times, resulting in errors.
SW3
VIN+
VIN-
SW1
Cs
Cs
A
B
A
B
VREF
SW2
CONTROL
LOGIC
CAPACITIVE
DAC
CAPACITIVE
DAC
COMPARATOR
Figure 4. ADC Conversion Phase
ADC TRANSFER FUNCTION
The output coding for the AD7450 is two’s complement.
The designed code transitions occur at successive LSB
values (i.e. 1LSB, 2LSBs, etc.) and the LSB size is
2xVREF/4096. The ideal transfer characteristic of the
AD7450 is shown in figure 5.


Podobny numer części - AD7450

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7450 AD-AD7450 Datasheet
435Kb / 22P
   Differential Input, 1 MSPS ADC in SOIC-8 and SO-8
REV. A
AD7450 AD-AD7450 Datasheet
500Kb / 23P
   Differential Input, 1 MSPS 12-Bit ADC
AD7450A AD-AD7450A Datasheet
771Kb / 28P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. B
AD7450A AD-AD7450A Datasheet
784Kb / 28P
   Differential Input, 1 MSPS ADCs in an 8-Lead SOT-23
REV. C
AD7450A AD-AD7450A Datasheet
674Kb / 27P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
Rev. D
More results

Podobny opis - AD7450

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7450 AD-AD7450_15 Datasheet
435Kb / 22P
   Differential Input, 1 MSPS 12-Bit ADC in SOIC-8 and SO-8
REV. A
AD7450BRZ AD-AD7450BRZ Datasheet
435Kb / 22P
   Differential Input, 1 MSPS 12-Bit ADC in SOIC-8 and SO-8
REV. A
AD7450BRM-REEL AD-AD7450BRM-REEL Datasheet
435Kb / 22P
   Differential Input, 1 MSPS ADC in SOIC-8 and SO-8
REV. A
AD7298 AD-AD7298 Datasheet
1Mb / 18P
   8-Channel, 1MSPS, 12-Bit SAR ADC with Temperature Sensor
Rev. PrA
AD7451 AD-AD7451 Datasheet
208Kb / 15P
   Pseudo Differential, 1MSPS, 12- & 10-Bit ADCs in 8-lead SOT-23
REV. PrC 24/05/02
logo
Linear Technology
LTC1198 LINER-LTC1198_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
logo
Analog Devices
AD7452 AD-AD7452_15 Datasheet
734Kb / 29P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
logo
Linear Technology
LTC1196 LINER-LTC1196_15 Datasheet
905Kb / 28P
   8-Bit, SO-8, 1Msps ADCs with Auto-Shutdown Options
logo
Analog Devices
AD7452 AD-AD7452_17 Datasheet
639Kb / 25P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
AD7452 AD-AD7452 Datasheet
659Kb / 28P
   Differential Input, 555 kSPS 12-Bit ADC in an 8-Lead SOT-23
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com