Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7476ARTZ-REEL7 Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD7476ARTZ-REEL7
Szczegółowy opis  1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7476ARTZ-REEL7 Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD7476ARTZ-REEL7 Datasheet HTML 3Page - Analog Devices AD7476ARTZ-REEL7 Datasheet HTML 4Page - Analog Devices AD7476ARTZ-REEL7 Datasheet HTML 5Page - Analog Devices AD7476ARTZ-REEL7 Datasheet HTML 6Page - Analog Devices AD7476ARTZ-REEL7 Datasheet HTML 7Page - Analog Devices AD7476ARTZ-REEL7 Datasheet HTML 8Page - Analog Devices AD7476ARTZ-REEL7 Datasheet HTML 9Page - Analog Devices AD7476ARTZ-REEL7 Datasheet HTML 10Page - Analog Devices AD7476ARTZ-REEL7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
REV. D
AD7476/AD7477/AD7478
–7–
PIN CONFIGURATION
TOP VIEW
(Not to Scale)
6
5
4
1
2
3
VDD
GND
VIN
CS
SDATA
SCLK
AD7476/
AD7477/
AD7478
PIN FUNCTION DESCRIPTIONS
Pin
No.
Mnemonic
Function
1VDD
Power Supply Input. The VDD range for the AD7476/AD7477/AD7478 is from 2.35 V to 5.25 V.
2GND
Analog Ground. Ground reference point for all circuitry on the AD7476/AD7477/AD7478. All analog
input signals should be referred to this GND voltage.
3VIN
Analog Input. Single-ended analog input channel. The input range is 0 V to VDD.
4
SCLK
Serial Clock. Logic input. SCLK provides the serial clock for accessing data from the part. This clock
input is also used as the clock source for the AD7476/AD7477/AD7478’s conversion process.
5
SDATA
Data Out. Logic output. The conversion result from the AD7476/AD7477/AD7478 is provided on
this output as a serial data stream. The bits are clocked out on the falling edge of the SCLK input. The
data stream from the AD7476 consists of four leading zeros followed by the 12 bits of conversion data,
which is provided MSB first; the data stream from the AD7477 consists of four leading zeros followed
by the 10 bits of conversion data, followed by two trailing zeros, which is also provided MSB first; the
data stream from the AD7478 consists of four leading zeros followed by the eight bits of conversion
data, followed by four trailing zeros, which is provided MSB first.
6
CS
Chip Select. Active low logic input. This input provides the dual function of initiating conversions on
the AD7476/AD7477/AD7478 and framing the serial data transfer.


Podobny numer części - AD7476ARTZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7476ARTZ-REEL73 AD-AD7476ARTZ-REEL73 Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
More results

Podobny opis - AD7476ARTZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7476 AD-AD7476_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478 AD-AD7478_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477AAKS AD-AD7477AAKS Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7478ARTZ-REEL7 AD-AD7478ARTZ-REEL7 Datasheet
466Kb / 24P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7477 AD-AD7477_15 Datasheet
560Kb / 25P
   1 MSPS, 12-/10-/8-Bit ADCs in 6-Lead SOT-23
Rev. F
AD7451 AD-AD7451_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
AD7440 AD-AD7440_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7450A AD-AD7450A_15 Datasheet
864Kb / 29P
   Differential Input, 1 MSPS 10-Bit and 12-Bit ADCs in an 8-Lead SOT-23
REV. C
AD7441 AD-AD7441_10 Datasheet
629Kb / 24P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
Rev. D
AD7441 AD-AD7441_15 Datasheet
722Kb / 25P
   Pseudo Differential Input, 1 MSPS, 10-/12-Bit ADCs in an 8-Lead SOT-23
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com