Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7537LN Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD7537LN
Szczegółowy opis  LC2MOS (84) Loading Dual 12-Bit DAC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7537LN Arkusz danych(HTML) 7 Page - Analog Devices

  AD7537LN Datasheet HTML 1Page - Analog Devices AD7537LN Datasheet HTML 2Page - Analog Devices AD7537LN Datasheet HTML 3Page - Analog Devices AD7537LN Datasheet HTML 4Page - Analog Devices AD7537LN Datasheet HTML 5Page - Analog Devices AD7537LN Datasheet HTML 6Page - Analog Devices AD7537LN Datasheet HTML 7Page - Analog Devices AD7537LN Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AD7537
REV. 0
–7–
APPLICATION HINTS
Output Offset: CMOS D/A converters in circuits such as Fig-
ures 4 and 5 exhibit a code dependent output resistance which
in turn can cause a code dependent error voltage at the output
of the amplifier. The maximum amplitude of this error, which
adds to the D/A converter nonlinearity, depends on VOS, where
VOS is the amplifier input offset voltage. To maintain specified
operation, it is recommended that VOS be no greater than
(25
10
–6) (V
REF) over the temperature range of operation.
Suitable op amps are the AD711C and its dual version, the
AD712C. These op amps have a wide bandwidth and high slew
rate and are recommended for wide bandwidth ac applications.
AD711/AD712 settling time to 0.01% is typically 3
µs.
Temperature Coefficients: The gain temperature coefficient
of the AD7537 has a maximum value of 5 ppm/
°C and typical
value of 1 ppm/
°C. This corresponds to worst case gain shifts of
2 LSBs and 0.4 LSBs respectively over a 100
°C temperature
range. When trim resistors R1 (R3) and R2 (R4) are used to ad-
just full scale range as in Figure 4, the temperature coefficient of
R1 (R3) and R2 (R4) should also be taken into account. For
further information see “Gain Error and Gain Temperature Co-
efficient of CMOS Multiplying DACs”, Application Note, Pub-
lication Number E630c-5-3/86 available from Analog Devices.
High Frequency Considerations: AD7537 output capaci-
tance works in conjunction with the amplifier feedback resis-
tance to add a pole to the open loop response. This can cause
ringing or oscillation. Stability can be restored by adding a
phase compensation capacitor in parallel with the feedback re-
sistor. This is shown as C1 and C2 in Figures 4 and 5.
Feedthrough: The dynamic performance of the AD7537 de-
pends upon the gain and phase stability of the output amplifier,
together with the optimum choice of PC board layout and de-
coupling components. A suggested printed circuit layout for
Figure 4 is shown in Figure 8 which minimizes feedthrough
from VREFA, VREFB to the output in multiplying applications.
Figure 8. Suggested Layout for AD7537
MICROPROCESSOR INTERFACING
The byte loading structure of the AD7537 makes it very easy to
interface the device to any 8-bit microprocessor system. Figures
9 and 10 show two interfaces: one for the MC6809 and the
other for the MC68008. Figure 11 shows how an AD7537 sys-
tem can be easily expanded by tying all the UPD lines together
and using a single decoder output to control these. This ex-
panded system is shown using a Z80 microprocessor but it is
just as easily configured using any other 8-bit microprocessor
system. Note how the system shown in Figure 11 produces 4
analog outputs with a minimum amount of hardware.
Figure 9. AD7537–MC6809 Interface
Figure 10. AD7537–MC68008 Interface
Figure 11. Expanded AD7537 System


Podobny numer części - AD7537LN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7537LNZ AD-AD7537LNZ Datasheet
170Kb / 10P
   LC2MOS 84) Loading Dual 12-Bit DAC
REV. A
More results

Podobny opis - AD7537LN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7937 AD-AD7937 Datasheet
157Kb / 8P
   LC2MOS 84 Loading Dual 12-Bit DAC
REV. 0
AD7537JR AD-AD7537JR Datasheet
170Kb / 10P
   LC2MOS (84) Loading Dual 12-Bit DAC
REV. A
AD7537JNZ AD-AD7537JNZ Datasheet
170Kb / 10P
   LC2MOS 84) Loading Dual 12-Bit DAC
REV. A
AD7547 AD-AD7547 Datasheet
601Kb / 8P
   LC2MOS PARALLEL LOADING DUAL 12-BIT DAC
REV. A
AD7547 AD-AD7547_17 Datasheet
637Kb / 9P
   LC2MOS Parallel Loading Dual 12-Bit DAC
AD7547 AD-AD7547_15 Datasheet
606Kb / 8P
   Parallel Loading Dual 12 Bit DAC
REV. A
AD7937 AD-AD7937_15 Datasheet
147Kb / 8P
   LC MOS Loading Dual 12-Bit DAC
REV. 0
AD7537 AD-AD7537_15 Datasheet
170Kb / 10P
   LC MOS Loading Dual 12-Bit DAC
REV. A
AD7548 AD-AD7548 Datasheet
612Kb / 7P
   LC2MOS 8-BIT uP COMPATIBLE 12-BIT DAC
REV. A
AD7548 AD-AD7548_17 Datasheet
653Kb / 13P
   LC2MOS 8-Bit P-Compatible 12-Bit DAC
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com