Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7706 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD7706
Szczegółowy opis  3 V/5 V, 1 mW 2-/3-Channel 16-Bit, Sigma-Delta ADCs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7706 Arkusz danych(HTML) 1 Page - Analog Devices

  AD7706 Datasheet HTML 1Page - Analog Devices AD7706 Datasheet HTML 2Page - Analog Devices AD7706 Datasheet HTML 3Page - Analog Devices AD7706 Datasheet HTML 4Page - Analog Devices AD7706 Datasheet HTML 5Page - Analog Devices AD7706 Datasheet HTML 6Page - Analog Devices AD7706 Datasheet HTML 7Page - Analog Devices AD7706 Datasheet HTML 8Page - Analog Devices AD7706 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
REV. A
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
AD7705/AD7706
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 1998
3 V/5 V, 1 mW
2-/3-Channel 16-Bit, Sigma-Delta ADCs
FUNCTIONAL BLOCK DIAGRAM
FEATURES
AD7705: Two Fully Differential Input Channel ADCs
AD7706: Three Pseudo Differential Input Channel ADCs
16 Bits No Missing Codes
0.003% Nonlinearity
Programmable Gain Front End
Gains from 1 to 128
Three-Wire Serial Interface
SPI™, QSPI™, MICROWIRE™ and DSP Compatible
Schmitt Trigger Input on SCLK
Ability to Buffer the Analog Input
2.7 V to 3.3 V or 4.75 V to 5.25 V Operation
Power Dissipation 1 mW max @ 3 V
Standby Current 8
A max
16-Lead DIP, 16-Lead SOIC and TSSOP Packages
GENERAL DESCRIPTION
The AD7705/AD7706 are complete analog front ends for low
frequency measurement applications. These two-/three-channel
devices can accept low level input signals directly from a trans-
ducer and produce a serial digital output. They employ a sigma-
delta conversion technique to realize up to 16 bits of no missing
codes performance. The selected input signal is applied to a
proprietary programmable gain front end based around an ana-
log modulator. The modulator output is processed by an on-
chip digital filter. The first notch of this digital filter can be
programmed via an on-chip control register allowing adjustment
of the filter cutoff and output update rate.
The AD7705/AD7706 operate from a single 2.7 V to 3.3 V or
4.75 V to 5.25 V supply. The AD7705 features two fully differ-
ential analog input channels while the AD7706 features three
pseudo differential input channels. Both devices feature a differ-
ential reference input. Input signal ranges of 0 mV to +20 mV
through 0 V to +2.5 V can be incorporated on both devices when
operating with a VDD of 5 V and a reference of 2.5 V. They can
also handle bipolar input signal ranges of
±20 mV through ±2.5 V,
which are referenced to the AIN(–) inputs on the AD7705 and to
the COMMON input on the AD7706. The AD7705/AD7706,
with 3 V supply and a 1.225 V reference, can handle unipolar
input signal ranges of 0 mV to +10 mV through 0 V to +1.225 V.
Its bipolar input signal ranges are
±10 mV through ±1.225 V.
The AD7705/AD7706 thus perform all signal conditioning and
conversion for a two- or three-channel system.
The AD7705/AD7706 are ideal for use in smart, microcontroller
or DSP-based systems. They feature a serial interface that can
be configured for three-wire operation. Gain settings, signal
polarity and update rate selection can be configured in software
using the input serial port. The part contains self-calibration and
system calibration options to eliminate gain and offset errors on
the part itself or in the system.
CMOS construction ensures very low power dissipation, and the
power-down mode reduces the standby power consumption to
20
µW typ. These parts are available in a 16-lead, 0.3 inch-wide,
plastic dual-in-line package (DIP), a 16-lead wide body (0.3
inch) small outline (SOIC) package and also a low profile 16-
lead TSSOP.
PRODUCT HIGHLIGHTS
1. The AD7705/AD7706 consumes less than 1 mW at 3 V
supplies and 1 MHz master clock, making it ideal for use in
low power systems. Standby current is less than 8
µA.
2. The programmable gain input allows the AD7705/AD7706
to accept input signals directly from a strain gage or trans-
ducer, removing a considerable amount of signal conditioning.
3. The AD7705/AD7706 is ideal for microcontroller or DSP
processor applications with a three-wire serial interface re-
ducing the number of interconnect lines and reducing the
number of opto-couplers required in isolated systems.
4. The part features excellent static performance specifications
with 16 bits, no missing codes,
±0.003% accuracy and low
rms noise (<600 nV). Endpoint errors and the effects of
temperature drift are eliminated by on-chip calibration op-
tions, which remove zero-scale and full-scale errors.
*
*Protected by U.S. Patent Number 5,134,401.
SPI and QSPI are trademarks of Motorola, Inc.
MICROWIRE is a trademark of National Semiconductor.
VDD
REF IN(–)
REF IN(+)
AD7705/AD7706
MAX
PGA
BUFFER
CHARGE
BALANCING
A/D CONVERTER
-
MODULATOR
DIGITAL FILTER
A = 1 128
SERIAL INTERFACE
REGISTER BANK
CLOCK
GENERATION
MCLK IN
MCLK OUT
GND
DRDY
RESET
DIN
DOUT
CS
SCLK
ANALOG
INPUT
CHANNELS


Podobny numer części - AD7706

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7706BN AD-AD7706BN Datasheet
401Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
AD7706BN AD-AD7706BN Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7706BNZ1 AD-AD7706BNZ1 Datasheet
401Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
AD7706BNZ1 AD-AD7706BNZ1 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7706BR AD-AD7706BR Datasheet
401Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
More results

Podobny opis - AD7706

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7705 AD-AD7705_06 Datasheet
401Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel, 16-Bit, Sigma-Delta ADCs
REV. C
AD7707 AD-AD7707 Datasheet
316Kb / 40P
   3 V/5 V, -10 V Input Range, 1 mW 3-Channel 16-Bit, Sigma-Delta ADC
REV. A
AD7705 AD-AD7705_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7706 AD-AD7706_15 Datasheet
395Kb / 44P
   3 V/5 V, 1 mW, 2-/3-Channel
REV. C
AD7715AR5 AD-AD7715AR5 Datasheet
495Kb / 40P
   3 V/5 V, 450 muA 16-Bit, Sigma-Delta ADC
REV. D
AD7715 AD-AD7715 Datasheet
474Kb / 31P
   3 V/5 V, 450 uA 16-Bit, Sigma-Delta ADC
REV. C
AD7715 AD-AD7715_10 Datasheet
495Kb / 40P
   3 V/5 V, 450 關A 16-Bit, Sigma-Delta ADC
REV. D
logo
Maxim Integrated Produc...
MAX1415 MAXIM-MAX1415_05 Datasheet
574Kb / 36P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
Rev 1; 12/05
MAX1415 MAXIM-MAX1415_V01 Datasheet
1Mb / 35P
   16-Bit, Low-Power, 2-Channel, Sigma-Delta ADCs
2015
logo
Analog Devices
AD7707 AD-AD7707_15 Datasheet
693Kb / 52P
   3-Channel 16-Bit, Sigma-Delta ADC
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com