Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7769AN Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD7769AN
Szczegółowy opis  LC2MOS Analog I/O Port
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7769AN Arkusz danych(HTML) 5 Page - Analog Devices

  AD7769AN Datasheet HTML 1Page - Analog Devices AD7769AN Datasheet HTML 2Page - Analog Devices AD7769AN Datasheet HTML 3Page - Analog Devices AD7769AN Datasheet HTML 4Page - Analog Devices AD7769AN Datasheet HTML 5Page - Analog Devices AD7769AN Datasheet HTML 6Page - Analog Devices AD7769AN Datasheet HTML 7Page - Analog Devices AD7769AN Datasheet HTML 8Page - Analog Devices AD7769AN Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD7769
–5–
REV. A
ABSOLUTE MAXIMUM RATINGS*
VDD to AGND or DGND . . . . . . . . . . . . . . . . . –0.3 V, +15 V
VCC to DGND . . . . . . . . . . . . . . . . –0.3 V, VDD +0.3 V or 7 V
(Whichever is Lower)
AGND to DGND . . . . . . . . . . . . . . . . . . –0.3 V, VDD +0.3 V
Digital Inputs to DGND
(Pins 12, 13, 15–18) . . . . . . . . . . . . . . –0.3 V, VDD +0.3 V
Digital Outputs to DGND
(Pins 3–10, 11) . . . . . . . . . . . . . . . . . . . –0.3 V, VCC +0.3 V
Analog Inputs to AGND . . . . . . . . . . . . . –0.3 V, VDD +0.3 V
Analog Outputs to AGND . . . . . . . . . . . . –0.3 V, VDD +0.3 V
Operating Temperature Range
Commercial (J Version) . . . . . . . . . . . . . . . . . 0
°C to +70°C
Industrial (A Version) . . . . . . . . . . . . . . . . –40
°C to +85°C
Power Dissipation (Any Package)
to +75
°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 500 mW
Derates Above +75
°C by . . . . . . . . . . . . . . . . . . . 6 mW/°C
Storage Temperature Range . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature (Soldering 10 secs) . . . . . . . . . . . . +300
°C
*Stresses above those listed under Absolute Maximum Ratings may cause perma-
nent damage to the device. This is a stress rating only; functional operation of the
device at these or any other conditions above those listed in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect device reliability. Only one Absolute
Maximum Rating may be applied at any one time.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD7769 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.
ORDERING GUIDE
Temperature
Package
Model
Range
Option*
AD7769JN
0
°C to +70°C
N-28
AD7769JP
0
°C to +70°C
P-28A
AD7769AN
–40
°C to +85°C
N-28
AD7769AP
–40
°C to +85°C
P-28A
*N = Plastic DIP; P = Plastic Leaded Chip Carrier.
NOTE
Do not allow VCC to exceed VDD by more than 0.3 V. In cases
where this can happen the diode protection scheme shown
below is recommended.
PIN CONFIGURATIONS
DIP
PLCC


Podobny numer części - AD7769AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7769 AD-AD7769_15 Datasheet
267Kb / 16P
   Analog I/O Port
REV. A
More results

Podobny opis - AD7769AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7001 AD-AD7001 Datasheet
619Kb / 16P
   LC2MOS GSM Baseband I/O Port
REV. A
AD7002 AD-AD7002 Datasheet
455Kb / 16P
   LC2MOS GSM Baseband I/O Port
REV. B
AD7769 AD-AD7769_15 Datasheet
267Kb / 16P
   Analog I/O Port
REV. A
AD7868 AD-AD7868 Datasheet
337Kb / 16P
   LC2MOS Complete, 12-Bit Analog I/O System
REV. B
AD7869 AD-AD7869 Datasheet
297Kb / 16P
   LC2MOS Complete, 14-Bit Analog I/O System
REV. A
AD7774 AD-AD7774_15 Datasheet
1Mb / 16P
   LC MOS ANALOG I/O PORT
REV. A
AD15700 AD-AD15700 Datasheet
1Mb / 44P
   1 MSPS 16-/14-Bit Analog I/O Port
REV. A
AD7569 AD-AD7569 Datasheet
504Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569KNZ AD-AD7569KNZ Datasheet
506Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
AD7569JNZ AD-AD7569JNZ Datasheet
443Kb / 20P
   LC2MOS Complete, 8-Bit Analog I/0 Systems
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16