Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LCE10A Arkusz danych(PDF) 1 Page - MERITEK ELECTRONICS CORPORATION

Numer części LCE10A
Szczegółowy opis  Transient Voltage Suppressors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MERITEK [MERITEK ELECTRONICS CORPORATION]
Strona internetowa  http://www.meritekusa.com
Logo MERITEK - MERITEK ELECTRONICS CORPORATION

LCE10A Arkusz danych(HTML) 1 Page - MERITEK ELECTRONICS CORPORATION

  LCE10A Datasheet HTML 1Page - MERITEK ELECTRONICS CORPORATION LCE10A Datasheet HTML 2Page - MERITEK ELECTRONICS CORPORATION LCE10A Datasheet HTML 3Page - MERITEK ELECTRONICS CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Plastic package has Underwriters Laboratory Flammability Classification 94V-O.
Glass passivated junction.
1,500W peak pulse power capability with a 10/1000µs waveform,
repetition rate (duty cycle): 0.05%.
Excellent clamping capability.
Low incremental surge resistance.
Fast response time: typically less than 5.0ns from 0 volt to VBR min.
Ideal for data line applications.
High temperature soldering guaranteed: 265℃/10 seconds/.375”,
(9.5mm) lead length, 5lbs., (2.3kg) tension.
Case: JEDEC DO-201 Molded Plastic.
Terminals: Axial leads, solderable per MIL-STD-750, Method 2026.
Polarity: Color band denotes cathode.
Mounting Position: Any.
Weight: 0.045 ounce, 1.2 grams.
Ratings at 25℃ ambient temperature unless otherwise specified.
Note: Non-repetitive current pulse, per Fig. 3 and derated above TA = 25℃ per Fig. 2.
DO-201
RATING
SYMBOL
VALUE
UNIT
Peak Pulse Power Dissipation on 10/1000μs waveform. (Note 1,Fig. 1)
PPPM
Minimum 1 500
Watts
Peak Pulse Current on 10/1000μs waveform. (Note 1,Fig. 3)
IPPM
e Table
Amps
Steady State Power Dissipation at TL =75℃,Lead length .375” (9.5mm).
(Fig. 5)
PM(AV)
6.5
Watts
Operating junction and Storage Temperature Range.
TJ , TSTG
-55 to +175
Transient Voltage Suppressors
Series
MERITEK
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND CHARACTERISTICS
All specifications are subject to change without notice.
1
Rev 7


Podobny numer części - LCE10A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EIC discrete Semiconduc...
LCE10A EIC-LCE10A Datasheet
56Kb / 3P
   LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
LCE10A LITTELFUSE-LCE10A Datasheet
3Mb / 146P
   TVS Diode Products
logo
UN Semiconducctor INC
LCE10A UNSEMI-LCE10A Datasheet
3Mb / 6P
   6.5 To 90V 1500W Low Capacitance Axial Lead Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Microsemi Corporation
LCE10A MICROSEMI-LCE10A Datasheet
85Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Ruilongyuan Electronics...
LCE10A RUILON-LCE10A Datasheet
752Kb / 7P
   Transient Voltage Suppressors
More results

Podobny opis - LCE10A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com