Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7821BQ Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD7821BQ
Szczegółowy opis  LC2MOS High Speed, mP-Compatible 8-Bit ADC with Track/Hold Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7821BQ Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD7821BQ Datasheet HTML 4Page - Analog Devices AD7821BQ Datasheet HTML 5Page - Analog Devices AD7821BQ Datasheet HTML 6Page - Analog Devices AD7821BQ Datasheet HTML 7Page - Analog Devices AD7821BQ Datasheet HTML 8Page - Analog Devices AD7821BQ Datasheet HTML 9Page - Analog Devices AD7821BQ Datasheet HTML 10Page - Analog Devices AD7821BQ Datasheet HTML 11Page - Analog Devices AD7821BQ Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD7821
REV. A
–9–
In digital signal processing applications, where the AD7821 is
used to sample ac signals, it is essential that the signal sampling
occurs at exactly equal intervals. This minimizes errors due to
sampling uncertainty or jitter. A precise timer or clock source,
to start the ADC conversion process, is the best method of gen-
erating equidistant sampling intervals.
The two modes of operation given in the data sheet are suitable
for DSP applications because the sampling instant of the
AD7821 is well defined. VIN is sampled on the falling edge of
WR
or RD in the WR-RD or RD modes, respectively.
DIGITAL INTERFACE
The AD7821 has two basic interface modes which are deter-
mined by the status of the MODE pin. When this pin is low, the
converter is in the RD mode, with this pin high, the AD7821 is
set up for the WR-RD mode.
The RD mode is designed for microprocessors that can be
driven into a WAIT state. A READ operation (i.e., CS and RD
are taken low) starts a conversion and data is read when the
conversion is complete. The WR-RD mode does not require mi-
croprocessor WAIT states. A WRITE operation (i.e., CS and
WR
are taken low) initiates a conversion, and a READ opera-
tion reads the result when the conversion is complete.
RD Mode (MODE = 0)
The timing diagram for the RD mode is shown in Figure 11.
This mode is intended for use with microprocessors which have
a WAIT state facility, whereby a READ instruction cycle can be
extended to accommodate slow memory devices. A conversion
is started by taking CS and RD low (READ operation). Both
CS
and RD are then kept low until output data appears.
Figure 11. RD Mode
In this mode, Pin 6 of the AD7821 is configured as a status out-
put, RDY. This RDY output can be used to drive the processor
READY or WAIT input. It is an open drain output (no internal
pull-up device) which goes low after the falling edge of CS and
goes high impedance at the end of conversion. An INT line is
also provided which goes low when a conversion is complete.
INT
returns high on the rising edge of CS or RD.
WR-RD Mode (MODE = 1)
In the WR-RD mode, Pin 6 is configured as a WRITE (WR) in-
put for the AD7821. With CS low, conversion is initiated on the
falling edge of WR. Two options exist for reading data from the
converter.
In the first of these options the processor waits for the INT sta-
tus line to go low before reading the data (see Figure 12a).
INT
typically goes low within 380 ns after the rising edge of
WR
. It indicates that conversion is complete and that the data
result is in the output latch. With CS low, the data outputs
(DB0–DB7) are activated when RD goes low. INT is reset by
the rising edge of RD or CS.
Figure 12a. WR-RD Mode (tRD > tINTL)
The alternative option can be used to shorten the conversion
time. This is a method for bypassing the internal time-out
circuit. The INT line is ignored and RD can be brought low
250 ns after the rising edge of WR. In this case RD going low
transfers the data result into the output latch and activates the
data output (DB0–DB7). INT is driven low on the falling edge
of RD and is reset on the rising edge of RD or CS. The timing
for this interface is shown in Figure 12b.
Figure 12b. WR-RD Mode (tRD < tINTL)
The AD7821 can also be used in stand-alone operation in the
WR-RD mode. CS and RD are tied low, and a conversion is ini-
tiated by bringing WR low. Output data is valid 530 ns (tINTL +
tID) after the rising edge of WR. The timing diagram for this
mode is shown in Figure 13.
Figure 13. WR-RD Mode Stand-Alone Operation,
CS = RD = 0


Podobny numer części - AD7821BQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7821BQ AD-AD7821BQ Datasheet
330Kb / 17P
   8-Bit ADC with Track/Hold Function
More results

Podobny opis - AD7821BQ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7820KNZ AD-AD7820KNZ Datasheet
475Kb / 12P
   LC2MOS High Speed UP-Compatible 8-Bit ADC with Track/Hold Function
REV. A
AD7821KPZ AD-AD7821KPZ Datasheet
816Kb / 16P
   LC2MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7820 AD-AD7820 Datasheet
609Kb / 12P
   LC2MOS HIGH-SPEED uP-COMPATIBLE 8-BIT ADC WITH TRACK/HOLD FUNCTION
REV. A
logo
NXP Semiconductors
ADC0820 PHILIPS-ADC0820 Datasheet
107Kb / 14P
   8-Bit, high-speed, mP-compatible A/D converter with track/hold function
August 31, 1994
logo
Analog Devices
AD7575SE AD-AD7575SE Datasheet
137Kb / 12P
   LC2MOS 5ms 8-Bit ADC with Track/Hold
REV. B
AD7575JNZ AD-AD7575JNZ Datasheet
137Kb / 12P
   LC2MOS 5ums 8-Bit ADC with Track/Hold
REV. B
AD7821 AD-AD7821_17 Datasheet
330Kb / 17P
   8-Bit ADC with Track/Hold Function
AD7821 AD-AD7821_15 Datasheet
816Kb / 16P
   LC MOS High Speed, P Compatible 8-Bit ADC with Track/Hold Function
REV. B
AD7820 AD-AD7820_15 Datasheet
612Kb / 12P
   LC MOS High Speed P Compatible 8 Bit ADC with Track Hold Function
REV. A
AD7820 AD-AD7820_17 Datasheet
644Kb / 13P
   8-Bit ADC with Track/Hold Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com