Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

KMOC3052 Arkusz danych(PDF) 3 Page - COSMO Electronics Corporation

Numer części KMOC3052
Szczegółowy opis  Optoisolators TRIAC Driver Output
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  COSMO [COSMO Electronics Corporation]
Strona internetowa  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KMOC3052 Arkusz danych(HTML) 3 Page - COSMO Electronics Corporation

  KMOC3052_11 Datasheet HTML 1Page - COSMO  Electronics Corporation KMOC3052_11 Datasheet HTML 2Page - COSMO  Electronics Corporation KMOC3052_11 Datasheet HTML 3Page - COSMO  Electronics Corporation KMOC3052_11 Datasheet HTML 4Page - COSMO  Electronics Corporation KMOC3052_11 Datasheet HTML 5Page - COSMO  Electronics Corporation KMOC3052_11 Datasheet HTML 6Page - COSMO  Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
PRODUCT
SPECIFICATION
DATE:05/05/2011
NO.60P41009
cosmo
ELECTRONICS CORPORATION
Photocoupler:
KMOC3052
SHEET 3 OF 6
REV.
4
Absolute Maximum Ratings
Parameter
Symbol
Rating
Unit
Forward current
IF
50
mA
Peak forward current
IFM
1
A
Reverse voltage
VR
6
V
Input
Power dissipation
PD
70
mW
Off-State Output Terminal voltage
VDRM
600
VPEAK
On-State R.M.S. Current
IT(RMS)
100
mA
Peak Repetitive Surge Current (PW=10ms.DC 10%)
ITSM
1
A
Output
Power dissipation
PD
300
mW
Total power dissipation
Ptot
330
mW
Isolation voltage 1 minute
Viso
5000
Vrms
Operating temperature
Topr
-40 to +100
Storage temperature
Tstg
-50 to +125
Soldering temperature 10 second
Tsol
260
Electro-optical Characteristics
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Forward voltage
VF
IF=10mA
-
1.2
1.4
V
Peak forward voltage
VFM
IFM=0.5A
-
-
3.5
V
Input
Reverse current
IR
VR=4V
-
-
10
uA
Peak Blocking Current
IDRM
VDRM=600V
-
-
100
nA
Output
ON-State Voltage
VTM
ITM=100mA
-
1.6
3
V
Holding Current
IH
-
0.1
-
mA
Critical rate of rise of OFF-state
voltage
dV/dt
VDRM=(1/ 2 )*Rated
600
-
-
V/uS
Isolation resistance
Riso
DC500V
5x10
10
10
11
-
Ohm
Minimum trigger current
IFT
Main Terminal Voltage=3V
-
-
10
mA
Tranfer
charac-
teristics
Turn-on time
Ton
VD=6V,RL=100Ohm,IF=20mA
-
-
100
uS


Podobny numer części - KMOC3052_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
COSMO Electronics Corp...
KMOC3052H COSMO-KMOC3052H Datasheet
86Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052H COSMO-KMOC3052H Datasheet
270Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3052L COSMO-KMOC3052L Datasheet
270Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
KMOC3052S COSMO-KMOC3052S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052S COSMO-KMOC3052S Datasheet
270Kb / 10P
   5PIN RANDOM-PHASE TRIAC DRIVER PHOTOCOUPLER
More results

Podobny opis - KMOC3052_11

ProducentNumer częściArkusz danychSzczegółowy opis
logo
COSMO Electronics Corp...
KMOC3021S COSMO-KMOC3021S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3051S COSMO-KMOC3051S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052S COSMO-KMOC3052S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3022H COSMO-KMOC3022H Datasheet
86Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3022S COSMO-KMOC3022S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3023S COSMO-KMOC3023S Datasheet
82Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3052H COSMO-KMOC3052H Datasheet
86Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3053H COSMO-KMOC3053H Datasheet
86Kb / 6P
   Optoisolators TRIAC Driver Output
KMOC3023 COSMO-KMOC3023 Datasheet
351Kb / 2P
   OPTOISOLATORS TRIAC DRIVER OUTPUT
KMOC3023H COSMO-KMOC3023H Datasheet
86Kb / 6P
   Optoisolators TRIAC Driver Output
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com