Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7883BN Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD7883BN
Szczegółowy opis  LC2MOS 12-Bit, 3.3 V Sampling ADC
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7883BN Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD7883BN Datasheet HTML 4Page - Analog Devices AD7883BN Datasheet HTML 5Page - Analog Devices AD7883BN Datasheet HTML 6Page - Analog Devices AD7883BN Datasheet HTML 7Page - Analog Devices AD7883BN Datasheet HTML 8Page - Analog Devices AD7883BN Datasheet HTML 9Page - Analog Devices AD7883BN Datasheet HTML 10Page - Analog Devices AD7883BN Datasheet HTML 11Page - Analog Devices AD7883BN Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
AD7883
REV. 0
–9–
APPLICATION HINTS
Good printed circuit board (PCB) layout is as important as the
circuit design itself in achieving high speed A/D performance.
The AD7883’s comparator is required to make bit decisions on
an LSB size of 0.8 mV. To achieve this, the designer must be
conscious of noise both in the ADC itself and in the preceding
analog circuitry. Switching mode power supplies are not recom-
mended, as the switching spikes will feed through to the com-
parator causing noisy code transitions. Other causes of concern
are ground loops and digital feedthrough from microprocessors.
These are factors which influence any ADC, and a proper
PCB layout which minimizes these effects is essential for best
performance.
LAYOUT HINTS
Ensure that the layout for the printed circuit board has the digi-
tal and analog signal lines separated as much as possible. Take
care not to run digital tracks alongside analog signal tracks.
Guard (screen) the analog input with AGND.
Establish a single point analog ground (star ground) separate
from the logic system ground at the AD7883 AGND pin or as
close as possible to the AD7883. Connect all other grounds and
the AD7883 DGND to this single analog ground point. Do not
connect any other digital grounds to this analog ground point.
Low impedance analog and digital power supply common re-
turns are essential to low noise operation of the ADC, so make
the foil width for these tracks as wide as possible. The use of
ground planes minimizes impedance paths and also guards the
analog circuitry from digital noise.
NOISE
Keep the input signal leads to VIN and signal return leads from
AGND as short as possible to minimize input noise coupling. In
applications where this is not possible, use a shielded cable be-
tween the source and the ADC. Reduce the ground circuit im-
pedance as much as possible since any potential difference in
grounds between the signal source and the ADC appears as an
error voltage in series with the input signal.
V+
+
C1
10
µF
C2
0.1
µF
IC1
ANALOG
INPUT
V+
V–
AB
V–
AB
LK2
LK3
TO ADC
LK1
SKT1
C3
10
µF
C4
0.1
µF
V+
VDD
Figure 13. Analog Input Buffering
ANALOG INPUT BUFFERING
To achieve specified performance, it is recommended that the
analog input (VINA, VINB) be driven from a low impedance
source. This necessitates the use of an input buffer amplifier.
The choice of op amp will be a function of the particular appli-
cation and the desired analog input range.
The simplest configuration is the 0 V to VREF range of Figure 4.
A single supply op amp is recommended for such an implemen-
tation. This will allow for operation of the AD7883 in the 0 to
VREF unipolar range without supplying an external supply to V+
and V– of the op amp. Recommended single-supply op amps
are the OP-195 and AD820.
In bipolar operation, positive and negative supplies must be
connected to V+ and V– of the op amp.
The AD711 is a general purpose op amp which could be used
to drive the analog input of the AD7883, in this input range.


Podobny numer części - AD7883BN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7883 AD-AD7883_15 Datasheet
352Kb / 12P
   LC MOS 12-Bit, 3.3 V Sampling ADC
REV. 0
More results

Podobny opis - AD7883BN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7883 AD-AD7883_15 Datasheet
352Kb / 12P
   LC MOS 12-Bit, 3.3 V Sampling ADC
REV. 0
AD7870A AD-AD7870A Datasheet
250Kb / 12P
   LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV. 0
AD7880CRZ AD-AD7880CRZ Datasheet
253Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880 AD-AD7880 Datasheet
337Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7880BRZ AD-AD7880BRZ Datasheet
340Kb / 16P
   LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7886 AD-AD7886 Datasheet
400Kb / 16P
   LC2MOS 12-Bit, 750 kHz/1 MHz, Sampling ADC
REV. B
AD7878 AD-AD7878 Datasheet
417Kb / 16P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
REV. A
AD7878 AD-AD7878_17 Datasheet
450Kb / 17P
   LC2MOS Complete 12-Bit 100 kHz Sampling ADC with DSP Interface
AD7672 AD-AD7672 Datasheet
1Mb / 20P
   LC2MOS HIGH-SPEED 12-BIT ADC
REV. A
logo
Linear Technology
LTC1405 LINER-LTC1405 Datasheet
218Kb / 16P
   12-Bit, 5Msps, Sampling ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com