Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7884AN Arkusz danych(PDF) 11 Page - Analog Devices

Numer części AD7884AN
Szczegółowy opis  LC2MOS 16-Bit, High Speed Sampling ADCs
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7884AN Arkusz danych(HTML) 11 Page - Analog Devices

Back Button AD7884AN Datasheet HTML 7Page - Analog Devices AD7884AN Datasheet HTML 8Page - Analog Devices AD7884AN Datasheet HTML 9Page - Analog Devices AD7884AN Datasheet HTML 10Page - Analog Devices AD7884AN Datasheet HTML 11Page - Analog Devices AD7884AN Datasheet HTML 12Page - Analog Devices AD7884AN Datasheet HTML 13Page - Analog Devices AD7884AN Datasheet HTML 14Page - Analog Devices AD7884AN Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD7884/AD7885
REV. C
–11–
If the noise in the converter is too high for an application, it can
be reduced by oversampling and digital filtering. This involves
sampling the input at higher than the required word rate and
then averaging to arrive at the final result. The very fast conver-
sion time of the AD7884/AD7885 makes it very suitable for
oversampling. For example, if the required input bandwidth is
40 kHz, the AD7884/AD7885 could be oversampled by a factor
of 2. This yields a 3 dB improvement in the effective SNR per-
formance. The noise performance in the
±5 volt input range is
now effectively 85
µV rms and the resultant spread of codes for
2500 conversions will be four. This is shown in Figure 15.
1500
0
1000
500
(X – 1)
(X)
(X + 1) (X + 2)
CODE
Figure 15. Histogram of 2500 Conversions of a DC Input
Using a
×2 Oversampling Ratio
Dynamic Performance
With a combined conversion and acquisition time of 6
µs, the
AD7884/AD7885 is ideal for wide bandwidth signal processing
applications. Signal to (Noise + Distortion), Total Harmonic
Distortion, Peak Harmonic or Spurious Noise and Intermodula-
tion Distortion are all specified. Figure 16 shows a typical
FFT plot of a 1.8 kHz,
± 5 V input after being digitized by the
AD7884/AD7885.
0
–150
–60
–120
–90
–30
2048 POINT FFT
f
= 1.8kHz,
± 5V SINE WAVE
f
= 163kHz
SNR = 87dB
THD = –95dB
IN
SAMPLE
Figure 16. AD7884/AD7885 FFT Plot
Effective Number of Bits
The formula for SNR (see Terminology section) is related to
the resolution or number of bits in the converter. Rewriting the
formula, below, gives a measure of performance expressed in
effective number of bits (N).
N = (SNR – 1.76)/6.02
16
10
80
13
11
20
12
0
15
14
60
40
FREQUENCY – kHz
Figure 17. Effective Number of Bits vs. Frequency
The effective number of bits for a device can be calculated from
its measured SNR. Figure 17 shows a typical plot of effective
number of bits versus frequency for the AD7884. The sampling
frequency is 166 kHz.
MICROPROCESSOR INTERFACING
The AD7884/AD7885 is designed on a high speed process
which results in very fast interfacing timing (Data Access Time
of 57 ns max). The AD7884 has a full 16-bit parallel bus, and
the AD7885 has an 8-bit wide bus. The AD7884, with its paral-
lel interface, is suited to 16-bit parallel machines whereas the
AD7885, with its byte interface, is suited to 8-bit machines.
Some examples of typical interface configurations follow.
AD7884 to MC68000 Interface
Figure 18 shows a general interface diagram for the MC68000,
16-bit microprocessor to the AD7884. In Figure 18, conversion
is initiated by bringing CSA low (i.e., writing to the appropriate
address). This allows the processor to maintain control over the
complete conversion process. In some cases it may be more
desirable to control conversion independent from the processor.
This can be done by using an external sampling timer.
MC68000
AD7884
ADDRESS
DECODE LOGIC
CONVST
CS
RD
DB15 – DB0
R/W
DATA BUS
ADDRESS BUS
A23 – A1
D15 – D0
DTACK
AS
CSA
CSB
Figure 18. AD7884 to MC68000 Interface
Once conversion has been started, the processor must wait until
it is completed before reading the result. There are two ways of
ensuring this. The first way is to simply use a software delay to
wait for 6.5
µs before bringing CS and RD low to read the data.


Podobny numer części - AD7884AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7884 AD-AD7884_15 Datasheet
262Kb / 16P
   LC MOS 16-Bit, High Speed Sampling ADCs
REV. E
More results

Podobny opis - AD7884AN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7872KRZ-REEL AD-AD7872KRZ-REEL Datasheet
324Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7871 AD-AD7871 Datasheet
344Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7872JRZ AD-AD7872JRZ Datasheet
267Kb / 16P
   LC2MOS Complete 14-Bit, Sampling ADCs
REV. D
AD7884 AD-AD7884_15 Datasheet
262Kb / 16P
   LC MOS 16-Bit, High Speed Sampling ADCs
REV. E
AD7885 AD-AD7885_15 Datasheet
262Kb / 16P
   LC MOS 16-Bit, High Speed Sampling ADCs
Rev. E
AD7870 AD-AD7870 Datasheet
331Kb / 20P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. B
AD7875KNZ AD-AD7875KNZ Datasheet
621Kb / 28P
   LC2MOS Complete, 12-Bit, 100 kHz, Sampling ADCs
REV. C
AD7824 AD-AD7824 Datasheet
270Kb / 16P
   LC2MOS High Speed 4- & 8-Channel 8-Bit ADCs
REV. F
AD7828KPZ AD-AD7828KPZ Datasheet
276Kb / 16P
   LC2MOS High Speed 4- and 8-Channel 8-Bit ADCs
REV. F
AD7776 AD-AD7776 Datasheet
220Kb / 12P
   LC2MOS, High Speed 1-, 4- & 8-Channel 10-Bit ADCs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com