Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD7887AR Arkusz danych(PDF) 7 Page - Analog Devices

Numer części AD7887AR
Szczegółowy opis  2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead uSOIC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD7887AR Arkusz danych(HTML) 7 Page - Analog Devices

Back Button AD7887AR Datasheet HTML 3Page - Analog Devices AD7887AR Datasheet HTML 4Page - Analog Devices AD7887AR Datasheet HTML 5Page - Analog Devices AD7887AR Datasheet HTML 6Page - Analog Devices AD7887AR Datasheet HTML 7Page - Analog Devices AD7887AR Datasheet HTML 8Page - Analog Devices AD7887AR Datasheet HTML 9Page - Analog Devices AD7887AR Datasheet HTML 10Page - Analog Devices AD7887AR Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
REV. B
AD7887
–7–
CONTROL REGISTER
The Control Register on the AD7887 is an 8-bit, write-only register. Data is loaded from the DIN pin of the AD7887 on the rising
edge of SCLK. The data is transferred on the DIN line at the same time as the conversion result is read from the part. This requires
16 serial clocks for every data transfer. Only the information provided on the first eight rising clock edges (after CS falling edge) is
loaded to the Control Register. MSB denotes the first bit in the data stream. The bit functions are outlined in Table I. The contents
of the Control Register on power up is all zeros.
Table I. Control Register
MSB
DONTC
ZERO
REF
SIN/DUAL
CH
ZERO
PM1
PM0
Bit
Mnemonic
Comment
7
DONTC
Don’t Care. The value written to this bit of the Control Register is a don’t care, i.e., it doesn’t matter if
the bit is 0 or 1.
6
ZERO
A zero must be written to this bit to ensure correct operation of the AD7887.
5
REF
Reference Bit. With a 0 in this bit, the on-chip reference is enabled. With a 1 in this bit, the on-chip
reference is disabled.
4
SIN/DUAL
Single/Dual Bit. This bit determines whether the AD7887 operates in single-channel or dual-channel
mode. A 0 in this bit selects single-channel operation and the AIN1/VREF pin assumes its VREF function.
A 1 in this bit selects dual-channel mode and the reference voltage for the ADC is internally connected
to VDD and the AIN1/VREF pin assumes its AIN1 function as the second analog input channel. To
obtain best performance from the AD7887, the internal reference should be disabled when operating in
the dual channel mode, i.e., REF = 1.
3
CH
Channel Bit. When the part is selected for dual-channel mode, this bit determines which channel will be
converted for the next conversion. A 0 in this bit selects the AIN0 input while a 1 in this bit selects the
AIN1 input. In single-channel mode, this bit should always be 0.
2
ZERO
A zero must be written to this bit to ensure correct operation of the AD7887.
1, 0
PM1, PM0
Power Management Bits. These two bits decode the mode of operation of the AD7887 as described
below.
Table II. Power Management Options
PM1
PM0
Mode
00
Mode 1
. In this mode, the AD7887 enters shutdown if the CS input is 1 and is in full power mode when
CS is 0. Thus the part comes out of shutdown on the falling edge of CS and enters shutdown on the
rising edge of CS.
01
Mode 2
. In this mode, the AD7887 is always fully powered up, regardless of the status of any of the logic
inputs.
10
Mode 3
. In this mode, the AD7887 automatically enters shutdown mode at the end of each conversion,
regardless of the state of CS.
11
Mode 4
. In this standby mode, portions of the AD7887 are powered down but the on-chip reference
voltage remains powered up. This mode is similar to Mode 3, but allows the part to power up much
faster. The REF bit should be 0 to ensure the on-chip reference is enabled.


Podobny numer części - AD7887AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7887AR AD-AD7887AR Datasheet
444Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
AD7887AR AD-AD7887AR Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7887AR-REEL AD-AD7887AR-REEL Datasheet
444Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
AD7887AR-REEL7 AD-AD7887AR-REEL7 Datasheet
444Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
AD7887AR-REEL7 AD-AD7887AR-REEL7 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
More results

Podobny opis - AD7887AR

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD7887 AD-AD7887_09 Datasheet
444Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
REV. D
AD7887 AD-AD7887_15 Datasheet
392Kb / 24P
   2.7 V to 5.25 V, Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
Rev. E
AD7888 AD-AD7888_10 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888ARUZ-REEL7 AD-AD7888ARUZ-REEL7 Datasheet
197Kb / 17P
   2.7 V to 5.25 V, Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
REV. C
AD7888 AD-AD7888 Datasheet
175Kb / 16P
   2.7V to 5.25 V Micropower 8-Channel 125 kSPS 12-Bit ADC in 16-Lead TSSOP
REV. B
AD7887 AD-AD7887_17 Datasheet
465Kb / 25P
   Micropower, 2-Channel, 125 kSPS, 12-Bit ADC in 8-Lead MSOP
AD7888 AD-AD7888_17 Datasheet
245Kb / 18P
   Micropower, 8-Channel, 125 kSPS, 12-Bit ADC in 16-Lead TSSOP
AD7896 AD-AD7896_17 Datasheet
1Mb / 16P
   2.7 V to 5.5 V, 12-Bit ADC in 8-Lead SOIC/PDIP
AD7911 AD-AD7911 Datasheet
312Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. 0
AD7911 AD-AD7911_11 Datasheet
353Kb / 28P
   2-Channel, 2.35 V to 5.25 V 250 kSPS, 10-/12-Bit ADCs
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com