Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8004AR-14-REEL Arkusz danych(PDF) 9 Page - Analog Devices

Numer części AD8004AR-14-REEL
Szczegółowy opis  Quad 3000 V/us, 35 mW Current Feedback Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8004AR-14-REEL Arkusz danych(HTML) 9 Page - Analog Devices

Back Button AD8004AR-14-REEL Datasheet HTML 5Page - Analog Devices AD8004AR-14-REEL Datasheet HTML 6Page - Analog Devices AD8004AR-14-REEL Datasheet HTML 7Page - Analog Devices AD8004AR-14-REEL Datasheet HTML 8Page - Analog Devices AD8004AR-14-REEL Datasheet HTML 9Page - Analog Devices AD8004AR-14-REEL Datasheet HTML 10Page - Analog Devices AD8004AR-14-REEL Datasheet HTML 11Page - Analog Devices AD8004AR-14-REEL Datasheet HTML 12Page - Analog Devices AD8004AR-14-REEL Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
REV. B
AD8004
–9–
THEORY OF OPERATION
The AD8004 is a member of a new family of high speed current-
feedback (CF) amplifiers offering new levels of bandwidth,
distortion, and signal-swing capability vs. power. Its wide dynamic
range capabilities are due to both a complementary high speed
bipolar process and a new design architecture. The AD8004 is
basically a two stage (Figure 30) rather than the conventional
one stage design. Both stages feature the current-on-demand
property associated with current feedback amplifiers. This gives
an unprecedented ratio of quiescent current to dynamic perfor-
mance. The important properties of slew rate, and full power
bandwidth benefit from this performance. In addition the
second gain stage buffers the effects of load impedance sig-
nificantly reducing distortion.
A full discussion of this new amplifier architecture is available on
the data sheet for the AD8011. This discussion only covers the
basic principles of operation.
DC AND AC CHARACTERISTICS
As with traditional op amp circuits the dc closed-loop gain is
defined as:
A
V = G = 1 +
R
F
R
N
noninverting operation
A
V = G =−
R
F
R
N
inverting operation
The more exact relationships that take into account open-loop
gain errors are:
A
V =
G
1
+
1
− G
A
O (s)
+
R
F
T
O (s)
for inverting (G is negative)
A
V =
G
1
+
G
A
O (s)
+
R
F
T
O (s)
for noninverting (G is positive)
In these equations the open-loop voltage gain (AO(s)) is com-
mon to both voltage and current-feedback amplifiers and is the
ratio of output voltage to differential input voltage. The open-
loop transimpedance gain (TO(s)) is the ratio of output voltage
to inverting input current and is applicable to current-feedback
amplifiers. The open-loop voltage gain and open-loop transim-
pedance gain (TO(s)) of the AD8004 are plotted vs. frequency
in Figures 20 and 23. These plots and the basic relationships
can be used to predict the first order performance of the AD8004
over frequency. At low closed-loop gains the term (RF /TO(s))
dominates the frequency response characteristics. This gives the
result that bandwidth is constant with gain, a familiar property
of current feedback amplifiers.
An RF of 1 kΩ has been chosen as the nominal value to give
optimum frequency response with acceptable peaking at gains of
+2/–1. As can be seen from the above relationships, at higher
closed-loop gains reducing RF has the effect of increasing closed-
loop bandwidth. Table I gives optimum values for RF and RG
for a variety of gains.
VP
Q1
Q2
IPP
IPN
INP
IPN
VN
ZI
IQ1
Q3
Q4
IE
CP1
CP1
A2
CL
RG
RF
VO
CD
ICQ + IO
VO´
IQ1
AD8004
A2
CP2
CD
A3
RL
A1
A1
Z2
Figure 30. Simplified Block Diagram


Podobny numer części - AD8004AR-14-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8004AR-14-REEL AD-AD8004AR-14-REEL Datasheet
501Kb / 16P
   Quad 3000 V/?? 35 mW Current Feedback Amplifier
REV. C
AD8004AR-14-REEL AD-AD8004AR-14-REEL Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004AR-14-REEL AD-AD8004AR-14-REEL Datasheet
648Kb / 17P
   Quad 3000 V/mu s, 35 mW Current Feedback Amplifier
REV. C
AD8004AR-14-REEL7 AD-AD8004AR-14-REEL7 Datasheet
501Kb / 16P
   Quad 3000 V/?? 35 mW Current Feedback Amplifier
REV. C
AD8004AR-14-REEL7 AD-AD8004AR-14-REEL7 Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
More results

Podobny opis - AD8004AR-14-REEL

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8004 AD-AD8004_03 Datasheet
501Kb / 16P
   Quad 3000 V/?? 35 mW Current Feedback Amplifier
REV. C
AD8004 AD-AD8004_15 Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004AR AD-AD8004AR Datasheet
715Kb / 17P
   Quad 3000 V/s, 35 mW Current Feedback Amplifier
REV. C
AD8004ANZ AD-AD8004ANZ Datasheet
648Kb / 17P
   Quad 3000 V/mu s, 35 mW Current Feedback Amplifier
REV. C
AD8001ANZ AD-AD8001ANZ Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001 Datasheet
222Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. C
AD8001ARTZ-REEL7 AD-AD8001ARTZ-REEL7 Datasheet
388Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_03 Datasheet
335Kb / 16P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001ARZ AD-AD8001ARZ Datasheet
490Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
AD8001 AD-AD8001_15 Datasheet
562Kb / 17P
   800 MHz, 50 mW Current Feedback Amplifier
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com