Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8019 Arkusz danych(PDF) 5 Page - Analog Devices

Numer części AD8019
Szczegółowy opis  DSL Line Driver with Power-Down
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8019 Arkusz danych(HTML) 5 Page - Analog Devices

  AD8019 Datasheet HTML 1Page - Analog Devices AD8019 Datasheet HTML 2Page - Analog Devices AD8019 Datasheet HTML 3Page - Analog Devices AD8019 Datasheet HTML 4Page - Analog Devices AD8019 Datasheet HTML 5Page - Analog Devices AD8019 Datasheet HTML 6Page - Analog Devices AD8019 Datasheet HTML 7Page - Analog Devices AD8019 Datasheet HTML 8Page - Analog Devices AD8019 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
REV. 0
–5–
Typical Performance Characteristics–AD8019
0.1 F
0.1 F
10 F
10 F
49.9
124
499
RL
VOUT
+VS
–VS
+
+
VIN
TPC 1. Single-Ended Test Circuit; G = +5
TIME – ns
100
–60
–80
–100
–100
0
100
200
300
400
500
600
700
–40
–20
0
20
40
60
80
TPC 2. 100 mV Step Response; G = +5, VS =
±6 V,
RL = 25
Ω, Single-Ended
TIME – ns
–3
–4
–100
0
100
200
300
400
500
600
700
–2
–1
0
1
2
3
4
TPC 3. 4 V Step Response; G = +5, VS =
±6 V,
RL = 25
Ω, Single-Ended
500
50
+VIN
RL
500
50
–VIN
+VO
–VO
0.1 F
55
55
0.1 F
0.1 F
–VS
+VS
+
47 F
TPC 4. Differential Test Circuit; G = +10
TIME – 100ns/DIV
–80
–100
–100
0
100
200
300
400
500
600
700
–60
–40
–20
0
20
40
60
80
100
TPC 5. 100 mV Step Response; G = +5, VS =
±12 V,
RL = 100
Ω, Single-Ended
TIME – ns
–3
–4
–100
0
100
200
300
400
500
600
700
–2
–1
0
1
2
3
4
TPC 6. 4 V Step Response; G = +5, VS =
±12 V,
RL = 100
Ω, Single-Ended


Podobny numer części - AD8019

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8019 AD-AD8019_15 Datasheet
1Mb / 20P
   DSL Line Driver with Power-Down
REV. 0
More results

Podobny opis - AD8019

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8019 AD-AD8019_15 Datasheet
1Mb / 20P
   DSL Line Driver with Power-Down
REV. 0
logo
Texas Instruments
THS6301 TI1-THS6301 Datasheet
261Kb / 19P
[Old version datasheet]   G.Fast DSL Line Driver
logo
Intersil Corporation
EL1508 INTERSIL-EL1508_07 Datasheet
404Kb / 18P
   Differential DSL Line Driver
logo
Renesas Technology Corp
EL1508 RENESAS-EL1508 Datasheet
864Kb / 18P
   Differential DSL Line Driver
March 26, 2007
logo
Elantec Semiconductor
EL1508C ELANTEC-EL1508C Datasheet
137Kb / 2P
   Differential DSL Line Driver
logo
Intersil Corporation
EL1508 INTERSIL-EL1508 Datasheet
45Kb / 2P
   Differential DSL Line Driver
ISL1532IRZ INTERSIL-ISL1532IRZ Datasheet
1,008Kb / 19P
   Dual Channel Differential DSL Line Driver
ISL1532 INTERSIL-ISL1532 Datasheet
58Kb / 2P
   Dual Channel Differential DSL Line Driver
ISL1533AIRZ INTERSIL-ISL1533AIRZ Datasheet
928Kb / 14P
   Dual Channel Differential DSL Line Driver
May 9, 2014
ISL1533 INTERSIL-ISL1533 Datasheet
43Kb / 2P
   Dual Channel Differential DSL Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com