Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD1984A Arkusz danych(PDF) 2 Page - Synaptics Incorporated.

Numer części AD1984A
Szczegółowy opis  2 stereo headphone amplifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CONEXANT [Synaptics Incorporated.]
Strona internetowa  https://www.synaptics.com/
Logo CONEXANT - Synaptics Incorporated.

AD1984A Arkusz danych(HTML) 2 Page - Synaptics Incorporated.

  AD1984A Datasheet HTML 1Page - Synaptics Incorporated. AD1984A Datasheet HTML 2Page - Synaptics Incorporated.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Ordering Information
Table 1. Performance Characteristics
Parameter
Min
Typ
Max
Unit
Line-Out Drive (10 k
Ω loads—DAC to Pin)
Total Harmonic Distortion (THD + N)
Dynamic Range (–60 dB in ref to fS A-Weighted)
Signal-to-Noise Ratio
–86
101
101
dB
dB
dB
Headphone Drive (32
Ω loads—DAC to Pin)
Total Harmonic Distortion (THD + N)
Dynamic Range (–60 dB in ref to fS A-Weighted)
Signal-to-Noise Ratio
–84
101
101
dB
dB
dB
Input Ports (Mic Boost = 0 dB)
Total Harmonic Distortion (THD + N)
Dynamic Range (–60 dB in ref to fS A-Weighted)
Signal-to-Noise Ratio
–80
92
92
dB
dB
dB
Table 2. Specifications
Parameter
Min
Typ
Max
Unit
Analog-to-Digital Converters
Resolution
24
Bits
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.2
±0.5
dB
ADC Offset Error
±5mV
ADC Crosstalk
Line Inputs (Input L, Ground R, Read R; Input R, Ground L, Read L)
–94
dB
Line Inputs to Other
–100
–80
dB
Digital-to-Analog Converters
Resolution
24
Bits
Gain Error (Full-Scale Span Relative to Nominal Input Voltage)
±10
%
Interchannel Gain Mismatch (Difference of Gain Errors)
±0.5
dB
DAC Crosstalk (Input L, Zero R, Measure R_OUT; Input R, Zero L, Measure L_OUT)
–104
dB
Analog Mixer
Signal-to-Noise Reduction (SNR) Input to Output
95
dB
Step Size: All Mixer Inputs
1.5
dB
Input Gain/Attenuation Range: All Mixer Inputs
–34.5
+12.0
dB
Device Set Order ID
Package Type
Package
Operating
Temperature
AD1984AJCPZ*
QFN
48-Lead QFN, 7x7 mm
0°C to 70°C
*Lead-free (Pb Free) and RoHS compliant
© 2012 Conexant Systems, Inc. All Rights Reserved. Conexant and the
Conexant logo are registered trademarks of Conexant Systems, Inc. All other
trademarks are owned by their respective owners. Although Conexant strives
for accuracy in all its publications, this material may contain errors or
omissions and is subject to change without notice. THIS MATERIAL IS
PROVIDED AS IS AND WITHOUT ANY EXPRESS OR IMPLIED
WARRANTIES, INCLUDING MERCHANT ABILITY, FITNESS FOR A
PAPARTICULAR PURPOSE AND NON-INFRINGEMENT. Conexant shall
not be liable for any special, indirect, incidental or consequential damages as
a result of its use.
www.conexant.com
General Information:
U.S. and Canada: (888) 855-4562
International: 1+ (949) 483-3000
Headquarters
4000 MacArthur Blvd.
Newport Beach, CA 92660
Doc# PBR-203106


Podobny numer części - AD1984A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD1984A AD-AD1984A Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984AJCPZ AD-AD1984AJCPZ Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
AD1984AJCPZ-RL AD-AD1984AJCPZ-RL Datasheet
298Kb / 20P
   High Definition Audio SoundMAX Codec
REV. 0
More results

Podobny opis - AD1984A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Rohm
BH3544F ROHM-BH3544F Datasheet
213Kb / 5P
   Stereo Headphone Amplifiers
BH3547F ROHM-BH3547F Datasheet
217Kb / 5P
   Stereo Headphone Amplifiers
BH3541F ROHM-BH3541F_09 Datasheet
392Kb / 9P
   Stereo Headphone Amplifiers
logo
Maxim Integrated Produc...
MAX9750 MAXIM-MAX9750 Datasheet
669Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
Rev 0; 1/04
MAX9750 MAXIM-MAX9750_V01 Datasheet
481Kb / 30P
   2.6W Stereo Audio Power Amplifiers and DirectDrive Headphone Amplifiers
19-3006; Rev 8; 6/08
MAX9728AETC-T MAXIM-MAX9728AETC-T Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728A MAXIM-MAX9728A Datasheet
287Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
Rev 1; 7/09
MAX9728 MAXIM-MAX9728 Datasheet
309Kb / 19P
   60mW, DirectDrive, Stereo Headphone Amplifiers with Shutdown
19-3963; Rev 1; 7/09
logo
Toshiba Semiconductor
TB2173FTG TOSHIBA-TB2173FTG Datasheet
252Kb / 19P
   2-Source Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com