Zakładka z wyszukiwarką danych komponentów |
|
ST0603XR104M101 Arkusz danych(PDF) 8 Page - MERITEK ELECTRONICS CORPORATION |
|
ST0603XR104M101 Arkusz danych(HTML) 8 Page - MERITEK ELECTRONICS CORPORATION |
8 / 10 page STORAGE To prevent the damage of solderability of terminations, the following storage conditions are recommended: Indoors under 5 ~ 40℃ and 20% ~ 70% RH. No harmful gases containing sulfuric acid, ammonia, hydrogen sulfide or chlorine. Packaging should not be opened until the capacitors are required for use. If opened, the pack should be re-sealed as soon as is practicable. Taped product should be stored out of direct sunlight, which might promote deterioration in tape or adhesion performance. The capacitors should be used within 6 months and checked the solderability before use. HANDLING Chip capacitors are dense, hard, brittle, and abrasive materials. They are liable to suffer mechanical damage, in the form of cracks or chips. Chip Capacitors should be handled with care to avoid contamination or damage. To use vacuum or plastic tweezers to pick up or plastic tweezers is recommended for manual placement. Tape and reeled packages are suitable for automatic pick and placement machine. PREHEAT In order to minimize the risk of thermal shock during soldering, a carefully controlled preheat is required. The rate of preheat should not exceed 4℃ per second and the final preheat temperature should be within 100℃ of the soldering temperature for small chips such as 0603, 0805 and 1206, within 50℃ of the soldering temperature for bigger chips such as 1210, 1808, 1812, 1825, 2220 and 2225, etc. SOLDERING Use middy activated rosin RA and RMA fluxes do not use activated flux. The amount of solder in each solder joint should be controlled to prevent the damage of chip capacitors caused by the stress between solder, chips, and substrate. Hand soldering with temperature-controlled iron not exceeding 30 watts and diameter of tip less than 1.2 mm is recommended, tip of iron should not contact the ceramic body directly, and the temperature of iron should be set to not more than 260℃. For bigger chips such as 1210, 1808, 1812, 1825, 2220 and 2225, etc. wave soldering and hand soldering are no recommended. Recommended soldering profiles as following: Soldering Solder Temp.(T) Soldering Time (t) Reflow 235 – 260 ℃ < 15 sec. Wave 230 – 260 ℃ < 5 sec. Chip Size Δ T 0603, 0805, 1206 100 ℃ 1210, 1808, 1812, 1825, 2220, 2225 50 ℃ COOLING After soldering, cool the chips and the substrate gradually to room temperature. Natural cooling in air is recommended to minimize stress in the solder joint. A cooling rate not exceeding 4℃ per second should be used when forced cooling is necessary. CLEANING All flux residues must be removed by using suitable electronic-grade vapor-cleaning solvents to eliminate contamination that could cause electrolytic surface corrosion. Good results can be obtained by using ultrasonic cleaning of the solvent. The choice of the proper system is depends upon many factors such as component mix, flux, and solder paste and assembly method. The ability of the cleaning system to remove flux residues and contamination from under the chips is very important. preheat soldering cooling Δ T 60 sec. t 120 sec. 100 200 (℃) Soft Termination Multilayer Ceramic Chip Capacitors RoHS MERITEK ST Series APPLICATION NOTES Rev.7 |
Podobny numer części - ST0603XR104M101 |
|
Podobny opis - ST0603XR104M101 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |