Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8184 Arkusz danych(PDF) 1 Page - Analog Devices

Numer części AD8184
Szczegółowy opis  700 MHz, 5 mA 4-to-1 Video Multiplexer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8184 Arkusz danych(HTML) 1 Page - Analog Devices

  AD8184 Datasheet HTML 1Page - Analog Devices AD8184 Datasheet HTML 2Page - Analog Devices AD8184 Datasheet HTML 3Page - Analog Devices AD8184 Datasheet HTML 4Page - Analog Devices AD8184 Datasheet HTML 5Page - Analog Devices AD8184 Datasheet HTML 6Page - Analog Devices AD8184 Datasheet HTML 7Page - Analog Devices AD8184 Datasheet HTML 8Page - Analog Devices AD8184 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
REV. 0
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
700 MHz, 5 mA
4-to-1 Video Multiplexer
AD8184
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 617/329-4700
World Wide Web Site: http://www.analog.com
Fax: 617/326-8703
© Analog Devices, Inc., 1997
PRODUCT DESCRIPTION
The AD8184 is a high speed 4-to-1 multiplexer. It offers –3 dB
signal bandwidth of 700 MHz along with a slew rate of 750 V/
µs.
With 95 dB of crosstalk and 115 dB isolation, it is useful in
many high speed applications. The differential gain and differ-
ential phase error of 0.01% and 0.01
°, along with 0.1 dB flatness
of 75 MHz, make AD8184 ideal for professional video multi-
plexing. It offers 10 ns switching time, making it an excellent
choice for pixel switching (picture-in-picture) while consuming
less than 4.5 mA on
±5 V supply voltage.
The AD8184 offers a high speed disable feature allowing the
output to be put into a high impedance state. This allows mul-
tiple outputs to be connected together for cascading stages while
the “OFF” channels do not load the output bus. It operates on
voltage supplies of
±5 V and is offered in 14-lead PDIP and
SOIC packages.
*All trademarks are the property of their respective holders.
Table I. Truth Table
ENABLE
A1
A0
OUTPUT
0
0
0
IN0
0
0
1
IN1
0
1
0
IN2
0
1
1
IN3
1
X
X
High Z
FEATURES
Single and Dual 2-to-1 Also Available (AD8180 and AD8182)
Fully Buffered Inputs and Outputs
Fast Channel Switching: 10 ns
High Speed
> 700 MHz Bandwidth (–3 dB)
> 750 V/ s Slew Rate
Fast Settling Time of 15 ns to 0.1%
Excellent Video Specifications (RL > 2 k )
Gain Flatness of 0.1 dB of 75 MHz
0.01% Differential Gain Error, RL = 10 k
0.01 Differential Phase Error, RL = 10 k
Low Power: 4.4 mA
Low Glitch: < 25 mV
Low All-Hostile Crosstalk of –95 dB @ 5 MHz
High “OFF” Isolation of –115 dB @ 5 MHz
Low Cost
Fast Output Disable Feature for Connecting Multiple Devices
APPLICATIONS
Pin Compatible with HA4314* and GX4314*
Video Switchers and Routers
Pixel Switching for “Picture-In-Picture”
Switching in LCD and Plasma Displays
FUNCTIONAL BLOCK DIAGRAM
1
2
3
4
14
13
12
11
AD8184
ENABLE
A1
5
6
7
10
9
8
OUT
DECODER
+1
+1
+1
+1
A0
+VS
NC
–VS
NC = NO CONNECT
IN0
GND
IN1
IN2
GND
IN3
GND
FREQUENCY – Hz
1M
10M
100M
1G
5
4
–5
3
2
1
0
–1
–2
–3
–4
VIN = 50mVrms
RL = 5kΩ
Figure 1. Small Signal Frequency Response


Podobny numer części - AD8184

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8184ARZ-REEL7 AD-AD8184ARZ-REEL7 Datasheet
230Kb / 12P
   700 MHz, 5 mA 4-to-1 Video Multiplexer
REV. 0
AD8184 AD-AD8184_15 Datasheet
230Kb / 12P
   700 MHz, 5 mA 4-to-1 Video Multiplexer
REV. 0
More results

Podobny opis - AD8184

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8184ARZ-REEL7 AD-AD8184ARZ-REEL7 Datasheet
230Kb / 12P
   700 MHz, 5 mA 4-to-1 Video Multiplexer
REV. 0
AD8184 AD-AD8184_15 Datasheet
230Kb / 12P
   700 MHz, 5 mA 4-to-1 Video Multiplexer
REV. 0
AD9300 AD-AD9300 Datasheet
158Kb / 8P
   4 x 1 Wideband Video Multiplexer
REV. A
logo
National Semiconductor ...
LMH6574 NSC-LMH6574_05 Datasheet
857Kb / 14P
   4:1 High Speed Video Multiplexer
logo
Tyco Electronics
A611 MACOM-A611 Datasheet
375Kb / 2P
   Cascadable Amplifier 5 to 700 MHz
logo
M/A-COM Technology Solu...
A611 MA-COM-A611_15 Datasheet
641Kb / 3P
   Cascadable Amplifier 5 to 700 MHz
A611 MA-COM-A611 Datasheet
1Mb / 2P
   Cascadable Amplifier 5 to 700 MHz
logo
National Semiconductor ...
LMH6574 NSC-LMH6574 Datasheet
860Kb / 15P
   4:1 High Speed Video Multiplexer
logo
Zetex Semiconductors
ZXFV302EV ZETEX-ZXFV302EV Datasheet
114Kb / 3P
   4:1 CHANNEL VIDEO MULTIPLEXER EVALUATION BOARD
logo
Burr-Brown (TI)
MPC100 BURR-BROWN-MPC100 Datasheet
351Kb / 15P
   Wide Bandwidth 4 x 1 VIDEO MULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com