Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8200 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD8200
Szczegółowy opis  High Common-Mode Voltage, Single Supply Difference Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8200 Arkusz danych(HTML) 8 Page - Analog Devices

  AD8200 Datasheet HTML 1Page - Analog Devices AD8200 Datasheet HTML 2Page - Analog Devices AD8200 Datasheet HTML 3Page - Analog Devices AD8200 Datasheet HTML 4Page - Analog Devices AD8200 Datasheet HTML 5Page - Analog Devices AD8200 Datasheet HTML 6Page - Analog Devices AD8200 Datasheet HTML 7Page - Analog Devices AD8200 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
REV. 0
AD8200
–8–
HIGH LINE CURRENT SENSING WITH LPF AND GAIN
ADJUSTMENT
Figure 11 is another refinement of Figure 1, including gain
adjustment and low-pass filtering.
–IN GND A1
A2
+IN
NC +VS OUT
AD8200
5V
OUTPUT
4V/AMP
INDUCTIVE
LOAD
POWER
DEVICE
4 TERM
SHUNT
CLAMP
DIODE
BATTERY
14V
COMMON
C
VOS/IB
NULL
191k
20k
5% CALIBRATION RANGE
FC = 0.796Hz – F
(0.22 F FOR f = 3.6 Hz)
NC = NO CONNECT
Figure 11. High-Line Current Sensor Interface. Gain =
×40,
Single-Pole, Low-Pass Filter
A power device that is either ‘ON’ or ‘OFF’ controls the current
in the load. The average current is proportional to the duty cycle
of the input pulse, and is sensed by a small value resistor. The
average differential voltage across the shunt is typically 100 mV,
although its peak value will be higher by an amount that depends
on the inductance of the load and the control frequency. The
common-mode voltage, on the other hand, extends from roughly
1 V above ground, when the switch is ‘ON,’ to about 1.5 V
above the battery voltage, when the device is ‘OFF,’ and the
clamp diode conducts. If the maximum battery voltage spikes
up to 20 V, the common-mode voltage at the input can be as
high as 21.5 V.
To produce a full-scale output of 4 V, a gain
×40 is used, adjust-
able by
±5% to absorb the tolerance in the shunt. There is
sufficient headroom to allow 10% overrange (to 4.4 V). The
roughly triangular voltage across the sense resistor is averaged
by a single-pole, low-pass filter, here set with a corner frequency
= 3.6 Hz, which provides about 30 dB of attenuation at 100 Hz.
A higher rate of attenuation can be obtained using a two-pole
filter having fC = 20 Hz, as shown in Figure 12. Although this
circuit uses two separate capacitors, the total capacitance is less
than half that needed for the single-pole filter.
–IN GND A1
A2
+IN
NC +VS OUT
AD8200
5V
OUTPUT
INDUCTIVE
LOAD
POWER
DEVICE
4 TERM
SHUNT
CLAMP
DIODE
BATTERY
14V
COMMON
C
127k
432k
50k
FC = 1Hz – F
(0.05 F FOR fC = 20Hz)
C
NC = NO CONNECT
Figure 12. Illustration of 2-Pole Low-Pass Filtering
DRIVING CHARGE REDISTRIBUTION A/D
CONVERTERS
When driving CMOS ADCs, such as those embedded in popular
microcontrollers, the charge injection ( Q) can cause a signifi-
cant deflection in the output voltage of the AD8200. Though
generally of short duration, this deflection may persist until after
the sample period of the ADC has expired, due to the relatively
high open-loop output impedance of the AD8200. Including an
R-C network in the output can significantly reduce the effect.
The capacitor helps to absorb the transient charge, effectively
lowering the high-frequency output impedance of the AD8200.
For these applications, the output signal should be taken from the
midpoint of the RLAG–CLAG combination as shown in Figure 13.
Since the perturbations from the analog-to-digital converter are
small, the output impedance of the AD8200 will appear to be
low. The transient response will, therefore, have a time constant
governed by the product of the two LAG components, CLAG
×
RLAG. For the values shown in Figure 13, this time constant is
programmed at approximately 10
µs. Therefore, if samples are
taken at several tens of microseconds or more, there will be
negligible charge “stack-up.”
+IN
–IN
10k
10k
AD8200
5V
RLAG
1k
CLAG
0.01 F
PROCESSOR
A/D
A2
Figure 13. Recommended Circuit for Driving CMOS A /D
8-Lead SOIC Package
(SO-8)
0.0098 (0.25)
0.0075 (0.19)
0.0500 (1.27)
0.0160 (0.41)
8
0
0.0196 (0.50)
0.0099 (0.25)
45
85
4
1
0.1968 (5.00)
0.1890 (4.80)
0.2440 (6.20)
0.2284 (5.80)
PIN 1
0.1574 (4.00)
0.1497 (3.80)
0.0500 (1.27)
BSC
0.0688 (1.75)
0.0532 (1.35)
SEATING
PLANE
0.0098 (0.25)
0.0040 (0.10)
0.0192 (0.49)
0.0138 (0.35)
OUTLINE DIMENSIONS
Dimensions shown in inches and (mm).


Podobny numer części - AD8200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8200 AD-AD8200 Datasheet
287Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8200YCHIPS AD-AD8200YCHIPS Datasheet
287Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8200YCSURF AD-AD8200YCSURF Datasheet
287Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8200YR AD-AD8200YR Datasheet
287Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8200YR-REEL AD-AD8200YR-REEL Datasheet
287Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
More results

Podobny opis - AD8200

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8202 AD-AD8202_15 Datasheet
301Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
Rev. H
AD8203 AD-AD8203_15 Datasheet
293Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8202 AD-AD8202_05 Datasheet
337Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. D
AD8202 AD-AD8202 Datasheet
269Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. A
AD8200 AD-AD8200_15 Datasheet
947Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8200 AD-AD8200_03 Datasheet
287Kb / 12P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD8203 AD-AD8203 Datasheet
313Kb / 20P
   High Common-Mode Voltage, Single-Supply Difference Amplifier
REV. B
AD629 AD-AD629 Datasheet
302Kb / 12P
   High Common-Mode Voltage Difference Amplifier
REV. A
logo
Burr-Brown (TI)
INA117 BURR-BROWN-INA117 Datasheet
192Kb / 14P
   High Common-Mode Voltage DIFFERENCE AMPLIFIER
logo
Texas Instruments
INA117KUG4 TI1-INA117KUG4 Datasheet
312Kb / 17P
[Old version datasheet]   High Common-Mode Voltage DIFFERENCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com