Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AD8306 Arkusz danych(PDF) 8 Page - Analog Devices

Numer części AD8306
Szczegółowy opis  5 MHz-400 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

AD8306 Arkusz danych(HTML) 8 Page - Analog Devices

Back Button AD8306 Datasheet HTML 4Page - Analog Devices AD8306 Datasheet HTML 5Page - Analog Devices AD8306 Datasheet HTML 6Page - Analog Devices AD8306 Datasheet HTML 7Page - Analog Devices AD8306 Datasheet HTML 8Page - Analog Devices AD8306 Datasheet HTML 9Page - Analog Devices AD8306 Datasheet HTML 10Page - Analog Devices AD8306 Datasheet HTML 11Page - Analog Devices AD8306 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
REV. A
AD8306
–8–
voltage sensitivity. Most interfaces have additional small junc-
tion capacitances associated with them, due to active devices or
ESD protection; these may be neither accurate nor stable.
Component numbering in each of these interface diagrams is
local.
Enable Interface
The chip-enable interface is shown in Figure 20. The current in
R1 controls the turn-on and turn-off states of the band-gap
reference and the bias generator, and is a maximum of 100
µA
when Pin 8 is taken to 5 V. Left unconnected, or at any voltage
below 1 V, the AD8306 will be disabled, when it consumes a
sleep current of much less than 1
µA (leakage currents only); when
tied to the supply, or any voltage above 2 V, it will be fully enabled.
The internal bias circuitry requires approximately 300 ns for
either OFF or ON, while a delay of some 6
µs is required for the
supply current to fall below 10
µA.
1.3k
50k
4k
COMM
ENBL
R1
60k
TO BIAS
ENABLE
Figure 20. Enable Interface
Input Interface
Figure 21 shows the essentials of the signal input interface. The
parasitic capacitances to ground are labeled CP; the differential
input capacitance, CD, mainly due to the diffusion capacitance
of Q1 and Q2. In most applications both input pins are ac-
coupled. The switch S closes when Enable is asserted. When
disabled, the inputs float, bias current IE is shut off, and the
coupling capacitors remain charged. If the log amp is disabled
for long periods, small leakage currents will discharge these
capacitors. If they are poorly matched, charging currents at
power-up can generate a transient input voltage which may
block the lower reaches of the dynamic range until it has be-
come much less than the signal.
RIN = 1k
CC
CC
SIGNAL
INPUT
INLO
INHI
VPS1
COMM
1.78V
3.65k
3.65k
1.725V
1.725V
CD
2.5pF
IB = 15mA
(TOP-END
DETECTORS)
CP
CP
RIN = 3k
Q1
20e
Q2
20e
130
3.4mA
PTAT
GAIN BIAS
1.26V
67
67
TO STAGES
1 THRU 5
TO 2ND
STAGE
S
2.6k
Figure 21. Signal Input Interface
In most applications, the input signal will be single-sided, and
may be applied to either Pin 4 or 5, with the remaining pin ac-
coupled to ground. Under these conditions, the largest input
signal that can be handled is –3 dBV (sine amplitude of 1 V)
when operating from a 3 V supply; a +3 dBV input may be
handled using a supply of 4.5 V or greater. When using a fully-
balanced drive, the +3 dBV level may be achieved for the sup-
plies down to 2.7 V and +9 dBV using >4.5 V. For frequencies
in the range 10 MHz to 200 MHz these high drive levels are
easily achieved using a matching network. Using such a net-
work, having an inductor at the input, the input transient is
eliminated.
Limiter Output Interface
The simplified limiter output stage is shown in Figure 22. The
bias for this stage is provided by a temperature-stable reference
voltage of nominally 400 mV which is forced across the exter-
nal resistor RLIM connected from Pin 9 (LMDR, or limiter
drive) by a special op amp buffer stage. The biasing scheme
also introduces a slight “lift” to this voltage to compensate for
the finite current gain of the current source Q3 and the output
transistors Q1 and Q2. A maximum current of 10 mA is per-
missible (RLIM = 40 Ω). In special applications, it may be desir-
able to modulate the bias current; an example of this is provided
in the Applications section. Note that while the bias currents are
temperature stable, the ac gain of this stage will vary with tem-
perature, by –6 dB over a 120
°C range.
A pair of supply and temperature stable complementary cur-
rents is generated at the differential output LMHI and LMLO
(Pins 12 and 13), having a square wave form with rise and fall
times of typically 0.6 ns, when load resistors of 50
Ω are used.
The voltage at these output pins may swing to 1.2 V below the
supply voltage applied to VPS2 (Pin 15).
Because of the very high gain bandwidth product of this ampli-
fier considerable care must be exercised in using the limiter
outputs. The minimum necessary bias current and voltage
swings should be used. These outputs are best utilized in a
fully-differential mode. A flux-coupled transformer, a balun, or
an output matching network can be selected to transform these
voltages to a single-sided form. Equal load resistors are recom-
mended, even when only one output pin is used, and these
should always be returned to the same well decoupled node on
the PC board. When the AD8306 is used only to generate an
RSSI output, the limiter should be completely disabled by
omitting RLIM and strapping LMHI and LMLO to VPS2.
OA
VPS2
LMHI
LMLO
COM1
LMDR
RLIM
2.6k
1.3k
1.3k
Q1
4e
Q2
4e
Q3
1.3k
1.3k
FROM FINAL
LIMITER STAGE
400mV
ZERO-TC
Figure 22. Limiter Output Interface
RSSI Output Interface
The outputs from the ten detectors are differential currents,
having an average value that is dependent on the signal input
level, plus a fluctuation at twice the input frequency. The cur-
rents are summed at the internal nodes LGP and LGN shown
in Figure 23. A further current IT is added to LGP, to position


Podobny numer części - AD8306

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8306-EVAL AD-AD8306-EVAL Datasheet
401Kb / 16P
   Limiting-Logarithmic Amplifier
REV. A
AD8306ACHIPS AD-AD8306ACHIPS Datasheet
401Kb / 16P
   Limiting-Logarithmic Amplifier
REV. A
AD8306AR AD-AD8306AR Datasheet
401Kb / 16P
   Limiting-Logarithmic Amplifier
REV. A
AD8306AR-REEL AD-AD8306AR-REEL Datasheet
401Kb / 16P
   Limiting-Logarithmic Amplifier
REV. A
AD8306AR-REEL7 AD-AD8306AR-REEL7 Datasheet
401Kb / 16P
   Limiting-Logarithmic Amplifier
REV. A
More results

Podobny opis - AD8306

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD8306 AD-AD8306_15 Datasheet
401Kb / 16P
   5 MHz??00 MHz 100 dB High Precision Limiting-Logarithmic Amplifier
REV. A
AD8309ARUZ AD-AD8309ARUZ Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier
REV. B
AD8309 AD-AD8309 Datasheet
311Kb / 20P
   5 MHz.500 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
AD8309 AD-AD8309_15 Datasheet
315Kb / 20P
   5 MHz??00 MHz 100 dB Demodulating Logarithmic Amplifier with Limiter Output
REV. B
logo
Hittite Microwave Corpo...
HMC713MS8 HITTITE-HMC713MS8_10 Datasheet
838Kb / 10P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC713MS8 HITTITE-HMC713MS8 Datasheet
542Kb / 10P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
HMC713MS8 HITTITE-HMC713MS8_09 Datasheet
541Kb / 10P
   54 dB, LOGARITHMIC DETECTOR / CONTROLLER, 100 - 2700 MHz
logo
Analog Devices
AD8306ARZ AD-AD8306ARZ Datasheet
401Kb / 16P
   Limiting-Logarithmic Amplifier
REV. A
AD8307 AD-AD8307 Datasheet
394Kb / 20P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. A
AD8307 AD-AD8307_06 Datasheet
508Kb / 24P
   Low Cost DC-500 MHz, 92 dB Logarithmic Amplifier
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com